전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

74AUP1G126 데이터시트(PDF) 6 Page - Diodes Incorporated

부품명 74AUP1G126
상세설명  SINGLE BUFFER GATE WITH 3-STATE OUTPUT
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  DIODES [Diodes Incorporated]
홈페이지  http://www.diodes.com
Logo DIODES - Diodes Incorporated

74AUP1G126 데이터시트(HTML) 6 Page - Diodes Incorporated

Back Button 74AUP1G126 Datasheet HTML 2Page - Diodes Incorporated 74AUP1G126 Datasheet HTML 3Page - Diodes Incorporated 74AUP1G126 Datasheet HTML 4Page - Diodes Incorporated 74AUP1G126 Datasheet HTML 5Page - Diodes Incorporated 74AUP1G126 Datasheet HTML 6Page - Diodes Incorporated 74AUP1G126 Datasheet HTML 7Page - Diodes Incorporated 74AUP1G126 Datasheet HTML 8Page - Diodes Incorporated 74AUP1G126 Datasheet HTML 9Page - Diodes Incorporated 74AUP1G126 Datasheet HTML 10Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
74AUP1G126
Document number: DS35158 Rev. 1 - 2
6 of 13
www.diodes.com
August 2012
© Diodes Incorporated
74AUP1G126
Switching Characteristics
CL=5pF see Figure 1
Parameter
From
Input
TO
OUTPUT
VCC
TA = +25°C
TA = -40°C to +85°C
TA = -40°C to +125°C
Unit
Min
Typ
Max
Min
Max
Min
Max
tpd
A
Y
0.8V
20.6
ns
1.2V ± 0.1V
2.5
5.5
10.5
2.5
11.7
2.5
12.9
1.5V ± 0.1V
2.0
3.9
6.1
2.0
7.3
2.0
8.1
1.8V ± 0.15V
1.9
3.2
4.8
1.7
6.1
1.7
6.7
2.5V ± 0.2V
1.6
2.6
3.6
1.4
4.3
1.4
4.9
3.3V ± 0.3V
1.4
2.4
3.1
1.2
3.9
1.2
4.4
ten
OE
Y
0.8V
71.6
ns
1.2V ± 0.1V
2.8
6.2
12.4
2.6
13.6
2.6
13.6
1.5V ± 0.1V
2.1
4.2
6.9
2.1
7.4
2.1
7.7
1.8V ± 0.15V
1.7
3.3
5.3
1.7
5.9
1.7
6.2
2.5V ± 0.2V
1.4
2.4
3.6
1.4
3.8
1.4
4.1
3.3V ± 0.3V
1.3
2.0
2.9
1.2
3.2
1.2
3.4
tdis
OE
Y
0.8V
10.3
ns
1.2V ± 0.1V
2.6
4.2
8.2
2.6
8.9
2.6
8.9
1.5V ± 0.1V
2.1
3.2
6.7
2.1
7.0
2.1
7.0
1.8V ± 0.15V
1.7
3.1
6.2
1.7
6.5
1.7
6.5
2.5V ± 0.2V
1.3
2.9
5.7
1.3
5.8
1.3
5.8
3.3V ± 0.3V
1.2
2.8
4.5
1.2
4.7
1.2
4.7
CL=10pF see Figure 1
Parameter
From
Input
TO
OUTPUT
VCC
TA = +25°C
TA = -40°C to +85°C
TA = -40°C to +125°C
Unit
Min
Typ
Max
Min
Max
Min
Max
tpd
A
Y
0.8V
24.0
ns
1.2V ± 0.1V
2.6
6.4
12.3
2.6
13.8
2.6
15.2
1.5V ± 0.1V
2.1
4.5
7.3
2.1
8.5
2.1
9.4
1.8V ± 0.15V
1.9
3.8
5.5
1.9
6.8
1.9
7.6
2.5V ± 0.2V
1.7
3.2
4.2
1.7
5.3
1.7
5.9
3.3V ± 0.3V
1.6
3.0
3.8
1.6
4.6
1.6
5.2
ten
OE
Y
0.8V
75.3
ns
1.2V ± 0.1V
3.0
7.1
14.1
3.0
15.4
3.0
15.4
1.5V ± 0.1V
2.1
4.8
8.0
2.1
8.3
2.1
8.6
1.8V ± 0.15V
1.7
3.9
5.9
1.7
6.5
1.7
6.8
2.5V ± 0.2V
1.4
2.9
4.2
1.4
4.5
1.4
4.8
3.3V ± 0.3V
1.3
2.6
3.6
1.3
3.8
1.3
4.0
tdis
OE
Y
0.8V
12.2
ns
1.2V ± 0.1V
3.3
7.9
10.1
3.3
11.1
3.3
11.1
1.5V ± 0.1V
2.1
7.0
9.3
2.1
10.1
2.1
10.1
1.8V ± 0.15V
1.7
6.3
8.7
1.7
9.1
1.7
9.1
2.5V ± 0.2V
1.4
4.9
7.6
1.4
7.8
1.4
7.8
3.3V ± 0.3V
1.3
4.1
5.7
1.3
5.8
1.3
5.8


유사한 부품 번호 - 74AUP1G126

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
74AUP1G126 PHILIPS-74AUP1G126 Datasheet
100Kb / 20P
   Low-Power buffer/line driver; 3-state
Rev. 01-25 July 2005
74AUP1G126 PHILIPS-74AUP1G126 Datasheet
378Kb / 25P
   Low-power buffer/line driver; 3-state
Rev. 5-28 June 2012
logo
Nexperia B.V. All right...
74AUP1G126 NEXPERIA-74AUP1G126 Datasheet
310Kb / 22P
   Low-power buffer/line driver; 3-state
Rev. 9 - 14 January 2022
logo
Texas Instruments
74AUP1G126DBVRE4 TI-74AUP1G126DBVRE4 Datasheet
1,023Kb / 26P
[Old version datasheet]   LOW-POWER SINGLE BUS BUFFER GATE WITH 3-STATE OUTPUT
74AUP1G126DBVRG4 TI-74AUP1G126DBVRG4 Datasheet
1,023Kb / 26P
[Old version datasheet]   LOW-POWER SINGLE BUS BUFFER GATE WITH 3-STATE OUTPUT
More results

유사한 설명 - 74AUP1G126

제조업체부품명데이터시트상세설명
logo
Diodes Incorporated
74LVCE1G126 DIODES-74LVCE1G126 Datasheet
286Kb / 14P
   SINGLE BUFFER GATE WITH 3-STATE OUTPUT
DS32217 Rev. 2 - 2
74LVC1G125 DIODES-74LVC1G125 Datasheet
268Kb / 14P
   SINGLE BUFFER GATE WITH 3-STATE OUTPUT
DS32202 Rev. 2 - 2
74AHC1G125Q DIODES-74AHC1G125Q Datasheet
548Kb / 9P
   SINGLE BUFFER GATE WITH 3-STATE OUTPUT
August 2020 Rev. 1 - 2
74LVC1G125Q DIODES-74LVC1G125Q Datasheet
544Kb / 10P
   SINGLE BUFFER GATE WITH 3-STATE OUTPUT
June 2020 Rev. 2 - 2
74AHC1G126Q DIODES-74AHC1G126Q Datasheet
730Kb / 9P
   SINGLE BUFFER GATE WITH 3-STATE OUTPUT
March 2023 Rev. 2 - 2
74AHCT1G125 DIODES-74AHCT1G125 Datasheet
232Kb / 9P
   SINGLE BUFFER GATE WITH 3-STATE OUTPUT
74AHC1G125 DIODES-74AHC1G125_11 Datasheet
206Kb / 9P
   SINGLE BUFFER GATE WITH 3-STATE OUTPUT
74LVC1G126Q DIODES-74LVC1G126Q Datasheet
404Kb / 10P
   SINGLE BUFFER GATE WITH 3-STATE OUTPUT
June 2021 Rev. 3 - 2
74LVC1G126W5-7 DIODES-74LVC1G126W5-7 Datasheet
199Kb / 12P
   SINGLE BUFFER GATE WITH 3-STATE OUTPUT
74AHC1G126 DIODES-74AHC1G126_11 Datasheet
228Kb / 9P
   SINGLE BUFFER GATE WITH 3-STATE OUTPUT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com