전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CB61F7A 데이터시트(PDF) 3 Page - Cooper Bussmann, Inc.

부품명 CB61F7A
상세설명  Fast-Acting SMD Brick??Fuses
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  COOPER [Cooper Bussmann, Inc.]
홈페이지  http://www.cooperbussmann.com
Logo COOPER - Cooper Bussmann, Inc.

CB61F7A 데이터시트(HTML) 3 Page - Cooper Bussmann, Inc.

  CB61F7A Datasheet HTML 1Page - Cooper Bussmann, Inc. CB61F7A Datasheet HTML 2Page - Cooper Bussmann, Inc. CB61F7A Datasheet HTML 3Page - Cooper Bussmann, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
© 2012 Cooper Bussmann
www.cooperbussmann.com
0112
BU-SB111447
Page 3 of 3
Data Sheet 4377
The only controlled copy of this Data Sheet is the electronic read-only version located on the Cooper Bussmann Network Drive. All other copies of this document are by definition uncontrolled. This bulletin is
intended to clearly present comprehensive product data and provide technical information that will help the end user with design applications. Cooper Bussmann reserves the right, without notice, to change
design or construction of any products and to discontinue or limit distribution of any products. Cooper Bussmann also reserves the right to change or update, without notice, any technical information con-
tained in this bulletin. Once a product has been selected, it should be tested by the user in all possible applications.
Life Support Policy: Cooper Bussmann does not authorize the use of any of its products for use in life support devices or systems without the express written approval of an officer of the Company. Life sup-
port systems are devices which support or sustain life, and whose failure to perform, when properly used in accordance with instructions for use provided in the labeling, can be reasonably expected to result
in significant injury to the user.
Packaging Code
Packaging Code Suffix
Description
-TR1
1000 Fuses in Tape and Reel on 7 inch (178mm) diameter reel
-TR2
5000 Fuses in Tape and Reel on 13 inch (330mm) diameter reel
Recommended Pad Layout
Soldering Characteristics
Wave Immersion
• Reservoir Temperature: 260° C
• Time in Reservoir : 10 Seconds Maximum
Infrared Reflow
• Temperature: 260° C
• Time: 30 Seconds Maximum
Hand Soldering
• Maximum tip temperature: 350°C
• Maximum soldering time: 5 seconds max
Recommend Reflow Profile


유사한 부품 번호 - CB61F7A

제조업체부품명데이터시트상세설명
logo
Cooper Bussmann, Inc.
CB61F7A COOPER-CB61F7A Datasheet
387Kb / 3P
   Fast-Acting SMD Brick??Fuses CB61F Series
CB61F7A COOPER-CB61F7A Datasheet
387Kb / 3P
   Fast-Acting SMD Brick Fuses CB61F Series
logo
Eaton All Rights Reserv...
CB61F7A EATON-CB61F7A Datasheet
600Kb / 3P
   Fast-acting surface mount Brick??fuses
More results

유사한 설명 - CB61F7A

제조업체부품명데이터시트상세설명
logo
Cooper Bussmann, Inc.
CB61F4A-TR1 COOPER-CB61F4A-TR1 Datasheet
387Kb / 3P
   Fast-Acting SMD Brick??Fuses CB61F Series
CB61F10A-TR1 COOPER-CB61F10A-TR1 Datasheet
387Kb / 3P
   Fast-Acting SMD Brick Fuses CB61F Series
1025FA250-R COOPER-1025FA250-R Datasheet
315Kb / 2P
   Brick??Fuses 1025FA Series, Fast-Acting
logo
Eaton All Rights Reserv...
CB61F EATON-CB61F Datasheet
600Kb / 3P
   Fast-acting surface mount Brick??fuses
logo
Bourns Electronic Solut...
SF-2410F-T BOURNS-SF-2410F-T Datasheet
531Kb / 7P
   Fast Acting SMD Fuses
SF-1206F-M BOURNS-SF-1206F-M Datasheet
537Kb / 5P
   Fast Acting SMD Fuses
SF-2410FP-T BOURNS-SF-2410FP-T Datasheet
609Kb / 9P
   Fast Acting Precision SMD Fuses
logo
List of Unclassifed Man...
KTU-601 ETC1-KTU-601 Datasheet
664Kb / 4P
   fast-acting fuses
logo
Cooper Bussmann, Inc.
SFE-20 COOPER-SFE-20 Datasheet
19Kb / 1P
   Automotive Glass Fuses Fast-Acting Fast-Acting
logo
List of Unclassifed Man...
ATM1 ETC2-ATM1 Datasheet
401Kb / 1P
   Fast-Acting Midget Fuses
More results


Html Pages

1 2 3


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com