전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

74275812 데이터시트(PDF) 1 Page - Wurth Elektronik GmbH & Co. KG, Germany.

부품명 74275812
상세설명  STAR-BUENO Snap Ferrite with optical closing control mechanism
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  WURTH [Wurth Elektronik GmbH & Co. KG, Germany.]
홈페이지  http://www.we-online.com
Logo WURTH - Wurth Elektronik GmbH & Co. KG, Germany.

74275812 데이터시트(HTML) 1 Page - Wurth Elektronik GmbH & Co. KG, Germany.

  74275812 Datasheet HTML 1Page - Wurth Elektronik GmbH & Co. KG, Germany. 74275812 Datasheet HTML 2Page - Wurth Elektronik GmbH & Co. KG, Germany. 74275812 Datasheet HTML 3Page - Wurth Elektronik GmbH & Co. KG, Germany. 74275812 Datasheet HTML 4Page - Wurth Elektronik GmbH & Co. KG, Germany.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
2.1
2.0
1.0
REV
2012-06-27
2012-04-23
2011-03-21
DATE
SSt
SSt
SMu
BY
SSt
SMu
-
CHECKED
Würth Elektronik eiSos GmbH & Co. KG
EMC & Inductive Solutions
Max-Eyth-Str. 1
74638 Waldenburg
Germany
Tel. +49 (0) 79 42 945 - 0
www.we-online.com
eiSos@we-online.com
DESCRIPTION
STAR-BUENO Snap Ferrite with optical
closing control mechanism
Order.- No.
74275812
SIZE
A4
A Dimensions: [mm]
Additional Features
Safety key to lock/ unkock
74271
B Applicable Cable Diameter: [mm]
D Electrical Properties:
Properties
Impedance @ 25 MHz 1 turn
Impedance @ 100 MHz 1 turn
Test conditions
25 MHz
100 MHz
Z
Z
Value
100
150
Unit
Ω
Ω
Tol.
±25%
±25%
E General information:
Storage Temperature (before assembly): 0°C to +40°C
Operating Temperature: -25°C to +105°C
Test conditions of Electrical Properties: 20°C, 33% RH
if not specified differently
This electronic component has been designed and developed for usage in general electronic equipment only. This product is not authorized for use in equipment where a higher safety standard and reliability standard is especially required or where a failure of the product is reasonably expected to cause severe personal injury or death, unless the parties have executed an agreement specifically governing such use.
Moreover Würth Elektronik eiSos GmbH & Co KG products are neither designed nor intended for use in areas such as military, aerospace, aviation, nuclear control, submarine, transportation (automotive control, train control, ship control), transportation signal, disaster prevention, medical, public information network etc.. Würth Elektronik eiSos GmbH & Co KG must be informed about the intent of such usage before
the design-in stage. In addition, sufficient reliability evaluation checks for safety must be performed on every electronic component which is used in electrical circuits that require high safety and reliability functions or performance.


유사한 부품 번호 - 74275812

제조업체부품명데이터시트상세설명
logo
Wurth Elektronik GmbH &...
74275812S WURTH-74275812S Datasheet
1Mb / 6P
   WE-STAR-BUENO Snap Ferrite with optical closing control mechanism
001.004
More results

유사한 설명 - 74275812

제조업체부품명데이터시트상세설명
logo
Wurth Elektronik GmbH &...
74275813 WURTH-74275813 Datasheet
496Kb / 4P
   STAR-BUENO Snap Ferrite with optical closing control mechanism
74275815 WURTH-74275815 Datasheet
471Kb / 4P
   STAR-BUENO Snap Ferrite with optical closing control mechanism
74275813S WURTH-74275813S Datasheet
755Kb / 6P
   WE-STAR-BUENO Snap Ferrite with optical closing control mechanism
001.004
74275812S WURTH-74275812S Datasheet
1Mb / 6P
   WE-STAR-BUENO Snap Ferrite with optical closing control mechanism
001.004
74275815S WURTH-74275815S Datasheet
324Kb / 4P
   WE-STAR-BUENO Snap Ferrite with optical closing control mechanism
001.003
7427153 WURTH-7427153 Datasheet
509Kb / 4P
   STAR-RING Snap Ferrite with safety key technology
74272475 WURTH-74272475 Datasheet
436Kb / 4P
   STAR-FLAT Snap Ferrite with safety key technology
74272479 WURTH-74272479 Datasheet
443Kb / 4P
   STAR-FLAT Snap Ferrite with safety key technology
74271111 WURTH-74271111 Datasheet
440Kb / 4P
   STAR-TEC Snap Ferrite with safety key technology
742724759 WURTH-742724759 Datasheet
437Kb / 4P
   STAR-FLAT Snap Ferrite with safety key technology
More results


Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com