전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AM3357ZCZD27 데이터시트(PDF) 3 Page - Texas Instruments

부품명 AM3357ZCZD27
상세설명  AM335x ARM Cortex-A8 Microprocessors (MPUs)
Download  222 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

AM3357ZCZD27 데이터시트(HTML) 3 Page - Texas Instruments

  AM3357ZCZD27 Datasheet HTML 1Page - Texas Instruments AM3357ZCZD27 Datasheet HTML 2Page - Texas Instruments AM3357ZCZD27 Datasheet HTML 3Page - Texas Instruments AM3357ZCZD27 Datasheet HTML 4Page - Texas Instruments AM3357ZCZD27 Datasheet HTML 5Page - Texas Instruments AM3357ZCZD27 Datasheet HTML 6Page - Texas Instruments AM3357ZCZD27 Datasheet HTML 7Page - Texas Instruments AM3357ZCZD27 Datasheet HTML 8Page - Texas Instruments AM3357ZCZD27 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 222 page
background image
AM3359, AM3358, AM3357
AM3356, AM3354, AM3352
www.ti.com
SPRS717D – OCTOBER 2011 – REVISED MAY 2012
– Up to Three MMC/SD/SDIO Ports
the External Frame Buffer without
Burdening the Processor via Interrupts or
1-Bit, 4-Bit and 8-Bit MMC/SD/SDIO
a Firmware Timer
Modes
512-Word Deep Internal FIFO
MMCSD0 has dedicated Power Rail for
1.8-V or 3.3-V Operation
Supported Display Types:
Up to 48-MHz Data Transfer Rate
Character Displays - Uses LCD
Interface Display Driver (LIDD)
Supports Card Detect and Write Protect
Controller to Program these Displays
Complies with MMC4.3 and SD/SDIO 2.0
Passive Matrix LCD Displays - Uses
Specifications
LCD Raster Display Controller to
– Up to Three I2C Master/Slave Interfaces
Provide Timing and Data for Constant
Standard Mode (up to 100 kHz)
Graphics Refresh to a Passive Display
Fast Mode (up to 400 kHz)
Active Matrix LCD Displays - Uses
– Up to Four Banks of General-Purpose IO
External Frame Buffer Space and the
(GPIO)
Internal DMA Engine to Drive
32 GPIOs per Bank (Multiplexed with
Streaming Data to the Panel
Other Functional Pins)
– 12-Bit Successive Approximation Register
GPIOs Can be Used as Interrupt Inputs
(SAR) ADC
(Up to Two Interrupt Inputs per Bank)
200K Samples per Second
– Up to Three External DMA Event Inputs That
Input Can be Selected from any of the
Can Also be Used as Interrupt Inputs
Eight Analog Inputs Multiplexed Through
– Eight 32-Bit General-Purpose Timers
an 8:1 analog Switch
DMTIMER1 is a 1-ms Timer Used for
Can be Configured to Operate as a 4-wire,
Operating System (OS) Ticks
5-wire, or 8-wire Resistive Touch Screen
DMTIMER4 - DMTIMER7 are Pinned Out
Controller (TSC) Interface
– One Watchdog Timer
– Up to Three 32-Bit Enhanced Capture
Modules (eCAP)
– SGX530 3D Graphics Engine
Configurable as Three Capture Inputs or
Tile-Based Architecture Delivering Up to
Three Auxiliary PWM Outputs
20 MPloy/sec
– Up to Three Enhanced High-Resolution PWM
Universal Scalable Shader Engine is a
Modules (eHRPWM)
Multi-Threaded Engine Incorporating
Pixel and Vertex Shader Functionality
Dedicated 16-Bit Time-Base Counter with
Time and Frequency Controls
Advanced Shader Feature Set in Excess
of Microsoft VS3.0, PS3.0 and OGL2.0
Configurable as Six Single-Ended, Six
Dual-Edge Symmetric, or Three Dual-
Industry Standard API Support of
Edge Asymmetric Outputs
Direct3D Mobile, OGL-ES 1.1 and 2.0,
OpenVG 1.0, and OpenMax
– Up to Three 32-Bit Enhanced Quadrature
Encoder Pulse (eQEP) Modules
Fine-Grained Task Switching, Load
Balancing and Power Management
• Device Identification
Advanced Geometry DMA Driven
– Contains Electrical fuse Farm (FuseFarm) of
Operation for Minimum CPU Interaction
Which Some Bits are Factory Programmable
Programmable High-Quality Image Anti-
Production ID
Aliasing
Device Part Number (Unique JTAG ID)
Fully Virtualized Memory Addressing for
Device Revision (readable by Host ARM)
OS Operation in a Unified Memory
• Debug Interface Support
Architecture
– JTAG/cJTAG for ARM (Cortex-A8 and
– LCD Controller
PRCM), PRU-ICSS Debug
Up to 24-Bits Data Output; 8-Bits per
– Embedded Trace Module (ETM) and
Pixel (RGB)
Embedded Trace Buffer (ETB)
Resolution Up to 2048x2048 (With
– Supports Device Boundary Scan
Maximum 126-MHz Pixel Clock)
– Supports IEEE 1500
Integrated LCD Interface Display Driver
• DMA
(LIDD) Controller
– On-Chip Enhanced DMA Controller (EDMA)
Integrated Raster Controller
has Three Third-Party Transfer Controllers
Integrated DMA Engine to Pull Data from
(TPTC) and One Third-Party Channel
Copyright © 2011–2012, Texas Instruments Incorporated
Device Summary
3
Submit Documentation Feedback
Product Folder Links: AM3359 AM3358 AM3357 AM3356 AM3354 AM3352


유사한 부품 번호 - AM3357ZCZD27

제조업체부품명데이터시트상세설명
logo
Texas Instruments
AM3357ZCZD27 TI1-AM3357ZCZD27 Datasheet
2Mb / 236P
[Old version datasheet]   Sitara AM335x ARM Cortex-A8 Microprocessors (MPUs)
AM3357ZCZD27 TI1-AM3357ZCZD27 Datasheet
2Mb / 197P
[Old version datasheet]   AM335x ARM짰 Cortex??A8 Microprocessors (MPUs)
More results

유사한 설명 - AM3357ZCZD27

제조업체부품명데이터시트상세설명
logo
Texas Instruments
AM3359 TI1-AM3359 Datasheet
1Mb / 162P
[Old version datasheet]   AM335x ARM Cortex-A8 Microprocessors (MPUs)
AM3352BZCZ100 TI1-AM3352BZCZ100 Datasheet
2Mb / 236P
[Old version datasheet]   Sitara AM335x ARM Cortex-A8 Microprocessors (MPUs)
AM3359 TI1-AM3359_14 Datasheet
2Mb / 236P
[Old version datasheet]   Sitara AM335x ARM Cortex-A8 Microprocessors (MPUs)
AM3359 TI-AM3359_12 Datasheet
2Mb / 195P
[Old version datasheet]   AM335x ARM짰 Cortex??A8 Microprocessors (MPUs)
AM3359 TI1-AM3359_12 Datasheet
2Mb / 197P
[Old version datasheet]   AM335x ARM짰 Cortex??A8 Microprocessors (MPUs)
AM3359 TI-AM3359_13 Datasheet
2Mb / 236P
[Old version datasheet]   Sitara??AM335x ARM짰 Cortex??A8 Microprocessors (MPUs)
AM3874 TI1-AM3874 Datasheet
2Mb / 345P
[Old version datasheet]   AM387x Sitara ARM Microprocessors (MPUs)
AM3892 TI-AM3892 Datasheet
1Mb / 299P
[Old version datasheet]   AM389x Sitara ARM Microprocessors (MPUs)
logo
List of Unclassifed Man...
A10S ETC2-A10S Datasheet
1Mb / 82P
   ARM Cortex-A8 Core
A13 ETC2-A13 Datasheet
1Mb / 55P
   ARM Cortex A8 Core
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com