전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

VNH5180A-E 데이터시트(PDF) 10 Page - STMicroelectronics

부품명 VNH5180A-E
상세설명  Automotive fully integrated H-bridge motor driver
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VNH5180A-E 데이터시트(HTML) 10 Page - STMicroelectronics

Back Button VNH5180A-E Datasheet HTML 6Page - STMicroelectronics VNH5180A-E Datasheet HTML 7Page - STMicroelectronics VNH5180A-E Datasheet HTML 8Page - STMicroelectronics VNH5180A-E Datasheet HTML 9Page - STMicroelectronics VNH5180A-E Datasheet HTML 10Page - STMicroelectronics VNH5180A-E Datasheet HTML 11Page - STMicroelectronics VNH5180A-E Datasheet HTML 12Page - STMicroelectronics VNH5180A-E Datasheet HTML 13Page - STMicroelectronics VNH5180A-E Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 31 page
background image
Electrical specifications
VNH5180A-E
10/31
Doc ID 17074 Rev 5
IL(off)
High-side off-state output
current (per channel)
Tj =25°C; VOUTX =ENX =0 V;
VCC =13V
03
µA
Tj = 125 °C; VOUTX =ENX =0 V;
VCC =13 V
05
µA
IRM
Dynamic cross-
conduction current
IOUT= 2.5A (see Figure 6)0.6
A
Table 9.
Logic inputs (INA, INB, ENA, ENB, PWM, CS_DIS)
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
VIL
Input low level voltage
Normal operation
(DIAGX/ENX pin acts as an
input pin)
0.9
V
VIH
Input high level voltage
Normal operation
(DIAGX/ENX pin acts as an
input pin)
2.1
V
VIHYST
Input hysteresis voltage
Normal operation
(DIAGX/ENX pin acts as an
input pin)
0.15
V
VICL
Input clamp voltage
IIN = 1 mA
5.5
6.3
7.5
V
IIN = -1 mA
-1.0-0.7-0.3
V
IINL
Input current
VIN =0.9 V
1
µA
IINH
Input current
VIN =2.1 V
10
µA
VDIAG
Enable output low
level voltage
Fault operation
(DIAGX/ENX pin acts as an
output pin); IEN =1 mA
0.4
V
Table 10.
Switching (VCC =13 V, RLOAD =5 Ω)
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
f
PWM frequency
0
20
kHz
td(on)
Turn-on delay time
Input rise time < 1µs
(see
Figure 6)
250
µs
td(off)
Turn-off delay time
Input rise time < 1µs
(see
Figure 6)
250
µs
tr
Rise time
See
Figure 5
12
µs
tf
Fall time
See
Figure 5
12
µs
tDEL
Delay time during change
of operating mode
See
Figure 4
200
400
1600
µs
trr
High-side free wheeling
diode reverse recovery
time
See
Figure 7
400
ns
Table 8.
Power section (continued)
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit


유사한 부품 번호 - VNH5180A-E

제조업체부품명데이터시트상세설명
logo
STMicroelectronics
VNH5180A-E STMICROELECTRONICS-VNH5180A-E Datasheet
1Mb / 22P
   for car body applications
VNH5180A-E STMICROELECTRONICS-VNH5180A-E Datasheet
2Mb / 2P
   Fully-protected, eco-friendly motor control solutions
More results

유사한 설명 - VNH5180A-E

제조업체부품명데이터시트상세설명
logo
STMicroelectronics
VNH3SP30-E STMICROELECTRONICS-VNH3SP30-E Datasheet
637Kb / 33P
   Automotive fully integrated H-bridge motor driver
VNH7070AY STMICROELECTRONICS-VNH7070AY Datasheet
1Mb / 48P
   Automotive fully integrated H-bridge motor driver
March 2019 Rev 5
VNH7100AS STMICROELECTRONICS-VNH7100AS Datasheet
1Mb / 38P
   Automotive fully integrated H-bridge motor driver
October 2015 Rev 4
VNH5019A-E STMICROELECTRONICS-VNH5019A-E Datasheet
514Kb / 37P
   Automotive fully integrated H-bridge motor driver
VNH7100BAS STMICROELECTRONICS-VNH7100BAS Datasheet
1Mb / 39P
   Automotive fully integrated H-bridge motor driver
March 2017 Rev 2
VNH3ASP30-E STMICROELECTRONICS-VNH3ASP30-E Datasheet
138Kb / 18P
   AUTOMOTIVE FULLY INTEGRATED H-BRIDGE MOTOR DRIVER
VNH2SP30 STMICROELECTRONICS-VNH2SP30 Datasheet
228Kb / 26P
   AUTOMOTIVE FULLY INTEGRATED H-BRIDGE MOTOR DRIVER
September 2004 Rev. 1
VNH5250AS-E STMICROELECTRONICS-VNH5250AS-E Datasheet
318Kb / 18P
   Automotive fully integrated H-bridge motor driver
September 2013 Rev 2
VNH7070AS STMICROELECTRONICS-VNH7070AS Datasheet
1Mb / 38P
   Automotive fully integrated H-bridge motor driver
October 2015 Rev 3
VNH5019ATR-E STMICROELECTRONICS-VNH5019ATR-E Datasheet
470Kb / 37P
   Automotive fully integrated H-bridge motor driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com