전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FSUSB30 데이터시트(PDF) 4 Page - Fairchild Semiconductor

부품명 FSUSB30
상세설명  Low-Power, Two-Port, High-Speed USB 2.0 (480Mbps) Switch
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FSUSB30 데이터시트(HTML) 4 Page - Fairchild Semiconductor

  FSUSB30_12 Datasheet HTML 1Page - Fairchild Semiconductor FSUSB30_12 Datasheet HTML 2Page - Fairchild Semiconductor FSUSB30_12 Datasheet HTML 3Page - Fairchild Semiconductor FSUSB30_12 Datasheet HTML 4Page - Fairchild Semiconductor FSUSB30_12 Datasheet HTML 5Page - Fairchild Semiconductor FSUSB30_12 Datasheet HTML 6Page - Fairchild Semiconductor FSUSB30_12 Datasheet HTML 7Page - Fairchild Semiconductor FSUSB30_12 Datasheet HTML 8Page - Fairchild Semiconductor FSUSB30_12 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
© 2006 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FSUSB30 Rev. 1.1.6
4
DC Electrical Characteristics
All typical values are at 25°C unless otherwise specified.
Notes:
3. Measured by the voltage drop between Dn, HSD1n, HSD2n pins at the indicated current through the switch.
On resistance is determined by the lower of the voltage on the two ports.
4.Guaranteed by characterization.
AC Electrical Characteristics
All typical values are for VCC = 3.3V at 25°C unless otherwise specified.
Symbol
Parameter
Conditions
VCC (V)
TA = 40°C to +85°C
Unit
Min.
Typ.
Max.
VIK
Clamp Diode Voltage
IIN = -18mA
3.0
-1.2
V
VIH
Input Voltage HIGH
3.0 to 3.6
1.3
V
4.3
1.7
V
VIL
Input Voltage LOW
3.0 to 3.6
0.5
V
4.3
0.7
V
IIN
Control Input Leakage
VSW = 0.0V to VCC
4.3
-1.0
1.0
µA
IOZ
OFF State Leakage
0
 Dn, HSD1
n, HSD2n  VCC
4.3
-2.0
2.0
µA
IOFF
Power OFF Leakage
Current (D+, D–)
VSW = 0V to 4.3V, VCC = 0V
0
-2.0
2.0
µA
RON
Switch On Resistance(3)
VSW = 0.4V, ION = -8mA
3.0
6.5
10.0
VSW = 0V, IO = 30mA at 25°C
3.6
7.0
R
ON
Delta RON
(4)
VSW = 0.4V, ION = -8mA
3.0
0.35
RON Flatness RON Flatness
(3)
VSW = 0.0V - 1.0V,
ION = -8mA
3.0
2.0
ICC
Quiescent Supply Current
VCNTRL = 0.0V or VCC,
IOUT = 0
4.3
1.0
µA
ICCT
Increase in ICC Current
per Control Voltage
VCNTRL (control input) = 2.6V
4.3
10.0
µA
Symbol
Parameter
Conditions
VCC (V)
TA = 40°C to +85°C
Unit
Figure
Number
Min.
Typ.
Max.
tON
Turn-On Time S,
OE to Output
HD1n, HD2n = 0.8V,
RL = 50, CL = 5pF
3.0 to 3.6
13
30
ns
Figure 9
tOFF
Turn-Off Time S,
OE to Output
HD1n, HD2n = 0.8V,
RL = 50, CL = 5pF
3.0 to 3.6
12
25
ns
Figure 9
tPD
Propagation Delay(4)
RL = 50, CL = 5pF
3.3
0.25
ns
Figure 7
Figure 8
tBBM
Break-Before-Make
RL = 50, CL = 5pF,
VIN = 0.8V
3.0 to 3.6
2.0
6.5
ns
Figure 10
OIRR
Off Isolation
(Non-Adjacent)
f = 240MHz, RT = 50
3.0 to 3.6
-30
dB
Figure 13
Xtalk
Non-Adjacent Channel
Crosstalk
RT = 50, f = 240MHz
3.0 to 3.6
-45
dB
Figure 14
BW
3dB Bandwidth
RT = 50, CL = 0pF
3.0 to 3.6
720
MHz
Figure 12
RT = 50, CL = 5pF
550


유사한 부품 번호 - FSUSB30_12

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
FSUSB30L10X FAIRCHILD-FSUSB30L10X Datasheet
953Kb / 17P
   Low Power 2-Port Hi-Speed USB 2.0 (480Mbps) Switch
FSUSB30L10X FAIRCHILD-FSUSB30L10X Datasheet
941Kb / 20P
   Low-Power 2-Port Hi-Speed USB 2.0 (480Mbps) Switch
FSUSB30L10X FAIRCHILD-FSUSB30L10X Datasheet
1Mb / 18P
   Low-Power, Two-Port, High-Speed USB 2.0 (480Mbps) Switch
logo
ON Semiconductor
FSUSB30L10X ONSEMI-FSUSB30L10X Datasheet
750Kb / 19P
   Low-Power, Two-Port, High-Speed USB 2.0 Switch
April 2013 Rev. 1.1.8
More results

유사한 설명 - FSUSB30_12

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
FSUSB30 FAIRCHILD-FSUSB30_08 Datasheet
1Mb / 18P
   Low-Power, Two-Port, High-Speed USB 2.0 (480Mbps) Switch
FSUSB22 FAIRCHILD-FSUSB22_08 Datasheet
552Kb / 12P
   Low-Power, 2-Port, High-Speed USB 2.0 (480Mbps) Switch
FSUSB31 FAIRCHILD-FSUSB31_08 Datasheet
539Kb / 14P
   Low-Power, Single-Port, High-Speed USB 2.0 (480Mbps) Switch
FSUSB31 FAIRCHILD-FSUSB31_07 Datasheet
726Kb / 15P
   Low-Power 1-Port Hi-Speed USB 2.0 (480Mbps) Switch
logo
ON Semiconductor
FSUSB30 ONSEMI-FSUSB30 Datasheet
750Kb / 19P
   Low-Power, Two-Port, High-Speed USB 2.0 Switch
April 2013 Rev. 1.1.8
logo
Fairchild Semiconductor
FSUSB30 FAIRCHILD-FSUSB30 Datasheet
953Kb / 17P
   Low Power 2-Port Hi-Speed USB 2.0 (480Mbps) Switch
FSUSB30 FAIRCHILD-FSUSB30_07 Datasheet
941Kb / 20P
   Low-Power 2-Port Hi-Speed USB 2.0 (480Mbps) Switch
FSUSB22_0506 FAIRCHILD-FSUSB22_0506 Datasheet
833Kb / 11P
   Low Power 2 Port Hi-Speed USB 2.0 (480Mbps) Switch
FSUSB23 FAIRCHILD-FSUSB23 Datasheet
334Kb / 12P
   Low Power Hi-Speed USB 2.0 (480Mbps) Switch
FSUSB23 FAIRCHILD-FSUSB23_06 Datasheet
939Kb / 16P
   Low Power Hi-Speed USB 2.0 (480Mbps) Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com