전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FSUSB20BQX 데이터시트(PDF) 6 Page - Fairchild Semiconductor

부품명 FSUSB20BQX
상세설명  Low-Power, 1-Port, High-Speed USB (480Mbps) Switch
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FSUSB20BQX 데이터시트(HTML) 6 Page - Fairchild Semiconductor

Back Button FSUSB20BQX_12 Datasheet HTML 2Page - Fairchild Semiconductor FSUSB20BQX_12 Datasheet HTML 3Page - Fairchild Semiconductor FSUSB20BQX_12 Datasheet HTML 4Page - Fairchild Semiconductor FSUSB20BQX_12 Datasheet HTML 5Page - Fairchild Semiconductor FSUSB20BQX_12 Datasheet HTML 6Page - Fairchild Semiconductor FSUSB20BQX_12 Datasheet HTML 7Page - Fairchild Semiconductor FSUSB20BQX_12 Datasheet HTML 8Page - Fairchild Semiconductor FSUSB20BQX_12 Datasheet HTML 9Page - Fairchild Semiconductor FSUSB20BQX_12 Datasheet HTML 10Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
© 2005 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FSUSB20 • Rev. 1.0.3
6
Performance Characteristics
Freqency Response
-8
-7
-6
-5
-4
-3
-2
-1
0
1
10
100
1000
10000
Frequency (MHz)
CL = 0pF, VCC = 3.3V
Frequency (MHz)
Freqency Response
0
-10
-20
-30
-40
-50
-60
-70
-80
-90
-100
-110
-120
1
10
100
1000
VBIAS = 0.5V, VCC = 3.3V
Figure 5.
Gain vs. Frequency
Figure 6. Off Isolation
Frequency (MHz)
Freqency Response
1
10
100
1000
VBIAS = 0.5V, VCC = 3.3V
-120
-110
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
0.00
0.50
1.00
1.50
2.00
2.50
3.00
VB2 (V)
10.0
9.0
8.0
7.0
6.0
5.0
4.0
3.0
2.0
1.0
0.0
85°C
VB2 = 800.000mV
RON = 5.402
-40°C
VB2 = 800.000mV
RON = 3.561
25°C
VB2 = 800.000mV
RON = 4.437
Figure 7. Crosstalk
Figure 8. RON


유사한 부품 번호 - FSUSB20BQX_12

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
FSUSB20BQX FAIRCHILD-FSUSB20BQX Datasheet
720Kb / 11P
   Low Voltage Ultra Low Power USB High Speed (480 Mbps) Dual DPDT Switch
FSUSB20BQX FAIRCHILD-FSUSB20BQX Datasheet
1Mb / 17P
   Low-Power 1-Port High-Speed USB (480Mbps) Switch
More results

유사한 설명 - FSUSB20BQX_12

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
FSUSB20 FAIRCHILD-FSUSB20_06 Datasheet
1Mb / 17P
   Low-Power 1-Port High-Speed USB (480Mbps) Switch
FSUSB31 FAIRCHILD-FSUSB31_07 Datasheet
726Kb / 15P
   Low-Power 1-Port Hi-Speed USB 2.0 (480Mbps) Switch
FSUSB30 FAIRCHILD-FSUSB30_12 Datasheet
739Kb / 18P
   Low-Power, Two-Port, High-Speed USB 2.0 (480Mbps) Switch
FSUSB30 FAIRCHILD-FSUSB30_08 Datasheet
1Mb / 18P
   Low-Power, Two-Port, High-Speed USB 2.0 (480Mbps) Switch
FSUSB22 FAIRCHILD-FSUSB22_08 Datasheet
552Kb / 12P
   Low-Power, 2-Port, High-Speed USB 2.0 (480Mbps) Switch
FSUSB31 FAIRCHILD-FSUSB31_08 Datasheet
539Kb / 14P
   Low-Power, Single-Port, High-Speed USB 2.0 (480Mbps) Switch
FSUSB30 FAIRCHILD-FSUSB30 Datasheet
953Kb / 17P
   Low Power 2-Port Hi-Speed USB 2.0 (480Mbps) Switch
FSUSB30 FAIRCHILD-FSUSB30_07 Datasheet
941Kb / 20P
   Low-Power 2-Port Hi-Speed USB 2.0 (480Mbps) Switch
FSUSB22_0506 FAIRCHILD-FSUSB22_0506 Datasheet
833Kb / 11P
   Low Power 2 Port Hi-Speed USB 2.0 (480Mbps) Switch
FSUSB23 FAIRCHILD-FSUSB23 Datasheet
334Kb / 12P
   Low Power Hi-Speed USB 2.0 (480Mbps) Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com