전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FSUSB20BQX 데이터시트(PDF) 7 Page - Fairchild Semiconductor

부품명 FSUSB20BQX
상세설명  Low-Power, 1-Port, High-Speed USB (480Mbps) Switch
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FSUSB20BQX 데이터시트(HTML) 7 Page - Fairchild Semiconductor

Back Button FSUSB20BQX_12 Datasheet HTML 3Page - Fairchild Semiconductor FSUSB20BQX_12 Datasheet HTML 4Page - Fairchild Semiconductor FSUSB20BQX_12 Datasheet HTML 5Page - Fairchild Semiconductor FSUSB20BQX_12 Datasheet HTML 6Page - Fairchild Semiconductor FSUSB20BQX_12 Datasheet HTML 7Page - Fairchild Semiconductor FSUSB20BQX_12 Datasheet HTML 8Page - Fairchild Semiconductor FSUSB20BQX_12 Datasheet HTML 9Page - Fairchild Semiconductor FSUSB20BQX_12 Datasheet HTML 10Page - Fairchild Semiconductor FSUSB20BQX_12 Datasheet HTML 11Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
© 2005 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FSUSB20 • Rev. 1.0.3
7
AC Loadings and Waveforms
GND
nB1
nB2
VB
+
GND
Control
A
10pF
50Ω
SOE
Notes: Input driven by 50
Ω source terminated in 50Ω.
CL includes load and stray capacitance.
Input PRR-1.0MHz, tW = 500ns.
Figure 9. AC Test Circuit
90%
10%
10%
90%
90%
90%
3.0V
GND
VOH
VOL
tOFF
tON
tr = 2.5ns
tf = 2.5ns
1.5V
SELECT
INPUT
OUTPUT
1.5V
Figure 10. AC Waveforms
S
B2
B1
A
50Ω
50Ω
OE
Control
Network Analyzer
S
B1
A
50Ω
100Ω
100Ω
OE
Control
Network Analyzer
Figure 11. Off Isolation Test
Figure 12. Crosstalk Test


유사한 부품 번호 - FSUSB20BQX_12

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
FSUSB20BQX FAIRCHILD-FSUSB20BQX Datasheet
720Kb / 11P
   Low Voltage Ultra Low Power USB High Speed (480 Mbps) Dual DPDT Switch
FSUSB20BQX FAIRCHILD-FSUSB20BQX Datasheet
1Mb / 17P
   Low-Power 1-Port High-Speed USB (480Mbps) Switch
More results

유사한 설명 - FSUSB20BQX_12

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
FSUSB20 FAIRCHILD-FSUSB20_06 Datasheet
1Mb / 17P
   Low-Power 1-Port High-Speed USB (480Mbps) Switch
FSUSB31 FAIRCHILD-FSUSB31_07 Datasheet
726Kb / 15P
   Low-Power 1-Port Hi-Speed USB 2.0 (480Mbps) Switch
FSUSB30 FAIRCHILD-FSUSB30_12 Datasheet
739Kb / 18P
   Low-Power, Two-Port, High-Speed USB 2.0 (480Mbps) Switch
FSUSB30 FAIRCHILD-FSUSB30_08 Datasheet
1Mb / 18P
   Low-Power, Two-Port, High-Speed USB 2.0 (480Mbps) Switch
FSUSB22 FAIRCHILD-FSUSB22_08 Datasheet
552Kb / 12P
   Low-Power, 2-Port, High-Speed USB 2.0 (480Mbps) Switch
FSUSB31 FAIRCHILD-FSUSB31_08 Datasheet
539Kb / 14P
   Low-Power, Single-Port, High-Speed USB 2.0 (480Mbps) Switch
FSUSB30 FAIRCHILD-FSUSB30 Datasheet
953Kb / 17P
   Low Power 2-Port Hi-Speed USB 2.0 (480Mbps) Switch
FSUSB30 FAIRCHILD-FSUSB30_07 Datasheet
941Kb / 20P
   Low-Power 2-Port Hi-Speed USB 2.0 (480Mbps) Switch
FSUSB22_0506 FAIRCHILD-FSUSB22_0506 Datasheet
833Kb / 11P
   Low Power 2 Port Hi-Speed USB 2.0 (480Mbps) Switch
FSUSB23 FAIRCHILD-FSUSB23 Datasheet
334Kb / 12P
   Low Power Hi-Speed USB 2.0 (480Mbps) Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com