전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FSUSB20BQX 데이터시트(PDF) 9 Page - Fairchild Semiconductor

부품명 FSUSB20BQX
상세설명  Low-Power, 1-Port, High-Speed USB (480Mbps) Switch
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FSUSB20BQX 데이터시트(HTML) 9 Page - Fairchild Semiconductor

Back Button FSUSB20BQX_12 Datasheet HTML 4Page - Fairchild Semiconductor FSUSB20BQX_12 Datasheet HTML 5Page - Fairchild Semiconductor FSUSB20BQX_12 Datasheet HTML 6Page - Fairchild Semiconductor FSUSB20BQX_12 Datasheet HTML 7Page - Fairchild Semiconductor FSUSB20BQX_12 Datasheet HTML 8Page - Fairchild Semiconductor FSUSB20BQX_12 Datasheet HTML 9Page - Fairchild Semiconductor FSUSB20BQX_12 Datasheet HTML 10Page - Fairchild Semiconductor FSUSB20BQX_12 Datasheet HTML 11Page - Fairchild Semiconductor FSUSB20BQX_12 Datasheet HTML 12Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
© 2005 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FSUSB20 • Rev. 1.0.3
9
Physical Dimensions
BOTTOM VIEW
TOP VIEW
RECOMMENDED LAND PATTERN
SIDE VIEW
2X
2X
NOTES:
A. PACKAGE CONFORMS TO JEDEC
REGISTRATION MO-255, VARIATION UABD .
B. DIMENSIONS ARE IN MILLIMETERS.
C. DIMENSIONS AND TOLERANCES PER
ASME Y14.5M, 1994.
D. PRESENCE OF CENTER PAD IS PACKAGE
SUPPLIER DEPENDENT. IF PRESENT IT
IS NOT INTENDED TO BE SOLDERED AND
HAS A BLACK OXIDE FINISH.
E. DRAWING FILENAME: MKT-MAC10Arev5.
0.10 C
0.10 C
0.10
CA B
0.05
C
PIN1 IDENT IS
2X LONGER THAN
OTHER LINES
A
B
C
0.35
0.25
9X
9X
14
9
6
0.25
0.15
10
5
0.50
0.56
1.62
0.05
0.00
0.05 C
0.55 MAX
0.05 C
1.60
2.10
(0.35)
(0.25)
0.50
10X
10X
(0.11)
1.12
1.62
KEEPOUT ZONE, NO TRACES
OR VIAS ALLOWED
(0.20)
(0.15)
0.35
0.25
0.35
0.25
DETAIL A
DETAIL A 2X SCALE
0.35
0.25
0.65
0.55
D
ALL FEATURES
(0.36)
(0.29)
0.56
Figure 17. 10-Lead MicroPak™, 1.6 x 2.1mm
Package drawings are provided as a service to customers considering Fairchild components. Drawings may change in any manner
without notice. Please note the revision and/or date on the drawing and contact a Fairchild Semiconductor representative to verify or
obtain the most recent revision. Package specifications do not expand the terms of Fairchild’s worldwide terms and conditions, specifically the
warranty therein, which covers Fairchild products.
Always visit Fairchild Semiconductor’s online packaging area for the most recent package drawings:
http://www.fairchildsemi.com/packaging/
For current tape and reel specifications, visit Fairchild Semiconductor’s online packaging area:
http://www.fairchildsemi.com/products/logic/pdf/micropak_tr.pdf.


유사한 부품 번호 - FSUSB20BQX_12

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
FSUSB20BQX FAIRCHILD-FSUSB20BQX Datasheet
720Kb / 11P
   Low Voltage Ultra Low Power USB High Speed (480 Mbps) Dual DPDT Switch
FSUSB20BQX FAIRCHILD-FSUSB20BQX Datasheet
1Mb / 17P
   Low-Power 1-Port High-Speed USB (480Mbps) Switch
More results

유사한 설명 - FSUSB20BQX_12

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
FSUSB20 FAIRCHILD-FSUSB20_06 Datasheet
1Mb / 17P
   Low-Power 1-Port High-Speed USB (480Mbps) Switch
FSUSB31 FAIRCHILD-FSUSB31_07 Datasheet
726Kb / 15P
   Low-Power 1-Port Hi-Speed USB 2.0 (480Mbps) Switch
FSUSB30 FAIRCHILD-FSUSB30_12 Datasheet
739Kb / 18P
   Low-Power, Two-Port, High-Speed USB 2.0 (480Mbps) Switch
FSUSB30 FAIRCHILD-FSUSB30_08 Datasheet
1Mb / 18P
   Low-Power, Two-Port, High-Speed USB 2.0 (480Mbps) Switch
FSUSB22 FAIRCHILD-FSUSB22_08 Datasheet
552Kb / 12P
   Low-Power, 2-Port, High-Speed USB 2.0 (480Mbps) Switch
FSUSB31 FAIRCHILD-FSUSB31_08 Datasheet
539Kb / 14P
   Low-Power, Single-Port, High-Speed USB 2.0 (480Mbps) Switch
FSUSB30 FAIRCHILD-FSUSB30 Datasheet
953Kb / 17P
   Low Power 2-Port Hi-Speed USB 2.0 (480Mbps) Switch
FSUSB30 FAIRCHILD-FSUSB30_07 Datasheet
941Kb / 20P
   Low-Power 2-Port Hi-Speed USB 2.0 (480Mbps) Switch
FSUSB22_0506 FAIRCHILD-FSUSB22_0506 Datasheet
833Kb / 11P
   Low Power 2 Port Hi-Speed USB 2.0 (480Mbps) Switch
FSUSB23 FAIRCHILD-FSUSB23 Datasheet
334Kb / 12P
   Low Power Hi-Speed USB 2.0 (480Mbps) Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com