전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FSUSB30L10X 데이터시트(PDF) 8 Page - Fairchild Semiconductor

부품명 FSUSB30L10X
상세설명  Low-Power, Two-Port, High-Speed USB 2.0 (480Mbps) Switch
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FSUSB30L10X 데이터시트(HTML) 8 Page - Fairchild Semiconductor

Back Button FSUSB30L10X_12 Datasheet HTML 4Page - Fairchild Semiconductor FSUSB30L10X_12 Datasheet HTML 5Page - Fairchild Semiconductor FSUSB30L10X_12 Datasheet HTML 6Page - Fairchild Semiconductor FSUSB30L10X_12 Datasheet HTML 7Page - Fairchild Semiconductor FSUSB30L10X_12 Datasheet HTML 8Page - Fairchild Semiconductor FSUSB30L10X_12 Datasheet HTML 9Page - Fairchild Semiconductor FSUSB30L10X_12 Datasheet HTML 10Page - Fairchild Semiconductor FSUSB30L10X_12 Datasheet HTML 11Page - Fairchild Semiconductor FSUSB30L10X_12 Datasheet HTML 12Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
© 2006 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FSUSB30 Rev. 1.1.6
8
Figure 10. Break-Before-Make (tBBM)
Figure 11. Switch Skew Tests
Figure 12. Bandwidth
tD
tR = tF = 2.5ns (10–90%)
RL
S
CL*
HSDn
HSDn
VO
Control
Input
D+, D–
GND
Control
Input
50%
VCC
0V
VOUT
VOUT
VCC
VCC
0.9 x VOUT
*CL includes test fixture and stray capacitance.
tRISE = 500ps
tPLH
tPHL
Input:
Output: D+, D–
HSDn+
HSDn–
tFALL = 500ps
VOH
90%
90%
50%
50%
10%
10%
50%
50%
VOL
800mV
TSK(P) = | tPHL – tPLH |
Pulse Skew, TSK(P)
400mV
tRISE = 500ps
tPLH1
tPHL1
Output1:
Input: D+, D–
Output1: D2+, D2–
HSD1+
HSD1–
tFALL = 500ps
VOH
90%
90%
50%
50%
10%
10%
50%
50%
VOL
800mV
TSK(O) = | tPLH1 – tPLH2 | or | tPHL1 – tPHL2 |
Output Skew, TSK(OUT)
400mV
tPLH2
tPHL2
VOH
50%
50%
VOL
RS
VIN
FSUSB30
GND
VSel
Network Analyzer
VOUT
GND
VS
GND
RT
GND
GND
RS and RT are functions of the application environment
(See AC Electrical Tables for specific values).


유사한 부품 번호 - FSUSB30L10X_12

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
FSUSB30L10X FAIRCHILD-FSUSB30L10X Datasheet
953Kb / 17P
   Low Power 2-Port Hi-Speed USB 2.0 (480Mbps) Switch
FSUSB30L10X FAIRCHILD-FSUSB30L10X Datasheet
941Kb / 20P
   Low-Power 2-Port Hi-Speed USB 2.0 (480Mbps) Switch
FSUSB30L10X FAIRCHILD-FSUSB30L10X Datasheet
1Mb / 18P
   Low-Power, Two-Port, High-Speed USB 2.0 (480Mbps) Switch
logo
ON Semiconductor
FSUSB30L10X ONSEMI-FSUSB30L10X Datasheet
750Kb / 19P
   Low-Power, Two-Port, High-Speed USB 2.0 Switch
April 2013 Rev. 1.1.8
More results

유사한 설명 - FSUSB30L10X_12

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
FSUSB30 FAIRCHILD-FSUSB30_08 Datasheet
1Mb / 18P
   Low-Power, Two-Port, High-Speed USB 2.0 (480Mbps) Switch
FSUSB22 FAIRCHILD-FSUSB22_08 Datasheet
552Kb / 12P
   Low-Power, 2-Port, High-Speed USB 2.0 (480Mbps) Switch
FSUSB31 FAIRCHILD-FSUSB31_08 Datasheet
539Kb / 14P
   Low-Power, Single-Port, High-Speed USB 2.0 (480Mbps) Switch
FSUSB31 FAIRCHILD-FSUSB31_07 Datasheet
726Kb / 15P
   Low-Power 1-Port Hi-Speed USB 2.0 (480Mbps) Switch
logo
ON Semiconductor
FSUSB30 ONSEMI-FSUSB30 Datasheet
750Kb / 19P
   Low-Power, Two-Port, High-Speed USB 2.0 Switch
April 2013 Rev. 1.1.8
logo
Fairchild Semiconductor
FSUSB30 FAIRCHILD-FSUSB30 Datasheet
953Kb / 17P
   Low Power 2-Port Hi-Speed USB 2.0 (480Mbps) Switch
FSUSB30 FAIRCHILD-FSUSB30_07 Datasheet
941Kb / 20P
   Low-Power 2-Port Hi-Speed USB 2.0 (480Mbps) Switch
FSUSB22_0506 FAIRCHILD-FSUSB22_0506 Datasheet
833Kb / 11P
   Low Power 2 Port Hi-Speed USB 2.0 (480Mbps) Switch
FSUSB23 FAIRCHILD-FSUSB23 Datasheet
334Kb / 12P
   Low Power Hi-Speed USB 2.0 (480Mbps) Switch
FSUSB23 FAIRCHILD-FSUSB23_06 Datasheet
939Kb / 16P
   Low Power Hi-Speed USB 2.0 (480Mbps) Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com