전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

74455247 데이터시트(PDF) 3 Page - Wurth Elektronik GmbH & Co. KG, Germany.

부품명 74455247
상세설명  POWER-CHOKE WE-PD 4
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  WURTH [Wurth Elektronik GmbH & Co. KG, Germany.]
홈페이지  http://www.we-online.com
Logo WURTH - Wurth Elektronik GmbH & Co. KG, Germany.

74455247 데이터시트(HTML) 3 Page - Wurth Elektronik GmbH & Co. KG, Germany.

  74455247 Datasheet HTML 1Page - Wurth Elektronik GmbH & Co. KG, Germany. 74455247 Datasheet HTML 2Page - Wurth Elektronik GmbH & Co. KG, Germany. 74455247 Datasheet HTML 3Page - Wurth Elektronik GmbH & Co. KG, Germany.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Bezeichnung :
description :
A
4,40 ± 0,1
mm
B
8,00 ± 0,1
mm
C
16,0 ± 0,3
mm
D
1,50 ± 0,1
mm
E
2,00 ± 0,1
mm
F
1,75 ± 0,1
mm
G
7,50 ± 0,1
mm
H
6,75 ± 0,1
mm
I
3,20 ± 0,1
mm
T
0,30 ± 0,05
mm
a
330,0 ± 0,5
mm
b
20,20 ± 0,2
mm
+ 0,5
- 1,0
d
100,0 ± 0,2
mm
MST
09-02-09
MST
04-10-11
Name
Datum / date
Spezifikation für Freigabe / specification for release
I Rollenspezifikation / Tape and reel specification :
Gurtspezifikation / Tape specification:
Kunde / customer :
Artikelnummer / part number :
74455247
DATUM / DATE : 2009-02-09
SPEICHERDROSSEL WE-PD 4
POWER-CHOKE WE-PD 4
..............................................................................
...............................................................................
Version 1
Version 2
D-74638 Waldenburg · Max-Eyth-Strasse 1 - 3 · Germany · Telefon (+49) (0) 7942 - 945 - 0 · Telefax (+49) (0) 7942 - 945 - 400
Geprüft / checked
Kontrolliert / approved
Änderung / modification
http://www.we-online.de
Freigabe erteilt / general release:
Kunde / customer
..............................................................................
...............................................................................
Datum / date
Unterschrift / signature
Würth Elektronik
Würth Elektronik eiSos GmbH & Co. KG
mm
13,00
c
Rollenspezifikation / Reel specification:
I
H
T
Ø c
a
d
b
A
B
C
G
F
E
øD
The force for tearing off cover tape is
10 to 130 grams in arrow direction
165 to 180°
feeding direction
This electronic component has been designed and developed for usage in general electronic equipment. Before incorporating this component into any equipment where higher safety and reliability is especially required
or if there is the possibility of direct damage or injury to human body, for example in the range of aerospace, aviation, nuclear control, submarine, transportation, (automotive control, train control, ship control),
transportation signal, disaster prevention, medical, public information network etc, Würth Elektronik eiSos GmbH must be informed before the design-in stage. In addition, sufficient reliability evaluation checks for sa
must be performed on every electronic component which is used in electrical circuits that require high safety and reliability functions or performance.
SEITE 3 VON 3


유사한 부품 번호 - 74455247

제조업체부품명데이터시트상세설명
logo
Wurth Elektronik GmbH &...
7445520 WURTH-7445520 Datasheet
105Kb / 3P
   POWER-CHOKE WE-PD 4
74455215 WURTH-74455215 Datasheet
105Kb / 3P
   POWER-CHOKE WE-PD 4
74455222 WURTH-74455222 Datasheet
105Kb / 3P
   POWER-CHOKE WE-PD 4
74455233 WURTH-74455233 Datasheet
105Kb / 3P
   POWER-CHOKE WE-PD 4
More results

유사한 설명 - 74455247

제조업체부품명데이터시트상세설명
logo
Wurth Elektronik GmbH &...
74458220 WURTH-74458220 Datasheet
154Kb / 3P
   POWER-CHOKE WE-PD 4
7445510 WURTH-7445510 Datasheet
105Kb / 3P
   POWER-CHOKE WE-PD 4
7445610 WURTH-7445610 Datasheet
138Kb / 3P
   POWER-CHOKE WE-PD 4
7445640 WURTH-7445640 Datasheet
138Kb / 3P
   POWER-CHOKE WE-PD 4
74457006 WURTH-74457006 Datasheet
160Kb / 3P
   POWER-CHOKE WE-PD 4
74458122 WURTH-74458122 Datasheet
154Kb / 3P
   POWER-CHOKE WE-PD 4
74458168 WURTH-74458168 Datasheet
154Kb / 3P
   POWER-CHOKE WE-PD 4
74457008 WURTH-74457008 Datasheet
160Kb / 3P
   POWER-CHOKE WE-PD 4
74457010 WURTH-74457010 Datasheet
161Kb / 3P
   POWER-CHOKE WE-PD 4
74457027 WURTH-74457027 Datasheet
160Kb / 3P
   POWER-CHOKE WE-PD 4
74457115 WURTH-74457115 Datasheet
160Kb / 3P
   POWER-CHOKE WE-PD 4
More results


Html Pages

1 2 3


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com