전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FDD20AN06A0 데이터시트(PDF) 1 Page - Fairchild Semiconductor

부품명 FDD20AN06A0
상세설명  N-Channel PowerTrench짰 MOSFET 60V, 45A, 20mW
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDD20AN06A0 데이터시트(HTML) 1 Page - Fairchild Semiconductor

  FDD20AN06A0_10 Datasheet HTML 1Page - Fairchild Semiconductor FDD20AN06A0_10 Datasheet HTML 2Page - Fairchild Semiconductor FDD20AN06A0_10 Datasheet HTML 3Page - Fairchild Semiconductor FDD20AN06A0_10 Datasheet HTML 4Page - Fairchild Semiconductor FDD20AN06A0_10 Datasheet HTML 5Page - Fairchild Semiconductor FDD20AN06A0_10 Datasheet HTML 6Page - Fairchild Semiconductor FDD20AN06A0_10 Datasheet HTML 7Page - Fairchild Semiconductor FDD20AN06A0_10 Datasheet HTML 8Page - Fairchild Semiconductor FDD20AN06A0_10 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
©2010 Fairchild Semiconductor Corporation
FDD20AN06A0_F085 Rev. B1
FDD20AN06A0 F085
_
N-Channel PowerTrench® MOSFET
60V, 45A, 20mΩ
Features
• rDS(ON) = 17mΩ (Typ.), VGS = 10V, ID = 45A
• Qg(tot) = 15nC (Typ.), VGS = 10V
• Low Miller Charge
• Low QRR Body Diode
• UIS Capability (Single Pulse and Repetitive Pulse)
• Qualified to AEC Q101
Formerly developmental type 82547
Applications
• Motor / Body Load Control
• ABS Systems
• Powertrain Management
• Injection Systems
• DC-DC converters and Off-line UPS
• Distributed Power Architectures and VRMs
• Primary Switch for 12V and 24V systems
MOSFET Maximum Ratings T
C = 25°C unless otherwise noted
Thermal Characteristics
This product has been designed to meet the extreme test conditions and environment demanded by the automotive industry. For a
copy of the requirements, see AEC Q101 at: http://www.aecouncil.com/
Reliability data can be found at: http://www.fairchildsemi.com/products/discrete/reliability/index.html.
All Fairchild Semiconductor products are manufactured, assembled and tested under ISO9000 and QS9000 quality systems
certification.
Symbol
Parameter
Ratings
Units
VDSS
Drain to Source Voltage
60
V
VGS
Gate to Source Voltage
±20
V
ID
Drain Current
45
A
Continuous (TC = 25
oC, V
GS = 10V)
Continuous (TC = 100
oC, V
GS = 10V)
32
A
Continuous (Tamb = 25
oC, V
GS = 10V, RθJA = 52
oC/W)
8
A
Pulsed
Figure 4
A
EAS
Single Pulse Avalanche Energy ( Note 1)
50
mJ
PD
Power dissipation
90
W
Derate above 25oC
0.60
W/oC
TJ, TSTG
Operating and Storage Temperature
-55 to 175
oC
RθJC
Thermal Resistance Junction to Case TO-252
1.67
oC/W
RθJA
Thermal Resistance Junction to Ambient TO-252
100
oC/W
RθJA
Thermal Resistance Junction to Ambient TO-252, 1in2 copper pad area
52
oC/W
D
G
S
TO-252AA
FDD SERIES
GATE
SOURCE
(FLANGE)
DRAIN
May 2010
A
D
F R E E
I
• RoHS Compliant


유사한 부품 번호 - FDD20AN06A0_10

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
FDD20AN06A0 FAIRCHILD-FDD20AN06A0 Datasheet
608Kb / 11P
   N-Channel PowerTrench MOSFET
More results

유사한 설명 - FDD20AN06A0_10

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
FDB20AN06A0 FAIRCHILD-FDB20AN06A0 Datasheet
609Kb / 11P
   N-Channel PowerTrench짰 MOSFET 60V, 45A, 20m?
FDD5670 FAIRCHILD-FDD5670_11 Datasheet
144Kb / 5P
   60V N-Channel PowerTrench짰 MOSFET
FDD5690 FAIRCHILD-FDD5690_02 Datasheet
167Kb / 5P
   60V N-Channel PowerTrench짰 MOSFET
FDC5612 FAIRCHILD-FDC5612_04 Datasheet
79Kb / 5P
   60V N-Channel PowerTrench짰 MOSFET
FDMS030N06B FAIRCHILD-FDMS030N06B Datasheet
243Kb / 10P
   N-Channel PowerTrench짰 MOSFET 60V, 100A, 3m?
FDI040N06 FAIRCHILD-FDI040N06 Datasheet
521Kb / 8P
   N-Channel PowerTrench짰 MOSFET 60V, 168A, 4.0mW
FDB029N06 FAIRCHILD-FDB029N06 Datasheet
511Kb / 8P
   N-Channel PowerTrench짰 MOSFET 60V, 193A, 3.1mW
FDB039N06 FAIRCHILD-FDB039N06 Datasheet
544Kb / 8P
   N-Channel PowerTrench짰 MOSFET 60V, 174A, 3.9mW
FDD5810 FAIRCHILD-FDD5810 Datasheet
266Kb / 7P
   N-Channel PowerTrench짰 MOSFET 60V, 35A, 27mOhm
FDP030N06B FAIRCHILD-FDP030N06B Datasheet
748Kb / 9P
   N-Channel PowerTrench짰 MOSFET 60V, 195A, 3.1m
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com