전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ICX208AL 데이터시트(PDF) 4 Page - Sony Corporation

부품명 ICX208AL
상세설명  Diagonal 4.5mm (Type 1/4) CCD Image Sensor for EIA B/W Video Cameras
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SONY [Sony Corporation]
홈페이지  http://www.sony.co.jp
Logo SONY - Sony Corporation

ICX208AL 데이터시트(HTML) 4 Page - Sony Corporation

  ICX208AL Datasheet HTML 1Page - Sony Corporation ICX208AL Datasheet HTML 2Page - Sony Corporation ICX208AL Datasheet HTML 3Page - Sony Corporation ICX208AL Datasheet HTML 4Page - Sony Corporation ICX208AL Datasheet HTML 5Page - Sony Corporation ICX208AL Datasheet HTML 6Page - Sony Corporation ICX208AL Datasheet HTML 7Page - Sony Corporation ICX208AL Datasheet HTML 8Page - Sony Corporation ICX208AL Datasheet HTML 9Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
– 4 –
ICX208AL
R
φH
R
φH
H
φ2
H
φ1
C
φH1
C
φH2
C
φHH
V
φ1
C
φV12
V
φ2
V
φ4
V
φ3
C
φV34
C
φV23
C
φV41
C
φV13
C
φV24
C
φV1
C
φV2
C
φV4
C
φV3
RGND
R4
R1
R3
R2
Vertical transfer clock equivalent circuit
Horizontal transfer clock equivalent circuit
R
φRG
RG
φ
C
φRG
Reset gate clock equivalent circuit
Item
Capacitance between vertical transfer
clock and GND
C
φV1, CφV3
C
φV2, CφV4
C
φV12, CφV34
C
φV23, CφV41
C
φV13
C
φV24
C
φH1, CφH2
C
φHH
C
φRG
C
φSUB
R1, R2, R3, R4
RGND
R
φH
R
φRG
680
470
330
270
82
75
47
47
5
180
82
15
12
39
pF
pF
pF
pF
pF
pF
pF
pF
pF
pF
Capacitance between vertical transfer
clocks
Capacitance between horizontal
transfer clock and GND
Capacitance between horizontal
transfer clocks
Capacitance between reset gate clock
and GND
Capacitance between substrate clock
and GND
Vertical transfer clock series resistor
Vertical transfer clock ground resistor
Horizontal transfer clock series resistor
Reset gate clock series resistor
Symbol
Min.
Typ.
Max.
Unit
Remarks
Clock Equivalent Circuit Constant


유사한 부품 번호 - ICX208AL

제조업체부품명데이터시트상세설명
logo
Sony Corporation
ICX208AL SONY-ICX208AL Datasheet
190Kb / 17P
   Diagonal 4.5mm (Type 1/4) CCD Image Sensor for EIA B/W Video Cameras
More results

유사한 설명 - ICX208AL

제조업체부품명데이터시트상세설명
logo
Sony Corporation
ICX086AL SONY-ICX086AL Datasheet
213Kb / 17P
   Diagonal 4.5mm (Type 1/4) CCD Image Sensor for EIA B/W Video Cameras
ICX206AL SONY-ICX206AL Datasheet
216Kb / 17P
   Diagonal 4.5mm (Type 1/4) CCD Image Sensor for EIA B/W Video Cameras
ICX278AL SONY-ICX278AL Datasheet
190Kb / 17P
   Diagonal 4.5mm (Type 1/4) CCD Image Sensor for EIA B/W Video Cameras
ICX226AL SONY-ICX226AL Datasheet
196Kb / 17P
   Diagonal 4.5mm (Type 1/4) CCD Image Sensor for EIA B/W Video Cameras
ICX228AL SONY-ICX228AL Datasheet
196Kb / 17P
   Diagonal 4.5mm (Type 1/4) CCD Image Sensor for EIA B/W Video Cameras
ICX068AL SONY-ICX068AL Datasheet
229Kb / 17P
   Diagonal 4.5mm (Type 1/4) CCD Image Sensor for EIA B/W Video Cameras
ICX087AL SONY-ICX087AL Datasheet
214Kb / 17P
   Diagonal 4.5mm (Type 1/4) CCD Image Sensor for CCIR B/W Video Cameras
ICX069AL SONY-ICX069AL Datasheet
229Kb / 17P
   Diagonal 4.5mm (Type 1/4) CCD Image Sensor for CCIR B/W Video Cameras
ICX209AL SONY-ICX209AL Datasheet
220Kb / 17P
   Diagonal 4.5mm (Type 1/4) CCD Image Sensor for CCIR B/W Video Cameras
ICX229AL SONY-ICX229AL Datasheet
197Kb / 17P
   Diagonal 4.5mm (Type 1/4) CCD Image Sensor for CCIR B/W Video Cameras
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com