전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

74AUP1G56FHX 데이터시트(PDF) 1 Page - Fairchild Semiconductor

부품명 74AUP1G56FHX
상세설명  TinyLogic짰 Low Power Universal Configurable Two-Input Logic Gate (Open Drain Output)
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74AUP1G56FHX 데이터시트(HTML) 1 Page - Fairchild Semiconductor

  74AUP1G56FHX Datasheet HTML 1Page - Fairchild Semiconductor 74AUP1G56FHX Datasheet HTML 2Page - Fairchild Semiconductor 74AUP1G56FHX Datasheet HTML 3Page - Fairchild Semiconductor 74AUP1G56FHX Datasheet HTML 4Page - Fairchild Semiconductor 74AUP1G56FHX Datasheet HTML 5Page - Fairchild Semiconductor 74AUP1G56FHX Datasheet HTML 6Page - Fairchild Semiconductor 74AUP1G56FHX Datasheet HTML 7Page - Fairchild Semiconductor 74AUP1G56FHX Datasheet HTML 8Page - Fairchild Semiconductor 74AUP1G56FHX Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
September 2012
© 2008 Fairchild Semiconductor Corporation
www.fairchildsemi.com
74AUP1G56 • Rev. 1.0.2
74AUP1G56
TinyLogic
® Low Power Universal Configurable
Two-Input Logic Gate (Open Drain Output)
Features
0.8 V to 3.6 V V
CC Supply Operation
3.6 V Over-Voltage Tolerant I/Os at V
CC
from 0.8V to 3.6 V
Extremely High Speed t
PD
- 3.2 ns: Typical at 3.3 V
Power-Off High-Impedance Inputs and Outputs
Low Static Power Consumption
- ICC=0.9 µA Maximum
Low Dynamic Power Consumption
- CPD=3.0 pF Typical at 3.3 V
Ultra-Small MicroPak™ Packages
Description
The 74AUP1G56 is a universal, configurable, two-input
logic gate with an open drain that provides a high-
performance
and
low-power
solution
for
battery-
powered
portable
applications.
This
product
is
designed for a wide low-voltage operating range (0.8 V
to 3.6 V) and guarantees very low static and dynamic
power consumption across the entire voltage range. All
inputs are implemented with hysteresis to allow for
slower transition input signals and better switching
noise immunity.
The 74AUP1G56 provides for multiple functions, as
determined by various configurations of the three inputs.
The potential logic functions provided are AND, NAND,
OR, NOR, XNOR, inverter, and buffer (see Figure 2
through Figure 8).
Ordering Information
Part Number
Top Mark
Package
Packing Method
74AUP1G56L6X
AK
6-Lead, MicroPak™, 1.0 mm Wide
5000 Units on Tape & Reel
74AUP1G56FHX
AK
6-Lead, MicroPak2™, 1x1 mm Body, .35 mm Pitch
5000 Units on Tape & Reel


유사한 부품 번호 - 74AUP1G56FHX

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
74AUP1G56FHX ONSEMI-74AUP1G56FHX Datasheet
395Kb / 12P
   Low Power Universal Configurable Two-Input Logic Gate
Sep 2012 Rev. 1.0.2
More results

유사한 설명 - 74AUP1G56FHX

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
74AUP1G96 FAIRCHILD-74AUP1G96 Datasheet
404Kb / 10P
   TinyLogic짰 Low Power Universal Configurable Two-Input Logic Gate (Open Drain Output)
74AUP1G59 FAIRCHILD-74AUP1G59 Datasheet
1Mb / 10P
   TinyLogic짰 Low Power Universal Configurable Two-Input Logic Gate (Open Drain Output)
74AUP1G95 FAIRCHILD-74AUP1G95 Datasheet
577Kb / 10P
   TinyLogic짰 Low Power Universal Configurable Two-Input Logic Gate (Open Drain Output)
74AUP1G97 FAIRCHILD-74AUP1G97 Datasheet
579Kb / 11P
   TinyLogic짰 Low Power Universal Configurable Two-Input Logic Gate
74AUP1G57 FAIRCHILD-74AUP1G57 Datasheet
574Kb / 11P
   TinyLogic짰 Low Power Universal Configurable Two- Input Logic Gate
74AUP1G58 FAIRCHILD-74AUP1G58 Datasheet
573Kb / 11P
   TinyLogic짰 Low Power Universal Configurable Two-Input Logic Gate
74AUP1G98 FAIRCHILD-74AUP1G98 Datasheet
575Kb / 11P
   TinyLogic짰 Low Power Universal Configurable Two-Input Logic Gate
NC7SZ57 FAIRCHILD-NC7SZ57_11 Datasheet
578Kb / 13P
   TinyLogic짰 UHS Universal Configurable Two-Input Logic Gates
logo
ON Semiconductor
74AUP1G59 ONSEMI-74AUP1G59 Datasheet
649Kb / 12P
   Low Power Universal Configurable Two-Input Logic Gate
Sep 2012 Rev. 1.0.4
74AUP1G95 ONSEMI-74AUP1G95 Datasheet
485Kb / 12P
   Low Power Universal Configurable Two-Input Logic Gate
Sep 2012 Rev. 1.0.1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com