전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

74AUP1G97 데이터시트(PDF) 9 Page - Fairchild Semiconductor

부품명 74AUP1G97
상세설명  TinyLogic짰 Low Power Universal Configurable Two-Input Logic Gate
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74AUP1G97 데이터시트(HTML) 9 Page - Fairchild Semiconductor

Back Button 74AUP1G97 Datasheet HTML 3Page - Fairchild Semiconductor 74AUP1G97 Datasheet HTML 4Page - Fairchild Semiconductor 74AUP1G97 Datasheet HTML 5Page - Fairchild Semiconductor 74AUP1G97 Datasheet HTML 6Page - Fairchild Semiconductor 74AUP1G97 Datasheet HTML 7Page - Fairchild Semiconductor 74AUP1G97 Datasheet HTML 8Page - Fairchild Semiconductor 74AUP1G97 Datasheet HTML 9Page - Fairchild Semiconductor 74AUP1G97 Datasheet HTML 10Page - Fairchild Semiconductor 74AUP1G97 Datasheet HTML 11Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
© 2008 Fairchild Semiconductor Corporation
www.fairchildsemi.com
74AUP1G97 • 1.0.5
9
Physical Dimensions
2. DIMENSIONS ARE IN MILLIMETERS
1. CONFORMS TO JEDEC STANDARD M0-252 VARIATION UAAD
4. FILENAME AND REVISION: MAC06AREV4
Notes:
3. DRAWING CONFORMS TO ASME Y14.5M-1994
TOP VIEW
RECOMMENED
LAND PATTERN
BOTTOM VIEW
1.45
1.00
A
B
0.05 C
0.05 C
2X
2X
0.55MAX
0.05 C
(0.49)
(1)
(0.75)
(0.52)
(0.30)
6X
1X
6X
PIN 1
DETAIL A
0.075 X 45
CHAMFER
0.25
0.15
0.35
0.25
0.40
0.30
0.5
(0.05)
1.0
5X
DETAIL A
PIN 1 TERMINAL
0.40
0.30
0.45
0.35
0.10
0.00
0.10
CB A
0.05
C
C
0.05 C
0.05
0.00
5X
5X
6X
(0.13)
4X
6X
PIN 1 IDENTIFIER
(0.254)
5. PIN ONE IDENTIFIER IS 2X LENGTH OF ANY
5
OTHER LINE IN THE MARK CODE LAYOUT.
Figure 12.
6-Lead, MicroPak™, 1.0mm Wide
Package drawings are provided as a service to customers considering Fairchild components. Drawings may change in any manner
without notice. Please note the revision and/or date on the drawing and contact a Fairchild Semiconductor representative to verify
or obtain the most recent revision. Package specifications do not expand the terms of Fairchild’s worldwide terms and conditions, specifically
the warranty therein, which covers Fairchild products.
Always visit Fairchild Semiconductor’s online packaging area for the most recent package drawings:
http://www.fairchildsemi.com/packaging/.
Tape and Reel Specifications
Please visit Fairchild Semiconductor’s online packaging area for the most recent tape and reel specifications:
http://www.fairchildsemi.com/products/logic/pdf/micropak_tr.pdf.
Package Designator
Tape Section
Cavity Number
Cavity Status
Cover Type Status
L6X
Leader (Start End)
125 (Typical)
Empty
Sealed
Carrier
5000
Filled
Sealed
Trailer (Hub End)
75 (Typical)
Empty
Sealed


유사한 부품 번호 - 74AUP1G97

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
74AUP1G97 PHILIPS-74AUP1G97 Datasheet
97Kb / 19P
   Low-power configurable multiple function gate
Rev. 01-7 November 2006
74AUP1G97 NXP-74AUP1G97 Datasheet
109Kb / 19P
   Low-power configurable multiple function gate
Rev. 6-10 January 2011
74AUP1G97 NXP-74AUP1G97 Datasheet
188Kb / 22P
   Low-power configurable multiple function gate
Rev. 6-10 January 2011
logo
Diodes Incorporated
74AUP1G97 DIODES-74AUP1G97 Datasheet
621Kb / 17P
   CONFIGURABLE MULTIPLE-FUNCTION GATE
logo
ON Semiconductor
74AUP1G97 ONSEMI-74AUP1G97 Datasheet
593Kb / 13P
   Low Power Universal Configurable Two-Input Logic Gate
October 2010 Rev 1.0.5
More results

유사한 설명 - 74AUP1G97

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
74AUP1G57 FAIRCHILD-74AUP1G57 Datasheet
574Kb / 11P
   TinyLogic짰 Low Power Universal Configurable Two- Input Logic Gate
74AUP1G58 FAIRCHILD-74AUP1G58 Datasheet
573Kb / 11P
   TinyLogic짰 Low Power Universal Configurable Two-Input Logic Gate
74AUP1G98 FAIRCHILD-74AUP1G98 Datasheet
575Kb / 11P
   TinyLogic짰 Low Power Universal Configurable Two-Input Logic Gate
74AUP1G56 FAIRCHILD-74AUP1G56 Datasheet
390Kb / 10P
   TinyLogic짰 Low Power Universal Configurable Two-Input Logic Gate (Open Drain Output)
74AUP1G96 FAIRCHILD-74AUP1G96 Datasheet
404Kb / 10P
   TinyLogic짰 Low Power Universal Configurable Two-Input Logic Gate (Open Drain Output)
74AUP1G59 FAIRCHILD-74AUP1G59 Datasheet
1Mb / 10P
   TinyLogic짰 Low Power Universal Configurable Two-Input Logic Gate (Open Drain Output)
74AUP1G95 FAIRCHILD-74AUP1G95 Datasheet
577Kb / 10P
   TinyLogic짰 Low Power Universal Configurable Two-Input Logic Gate (Open Drain Output)
NC7SZ57 FAIRCHILD-NC7SZ57_11 Datasheet
578Kb / 13P
   TinyLogic짰 UHS Universal Configurable Two-Input Logic Gates
logo
ON Semiconductor
74AUP1G59 ONSEMI-74AUP1G59 Datasheet
649Kb / 12P
   Low Power Universal Configurable Two-Input Logic Gate
Sep 2012 Rev. 1.0.4
74AUP1G95 ONSEMI-74AUP1G95 Datasheet
485Kb / 12P
   Low Power Universal Configurable Two-Input Logic Gate
Sep 2012 Rev. 1.0.1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com