전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

74LCX32 데이터시트(PDF) 8 Page - Fairchild Semiconductor

부품명 74LCX32
상세설명  Low Voltage Quad 2-Input OR Gate with 5V Tolerant Inputs
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74LCX32 데이터시트(HTML) 8 Page - Fairchild Semiconductor

Back Button 74LCX32_08 Datasheet HTML 4Page - Fairchild Semiconductor 74LCX32_08 Datasheet HTML 5Page - Fairchild Semiconductor 74LCX32_08 Datasheet HTML 6Page - Fairchild Semiconductor 74LCX32_08 Datasheet HTML 7Page - Fairchild Semiconductor 74LCX32_08 Datasheet HTML 8Page - Fairchild Semiconductor 74LCX32_08 Datasheet HTML 9Page - Fairchild Semiconductor 74LCX32_08 Datasheet HTML 10Page - Fairchild Semiconductor 74LCX32_08 Datasheet HTML 11Page - Fairchild Semiconductor 74LCX32_08 Datasheet HTML 12Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
©1995 Fairchild Semiconductor Corporation
www.fairchildsemi.com
74LCX32 Rev. 1.6.0
8
Tape and Reel Specification
Tape Format for DQFN
Tape Dimensions inches (millimeters)
Reel Dimensions inches (millimeters)
Package Designator
Tape Section
Number of Cavities
Cavity Status
Cover Tape Status
BQX
Leader (Start End)
125 (Typ.)
Empty
Sealed
Carrier
3000
Filled
Sealed
Trailer (Hub End)
75 (Typ.)
Empty
Sealed
Tape Size
A
B
C
D
N
W1
W2
12mm
13.0 (330.0)
0.059 (1.50)
0.512 (13.00)
0.795 (20.20)
2.165 (55.00)
0.488 (12.4)
0.724 (18.4)


유사한 부품 번호 - 74LCX32_08

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
74LCX32500 FAIRCHILD-74LCX32500 Datasheet
85Kb / 8P
   Low Voltage 36-Bit Universal Bus Transceivers with 5V Tolerant Inputs and Outputs
74LCX32500G FAIRCHILD-74LCX32500G Datasheet
85Kb / 8P
   Low Voltage 36-Bit Universal Bus Transceivers with 5V Tolerant Inputs and Outputs
logo
STMicroelectronics
74LCX32 STMICROELECTRONICS-74LCX32_06 Datasheet
241Kb / 15P
   Low voltage CMOS 2-input OR gate with 5V tolerant inputs
More results

유사한 설명 - 74LCX32_08

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
74LCX32 ONSEMI-74LCX32 Datasheet
755Kb / 14P
   Low Voltage Quad 2-Input OR Gate with 5V Tolerant Inputs
December 2013 Rev. 1.6.1
logo
Fairchild Semiconductor
74LCX32 FAIRCHILD-74LCX32 Datasheet
82Kb / 11P
   Low Voltage Quad 2-Input OR Gate with 5V Tolerant Inputs
logo
STMicroelectronics
74LVX32 STMICROELECTRONICS-74LVX32 Datasheet
155Kb / 8P
   LOW VOLTAGE CMOS QUAD 2-INPUT OR GATE WITH 5V TOLERANT INPUTS
logo
Fairchild Semiconductor
74LCX86 FAIRCHILD-74LCX86 Datasheet
118Kb / 8P
   Low Voltage Quad 2-Input Exclusive-OR Gate with 5V Tolerant Inputs
logo
STMicroelectronics
74LCX32 STMICROELECTRONICS-74LCX32 Datasheet
211Kb / 11P
   LOW VOLTAGE CMOS QUAD 2-INPUT OR GATE WITH 5V TOLERANT INPUTS
74LVX32 STMICROELECTRONICS-74LVX32_04 Datasheet
229Kb / 11P
   LOW VOLTAGE CMOS QUAD 2-INPUT OR GATE WITH 5V TOLERANT INPUTS
logo
Fairchild Semiconductor
74LCX86 FAIRCHILD-74LCX86_08 Datasheet
407Kb / 11P
   Low Voltage Quad 2-Input Exclusive-OR Gate with 5V Tolerant Inputs
logo
Toshiba Semiconductor
TC74LCX32F TOSHIBA-TC74LCX32F Datasheet
254Kb / 8P
   LOW VOLTAGE QUAD 2-INPUT OR GATE WITH 5V TOLERANT INPUTS AND OUTPUTS
logo
STMicroelectronics
74LCX32 STMICROELECTRONICS-74LCX32_06 Datasheet
241Kb / 15P
   Low voltage CMOS 2-input OR gate with 5V tolerant inputs
logo
Fairchild Semiconductor
74LCX08 FAIRCHILD-74LCX08_08 Datasheet
764Kb / 13P
   Low Voltage Quad 2-Input AND Gate with 5V Tolerant Inputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com