전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

74LVX86SJ 데이터시트(PDF) 3 Page - Fairchild Semiconductor

부품명 74LVX86SJ
상세설명  Low Voltage Quad 2-Input Exclusive-OR Gate
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74LVX86SJ 데이터시트(HTML) 3 Page - Fairchild Semiconductor

  74LVX86SJ_08 Datasheet HTML 1Page - Fairchild Semiconductor 74LVX86SJ_08 Datasheet HTML 2Page - Fairchild Semiconductor 74LVX86SJ_08 Datasheet HTML 3Page - Fairchild Semiconductor 74LVX86SJ_08 Datasheet HTML 4Page - Fairchild Semiconductor 74LVX86SJ_08 Datasheet HTML 5Page - Fairchild Semiconductor 74LVX86SJ_08 Datasheet HTML 6Page - Fairchild Semiconductor 74LVX86SJ_08 Datasheet HTML 7Page - Fairchild Semiconductor 74LVX86SJ_08 Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
©1993 Fairchild Semiconductor Corporation
www.fairchildsemi.com
74LVX86 Rev. 1.4.0
3
DC Electrical Characteristics
Noise Characteristics(2)
Note:
2. Input tr = tf = 3ns
Symbol
Parameter
VCC
Conditions
TA = +25°C
TA = –40°C to
+85°C
Units
Min.
Typ. Max.
Min.
Max.
VIH
HIGH Level Input
Voltage
2.0
1.5
1.5
V
3.0
2.0
2.0
3.6
2.4
2.4
VIL
LOW Level Input
Voltage
2.0
0.5
0.5
V
3.0
0.8
0.8
3.6
0.8
0.8
VOH
HIGH Level Output
Voltage
2.0
VIN = VIL or VIH,
IOH = –50µA
1.9
2.0
1.9
V
3.0
VIN = VIL or VIH,
IOH = –50µA
2.9
3.0
2.9
VIN = VIL or VIH,
IOH = –4mA
2.58
2.48
VOL
LOW Level Output
Voltage
2.0
VIN = VIL or VIH,
IOL = 50µA
0.0
0.1
0.1
V
3.0
VIN = VIL or VIH,
IOL = 50µA
0.0
0.1
0.1
VIN = VIL or VIH,
IOL = 4mA
0.36
0.44
IIN
Input Leakage
Current
3.6
VIN = 5.5V or GND
±0.1
±1.0
µA
ICC
Quiescent Supply
Current
3.6
VIN = VCC or GND
2.0
20.0
µA
Symbol
Parameter
VCC (V)
CL (pF)
TA = 25°C
Units
Typ.
Limit
VOLP
Quiet Output Maximum Dynamic VOL
3.3
50
0.3
0.5
V
VOLV
Quiet Output Minimum Dynamic VOL
3.3
50
–0.3
–0.5
V
VIHD
Minimum HIGH Level Dynamic Input Voltage
3.3
50
2.0
V
VILD
Maximum LOW Level Dynamic Input Voltage
3.3
50
0.8
V


유사한 부품 번호 - 74LVX86SJ_08

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
74LVX86SJX FAIRCHILD-74LVX86SJX Datasheet
62Kb / 5P
   Low Voltage Quad 2-Input Exclusive-OR Gate
74LVX86SJX FAIRCHILD-74LVX86SJX Datasheet
85Kb / 6P
   Low Voltage Quad 2-Input Exclusive-OR Gate
More results

유사한 설명 - 74LVX86SJ_08

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
74LVQ86 FAIRCHILD-74LVQ86 Datasheet
64Kb / 6P
   Low Voltage Quad 2-Input Exclusive-OR Gate
74LVQ86 FAIRCHILD-74LVQ86_01 Datasheet
52Kb / 5P
   Low Voltage Quad 2-Input Exclusive-OR Gate
logo
ON Semiconductor
74LVX86 ONSEMI-74LVX86 Datasheet
222Kb / 8P
   Low Voltage Quad 2-Input Exclusive-OR Gate
February 2008 Rev. 1.4.0
logo
Fairchild Semiconductor
74LVX86 FAIRCHILD-74LVX86 Datasheet
62Kb / 5P
   Low Voltage Quad 2-Input Exclusive-OR Gate
74LVX86M FAIRCHILD-74LVX86M Datasheet
85Kb / 6P
   Low Voltage Quad 2-Input Exclusive-OR Gate
logo
ON Semiconductor
74LCX86 ONSEMI-74LCX86 Datasheet
331Kb / 11P
   Low Voltage Quad 2-Input Exclusive-OR Gate
March 2008 Rev. 1.5.0
logo
NXP Semiconductors
74LV86 NXP-74LV86 Datasheet
96Kb / 15P
   Quad 2-input exclusive-OR gate
Rev. 03-27 November 2007
logo
Fairchild Semiconductor
74AC86PC FAIRCHILD-74AC86PC Datasheet
98Kb / 7P
   Quad 2-Input Exclusive-OR Gate
logo
Motorola, Inc
SN54LS386 MOTOROLA-SN54LS386 Datasheet
120Kb / 4P
   QUAD 2-INPUT EXCLUSIVE-OR GATE
logo
NXP Semiconductors
74HC86 PHILIPS-74HC86 Datasheet
34Kb / 6P
   Quad 2-input EXCLUSIVE-OR gate
December 1990
More results


Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com