전자부품 데이터시트 검색엔진
  Korean  ▼

Delete All
ON OFF
ALLDATASHEET.CO.KR

X  

Preview PDF Download HTML

74VHC86 데이터시트(PDF) 3 Page - Fairchild Semiconductor

부품명 74VHC86
부품 상세설명  Quad 2-Input Exclusive-OR Gate
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74VHC86 데이터시트(HTML) 3 Page - Fairchild Semiconductor

  74VHC86_08 Datasheet HTML 1Page - Fairchild Semiconductor 74VHC86_08 Datasheet HTML 2Page - Fairchild Semiconductor 74VHC86_08 Datasheet HTML 3Page - Fairchild Semiconductor 74VHC86_08 Datasheet HTML 4Page - Fairchild Semiconductor 74VHC86_08 Datasheet HTML 5Page - Fairchild Semiconductor 74VHC86_08 Datasheet HTML 6Page - Fairchild Semiconductor 74VHC86_08 Datasheet HTML 7Page - Fairchild Semiconductor 74VHC86_08 Datasheet HTML 8Page - Fairchild Semiconductor 74VHC86_08 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
©1992 Fairchild Semiconductor Corporation
www.fairchildsemi.com
74VHC86 Rev. 1.4.0
3
Absolute Maximum Ratings
Stresses exceeding the absolute maximum ratings may damage the device. The device may not function or be
operable above the recommended operating conditions and stressing the parts to these levels is not recommended.
In addition, extended exposure to stresses above the recommended operating conditions may affect device reliability.
The absolute maximum ratings are stress ratings only.
Recommended Operating Conditions(1)
The Recommended Operating Conditions table defines the conditions for actual device operation. Recommended
operating conditions are specified to ensure optimal performance to the datasheet specifications. Fairchild does not
recommend exceeding them or designing to absolute maximum ratings.
Note:
1. Unused inputs must be held HIGH or LOW. They may not float.
Symbol
Parameter
Rating
VCC
Supply Voltage
–0.5V to +7.0V
VIN
DC Input Voltage
–0.5V to +7.0V
VOUT
DC Output Voltage
–0.5V to VCC + 0.5V
IIK
Input Diode Current
–20mA
IOK
Output Diode Current
±20mA
IOUT
DC Output Current
±25mA
ICC
DC VCC / GND Current
±50mA
TSTG
Storage Temperature
–65°C to +150°C
TL
Lead Temperature (Soldering, 10 seconds)
260°C
Symbol
Parameter
Rating
VCC
Supply Voltage
2.0V to +5.5V
VIN
Input Voltage
0V to +5.5V
VOUT
Output Voltage
0V to VCC
TOPR
Operating Temperature
–40°C to +85°C
tr, tf
Input Rise and Fall Time,
VCC = 3.3V ± 0.3V
VCC = 5.0V ± 0.5V
0ns/V
∼ 100ns/V
0ns/V
∼ 20ns/V


유사한 부품 번호 - 74VHC86_08

제조업체부품명데이터시트부품 상세설명
STMicroelectronics
STMicroelectronics
74VHC86 STMICROELECTRONICS-74VHC86_04 Datasheet
230Kb / 11P
   QUAD EXCLUSIVE OR GATE
More results

유사한 설명 - 74VHC86_08

제조업체부품명데이터시트부품 상세설명
Fairchild Semiconductor
Fairchild Semiconductor
DM74LS86 FAIRCHILD-DM74LS86 Datasheet
61Kb / 5P
   Quad 2-Input Exclusive-OR Gate
NXP Semiconductors
NXP Semiconductors
74HC86 PHILIPS-74HC86 Datasheet
34Kb / 6P
   Quad 2-input EXCLUSIVE-OR gate
December 1990
Motorola, Inc
Motorola, Inc
SN54LS386 MOTOROLA-SN54LS386 Datasheet
120Kb / 4P
   QUAD 2-INPUT EXCLUSIVE-OR GATE
Fairchild Semiconductor
Fairchild Semiconductor
74AC86PC FAIRCHILD-74AC86PC Datasheet
98Kb / 7P
   Quad 2-Input Exclusive-OR Gate
NXP Semiconductors
NXP Semiconductors
74LV86 NXP-74LV86 Datasheet
96Kb / 15P
   Quad 2-input exclusive-OR gate
Rev. 03-27 November 2007
Unisonic Technologies
Unisonic Technologies
U74LVC86A UTC-U74LVC86A_15 Datasheet
200Kb / 6P
   QUAD 2-INPUT EXCLUSIVE OR GATE
Motorola, Inc
Motorola, Inc
MC74AC86 MOTOROLA-MC74AC86 Datasheet
147Kb / 5P
   QUAD 2-INPUT EXCLUSIVE-OR GATE
Integral Corp.
Integral Corp.
IN74HCT86A INTEGRAL-IN74HCT86A Datasheet
178Kb / 5P
   Quad 2-Input Exclusive OR Gate
Texas Instruments
Texas Instruments
CD74AC86 TI-CD74AC86 Datasheet
34Kb / 5P
[Old version datasheet]   Quad 2-Input Exclusive-OR Gate
Fairchild Semiconductor
Fairchild Semiconductor
74AC86 FAIRCHILD-74AC86 Datasheet
81Kb / 7P
   Quad 2-Input Exclusive-OR Gate
DM7486 FAIRCHILD-DM7486 Datasheet
34Kb / 3P
   Quad 2-Input Exclusive-OR Gate
More results


Html Pages

1  2  3  4  5  6  7  8  9  10 


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz