전자부품 데이터시트 검색엔진
  Korean  ▼

Delete All
ON OFF
ALLDATASHEET.CO.KR

X  

Preview PDF Download HTML

74VHC86 데이터시트(PDF) 5 Page - Fairchild Semiconductor

부품명 74VHC86
부품 상세설명  Quad 2-Input Exclusive-OR Gate
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74VHC86 데이터시트(HTML) 5 Page - Fairchild Semiconductor

  74VHC86_08 Datasheet HTML 1Page - Fairchild Semiconductor 74VHC86_08 Datasheet HTML 2Page - Fairchild Semiconductor 74VHC86_08 Datasheet HTML 3Page - Fairchild Semiconductor 74VHC86_08 Datasheet HTML 4Page - Fairchild Semiconductor 74VHC86_08 Datasheet HTML 5Page - Fairchild Semiconductor 74VHC86_08 Datasheet HTML 6Page - Fairchild Semiconductor 74VHC86_08 Datasheet HTML 7Page - Fairchild Semiconductor 74VHC86_08 Datasheet HTML 8Page - Fairchild Semiconductor 74VHC86_08 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
©1992 Fairchild Semiconductor Corporation
www.fairchildsemi.com
74VHC86 Rev. 1.4.0
5
AC Electrical Characteristics
Note:
3. CPD is defined as the value of the internal equivalent capacitance which is calculated from the operating
current consumption without load. Average operating current can be obtained by the equation:
ICC (opr.) = CPD • VCC • fIN + ICC / 4 (per gate).
Symbol
Parameter
VCC (V)
Conditions
TA = 25°C
TA = –40°C
to +85°C
Units
Min.
Typ.
Max.
Min.
Max.
tPHL, tPLH
Propagation Delay
3.3 ± 0.3
CL = 15pF
7.0
11.0
1.0
13.0
ns
CL = 50pF
9.5
14.5
1.0
16.5
5.0 ± 0.5
CL = 15pF
4.8
6.8
1.0
8.0
ns
CL = 50pF
6.3
8.8
1.0
10.0
CIN
Input Capacitance
VCC = Open
4
10
10
pF
CPD
Power Dissipation
Capacitance
(3)
18
pF


유사한 부품 번호 - 74VHC86_08

제조업체부품명데이터시트부품 상세설명
STMicroelectronics
STMicroelectronics
74VHC86 STMICROELECTRONICS-74VHC86_04 Datasheet
230Kb / 11P
   QUAD EXCLUSIVE OR GATE
More results

유사한 설명 - 74VHC86_08

제조업체부품명데이터시트부품 상세설명
Fairchild Semiconductor
Fairchild Semiconductor
DM74LS86 FAIRCHILD-DM74LS86 Datasheet
61Kb / 5P
   Quad 2-Input Exclusive-OR Gate
NXP Semiconductors
NXP Semiconductors
74HC86 PHILIPS-74HC86 Datasheet
34Kb / 6P
   Quad 2-input EXCLUSIVE-OR gate
December 1990
Motorola, Inc
Motorola, Inc
SN54LS386 MOTOROLA-SN54LS386 Datasheet
120Kb / 4P
   QUAD 2-INPUT EXCLUSIVE-OR GATE
Fairchild Semiconductor
Fairchild Semiconductor
74AC86PC FAIRCHILD-74AC86PC Datasheet
98Kb / 7P
   Quad 2-Input Exclusive-OR Gate
NXP Semiconductors
NXP Semiconductors
74LV86 NXP-74LV86 Datasheet
96Kb / 15P
   Quad 2-input exclusive-OR gate
Rev. 03-27 November 2007
Unisonic Technologies
Unisonic Technologies
U74LVC86A UTC-U74LVC86A_15 Datasheet
200Kb / 6P
   QUAD 2-INPUT EXCLUSIVE OR GATE
Motorola, Inc
Motorola, Inc
MC74AC86 MOTOROLA-MC74AC86 Datasheet
147Kb / 5P
   QUAD 2-INPUT EXCLUSIVE-OR GATE
Integral Corp.
Integral Corp.
IN74HCT86A INTEGRAL-IN74HCT86A Datasheet
178Kb / 5P
   Quad 2-Input Exclusive OR Gate
Texas Instruments
Texas Instruments
CD74AC86 TI-CD74AC86 Datasheet
34Kb / 5P
[Old version datasheet]   Quad 2-Input Exclusive-OR Gate
Fairchild Semiconductor
Fairchild Semiconductor
74AC86 FAIRCHILD-74AC86 Datasheet
81Kb / 7P
   Quad 2-Input Exclusive-OR Gate
DM7486 FAIRCHILD-DM7486 Datasheet
34Kb / 3P
   Quad 2-Input Exclusive-OR Gate
More results


Html Pages

1  2  3  4  5  6  7  8  9  10 


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz