전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FAN5345S20X 데이터시트(PDF) 7 Page - Fairchild Semiconductor

부품명 FAN5345S20X
상세설명  Series Boost LED Driver with Single-Wire Digital Interface
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN5345S20X 데이터시트(HTML) 7 Page - Fairchild Semiconductor

Back Button FAN5345S20X Datasheet HTML 3Page - Fairchild Semiconductor FAN5345S20X Datasheet HTML 4Page - Fairchild Semiconductor FAN5345S20X Datasheet HTML 5Page - Fairchild Semiconductor FAN5345S20X Datasheet HTML 6Page - Fairchild Semiconductor FAN5345S20X Datasheet HTML 7Page - Fairchild Semiconductor FAN5345S20X Datasheet HTML 8Page - Fairchild Semiconductor FAN5345S20X Datasheet HTML 9Page - Fairchild Semiconductor FAN5345S20X Datasheet HTML 10Page - Fairchild Semiconductor FAN5345S20X Datasheet HTML 11Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
© 2011 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FAN5345 • Rev. 1.0.0
7
Typical Characteristics
VIN = 3.6V, TA = 25C, ILED = 25mA, L = 10µH, COUT = 1.0µF, and CIN = 10.0µF.
50%
60%
70%
80%
90%
2.5
3.0
3.5
4.0
4.5
Input Voltage (V)
-40C
+25C
+85C
50%
60%
70%
80%
90%
2.5
3.0
3.5
4.0
4.5
Input Voltage (V)
-40C
+25C
+85C
Figure 10. Efficiency vs. Input Voltage vs. Temperature
for 5 LEDs in Series
Figure 11. Efficiency vs. Input Voltage vs. Temperature
for 7 LEDs in Series
-0.4
-0.3
-0.2
-0.1
0.0
0.1
0.2
2.5
3.0
3.5
4.0
4.5
Input Voltage (V)
-40°C
+25°C
+85°C
1000
1050
1100
1150
1200
1250
2.5
3.0
3.5
4.0
4.5
Input Voltage (V)
-40°C
+25°C
+85°C
Figure 12. Delta of VFB Over Input Voltage and
Temperature for 7 LEDs with L=10µH and COUT=1.0µF
Figure 13. Frequency vs. Input Voltage vs. Temperature
18.5
19.0
19.5
20.0
20.5
21.0
2.5
3.0
3.5
4.0
4.5
Input Voltage (V)
5 LEDs
L = 10µH
COUT = 1.0µF
ILED = 25mA
29.0
29.5
30.0
30.5
31.0
31.5
2.5
3.0
3.5
4.0
4.5
Input Voltage (V)
7 LEDs
L = 10µH
COUT = 1.0µF
ILED = 25mA
Figure 14. OVP vs. Input Voltage: FAN5345S20X
Figure 15. OVP vs. Input Voltage: FAN5345S30X


유사한 부품 번호 - FAN5345S20X

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
FAN5340 FAIRCHILD-FAN5340 Datasheet
931Kb / 12P
   Synchronous Constant-Current Series Boost LED Driver with PWM Brightness Control and Integrated Load Disconnect
FAN5340MPX FAIRCHILD-FAN5340MPX Datasheet
931Kb / 12P
   Synchronous Constant-Current Series Boost LED Driver with PWM Brightness Control and Integrated Load Disconnect
FAN5340UCX FAIRCHILD-FAN5340UCX Datasheet
931Kb / 12P
   Synchronous Constant-Current Series Boost LED Driver with PWM Brightness Control and Integrated Load Disconnect
FAN5341 FAIRCHILD-FAN5341 Datasheet
699Kb / 11P
   Series Boost LED Driver with Integrated Schottky Diode and Single-Wire Digital Interface
logo
ON Semiconductor
FAN5341 ONSEMI-FAN5341 Datasheet
654Kb / 11P
   Series Boost LED Driver with Integrated Schottky Diode and Single-Wire Digital Interface
October-2017, Rev .2
More results

유사한 설명 - FAN5345S20X

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
FAN5341 FAIRCHILD-FAN5341 Datasheet
699Kb / 11P
   Series Boost LED Driver with Integrated Schottky Diode and Single-Wire Digital Interface
logo
ON Semiconductor
FAN5341 ONSEMI-FAN5341 Datasheet
654Kb / 11P
   Series Boost LED Driver with Integrated Schottky Diode and Single-Wire Digital Interface
October-2017, Rev .2
logo
Fairchild Semiconductor
FAN5343 FAIRCHILD-FAN5343 Datasheet
1Mb / 11P
   6-LED Series Boost LED Driver with Integrated Schottky Diode and Single-Wire Digital Interface
FAN5346 FAIRCHILD-FAN5346 Datasheet
1Mb / 14P
   Series Boost LED Driver with PWM Dimming Interface
logo
ON Semiconductor
FAN5622 ONSEMI-FAN5622 Datasheet
1Mb / 13P
   Linear LED Drivers with Single-Wire Digital Interface
June, 2021 -Rev. 2
logo
Fairchild Semiconductor
FAN5622 FAIRCHILD-FAN5622 Datasheet
1Mb / 13P
   Linear LED Drivers with Single-Wire Digital Interface
logo
Texas Instruments
LP5560 TI1-LP5560 Datasheet
4Mb / 29P
[Old version datasheet]   LP5560 Programmable LED Driver With Single-Wire Interface
logo
Monolithic Power System...
MP3331 MPS-MP3331 Datasheet
641Kb / 25P
   2A, Synchronous Boost Flash LED Driver with I2C Interface
logo
Micrel Semiconductor
MIC2870 MICREL-MIC2870 Datasheet
2Mb / 25P
   1.5A Synchronous Boost Flash LED Driver with I2C Interface
MIC2871 MICREL-MIC2871 Datasheet
1Mb / 24P
   1.2A High-Brightness LED Flash Driver with Single-Wire Serial Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com