전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AD9915BCPZ-REEL7 데이터시트(PDF) 2 Page - Analog Devices

부품명 AD9915BCPZ-REEL7
상세설명  2.5 GSPS Direct Digital Synthesizer with 12-Bit DAC
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

AD9915BCPZ-REEL7 데이터시트(HTML) 2 Page - Analog Devices

  AD9915BCPZ-REEL7 Datasheet HTML 1Page - Analog Devices AD9915BCPZ-REEL7 Datasheet HTML 2Page - Analog Devices AD9915BCPZ-REEL7 Datasheet HTML 3Page - Analog Devices AD9915BCPZ-REEL7 Datasheet HTML 4Page - Analog Devices AD9915BCPZ-REEL7 Datasheet HTML 5Page - Analog Devices AD9915BCPZ-REEL7 Datasheet HTML 6Page - Analog Devices AD9915BCPZ-REEL7 Datasheet HTML 7Page - Analog Devices AD9915BCPZ-REEL7 Datasheet HTML 8Page - Analog Devices AD9915BCPZ-REEL7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 48 page
background image
AD9915
Data Sheet
Rev. A | Page 2 of 48
TABLE OF CONTENTS
Features .............................................................................................. 1
 
Applications....................................................................................... 1
 
Functional Block Diagram .............................................................. 1
 
Revision History ............................................................................... 2
 
General Description ......................................................................... 3
 
Specifications..................................................................................... 4
 
DC Specifications ......................................................................... 4
 
AC Specifications.......................................................................... 5
 
Absolute Maximum Ratings............................................................ 8
 
Thermal Performance.................................................................. 8
 
ESD Caution.................................................................................. 8
 
Pin Configuration and Function Descriptions............................. 9
 
Typical Performance Characteristics ........................................... 12
 
Equivalent Circuits ......................................................................... 16
 
Theory of Operation ...................................................................... 17
 
Single Tone Mode ....................................................................... 17
 
Profile Modulation Mode.......................................................... 17
 
Digital Ramp Modulation Mode .............................................. 17
 
Parallel Data Port Modulation Mode....................................... 17
 
Programmable Modulus Mode................................................. 17
 
Mode Priority.............................................................................. 18
 
Functional Block Detail ................................................................. 19
 
DDS Core..................................................................................... 19
 
12-Bit DAC Output .................................................................... 20
 
DAC Calibration Output........................................................... 20
 
Reconstruction Filter ................................................................. 20
 
Clock Input (REF_CLK/REF_CLK) ........................................ 21
 
PLL Lock Indication .................................................................. 22
 
Output Shift Keying (OSK)....................................................... 22
 
Digital Ramp Generator (DRG) ............................................... 23
 
Power-Down Control ................................................................ 27
 
Programming and Function pins ................................................. 28
 
Serial Programming ....................................................................... 31
 
Control Interface—Serial I/O ................................................... 31
 
General Serial I/O Operation ................................................... 31
 
Instruction Byte .......................................................................... 31
 
Serial I/O Port Pin Descriptions .............................................. 31
 
Serial I/O Timing Diagrams ..................................................... 32
 
MSB/LSB Transfers .................................................................... 32
 
Parallel Programming (8-/16-Bit) ................................................ 33
 
Multiple Chip Synchronization .................................................... 34
 
Register Map and Bit Descriptions .............................................. 36
 
Register Bit Descriptions........................................................... 41
 
Outline Dimensions ....................................................................... 47
 
Ordering Guide .......................................................................... 47
 
REVISION HISTORY
8/12—Rev. 0 to Rev. A
Changed External Clock Frequency from 3.5 GHz to 2.5 GHz
and Differential Input Voltage Unit from mV p-p to V p-p ....... 4
Updated Outline Dimensions ....................................................... 47
7/12—Revision 0: Initial Version


유사한 부품 번호 - AD9915BCPZ-REEL7

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD9910 AD-AD9910 Datasheet
488Kb / 13P
   1 GSPS 14-Bit, 3.3V CMOS Direct Digital Synthesizer
Rev. PrD
AD9910 AD-AD9910 Datasheet
1Mb / 60P
   1 GSPS, 14-Bit, 3.3 V CMOS Direct Digital Synthesizer
REV. 0
AD9910 AD-AD9910 Datasheet
390Kb / 3P
   Synchronizing Multiple AD9910 1 GSPS Direct Digital Synthesizers
REV. A
AD9910 AD-AD9910 Datasheet
1Mb / 64P
   CMOS Direct Digital Synthesizer
AD9910/PCBZ AD-AD9910/PCBZ Datasheet
1Mb / 60P
   1 GSPS, 14-Bit, 3.3 V CMOS Direct Digital Synthesizer
REV. 0
More results

유사한 설명 - AD9915BCPZ-REEL7

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD9914 AD-AD9914 Datasheet
852Kb / 48P
   3.5 GSPS Direct Digital Synthesizer with 12-Bit DAC
REV. C
AD9914 AD-AD9914 Datasheet
898Kb / 48P
   3.5 GSPS Direct Digital Synthesizer with 12-Bit DAC
REV. C
AD9914 AD-AD9914_16 Datasheet
1Mb / 45P
   3.5 GSPS Direct Digital Synthesizer 12-Bit DAC
AD9912BCPZ AD-AD9912BCPZ Datasheet
649Kb / 40P
   1 GSPS Direct Digital Synthesizer with 14-Bit DAC
Rev. F
AD9912ABCPZ AD-AD9912ABCPZ Datasheet
649Kb / 40P
   1 GSPS Direct Digital Synthesizer with 14-Bit DAC
Rev. F
AD9912 AD-AD9912 Datasheet
113Kb / 3P
   1 GSPS Direct Digital Synthesizer w/ 14-bit DAC
Rev. F
AD9914S AD-AD9914S Datasheet
1Mb / 17P
   3.5 GPSP Direct Digital Synthesizer with 12-Bit DAC
Rev. 0
AD9174 AD-AD9174_V01 Datasheet
3Mb / 164P
   Dual, 16-Bit, 12.6 GSPS RF DAC and Direct Digital Synthesizer
AD9174 AD-AD9174 Datasheet
2Mb / 163P
   Dual, 16-Bit, 12.6 GSPS RF DAC and Direct Digital Synthesizer
AD9858BSVZ AD-AD9858BSVZ Datasheet
838Kb / 32P
   1 GSPS Direct Digital Synthesizer
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com