전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LB1845 데이터시트(PDF) 8 Page - Sanyo Semicon Device

부품명 LB1845
상세설명  PWM Current Controlling Stepping Motor Driver
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SANYO [Sanyo Semicon Device]
홈페이지  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LB1845 데이터시트(HTML) 8 Page - Sanyo Semicon Device

  LB1845 Datasheet HTML 1Page - Sanyo Semicon Device LB1845 Datasheet HTML 2Page - Sanyo Semicon Device LB1845 Datasheet HTML 3Page - Sanyo Semicon Device LB1845 Datasheet HTML 4Page - Sanyo Semicon Device LB1845 Datasheet HTML 5Page - Sanyo Semicon Device LB1845 Datasheet HTML 6Page - Sanyo Semicon Device LB1845 Datasheet HTML 7Page - Sanyo Semicon Device LB1845 Datasheet HTML 8Page - Sanyo Semicon Device LB1845 Datasheet HTML 9Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
LB1845
No.5505-8/9
ILB00887
IBB - VBB
Output Stage Power-Supply Voltage, VBB - V
0
2
4
6
8
10
12
14
16
0
4
8
12
16
20
24
28
32
36
40
44
46
VCC=5V
VREF=5V
ILB00888
ICC, IBB - VCC
0
4
8
12
16
20
24
28
32
0
4
8
12
16
20
24
28
32
56
7
4
38
01
2
ILB00890
VO(sat) - IOUT
Output Current, IOUT - A
0
0.4
0.8
1.2
1.6
0
0.4
0.8
1.2
1.6
2.0
2.4
VBB=38V
VREF=5V
Output off
IBB Output off
IBB
Outpu
t on
I CC
IBB
ILB00889
ICC, IBB - VCC
Logic Block Supply Voltage, VCC - V
0
4
8
12
16
20
24
28
32
0
4
8
12
16
20
24
28
32
56
7
4
38
01
2
VBB=38V
VREF=5V
Output on
VBB=45V
VCC=5V
VREF=5V
I BB
ILB00891
VO(sat) -- IOUT
Output Current, IOUT - A
0
0.4
0.8
1.2
1.6
0
0.4
0.8
1.2
1.6
2.0
2.4
VBB=45V
VCC=5V
VREF=5V
(Source side)
(Sink side)
Logic Block Supply Voltage, VCC - V


유사한 부품 번호 - LB1845

제조업체부품명데이터시트상세설명
logo
Sanyo Semicon Device
LB1845 SANYO-LB1845 Datasheet
136Kb / 7P
   PWM Current Control Stepping Motor Driver
LB1845 SANYO-LB1845 Datasheet
200Kb / 9P
   PWM Current Controlling Stepping Motor Driver
logo
ON Semiconductor
LB1845 ONSEMI-LB1845 Datasheet
90Kb / 9P
   PWM Current Controlling Stepping Motor Driver
June, 2013
logo
Sanyo Semicon Device
LB1845 SANYO-LB1845_06 Datasheet
200Kb / 9P
   PWM Current Controlling Stepping Motor Driver
More results

유사한 설명 - LB1845

제조업체부품명데이터시트상세설명
logo
Sanyo Semicon Device
LB1845 SANYO-LB1845_06 Datasheet
200Kb / 9P
   PWM Current Controlling Stepping Motor Driver
logo
ON Semiconductor
LB1845 ONSEMI-LB1845 Datasheet
90Kb / 9P
   PWM Current Controlling Stepping Motor Driver
June, 2013
logo
Sanyo Semicon Device
LB11946 SANYO-LB11946 Datasheet
1Mb / 12P
   PWM Current Control Stepping Motor Driver
logo
Princeton Technology Co...
PT2463 PTC-PT2463 Datasheet
185Kb / 5P
   PWM Constant-Current Stepping Motor Driver
logo
Sanyo Semicon Device
LB1946 SANYO-LB1946_07 Datasheet
134Kb / 16P
   PWM Current Control Stepping Motor Driver
LB11946 SANYO-LB11946_09 Datasheet
132Kb / 14P
   PWM Current Control Stepping Motor Driver
LV8740V SANYO-LV8740V Datasheet
318Kb / 23P
   PWM Current Control Stepping Motor Driver
LB1945D SANYO-LB1945D_09 Datasheet
105Kb / 9P
   PWM Current Control Stepping Motor Driver
logo
ON Semiconductor
LV8727 ONSEMI-LV8727 Datasheet
327Kb / 23P
   PWM Current Control Stepping Motor Driver
June, 2013
LB1946 ONSEMI-LB1946 Datasheet
122Kb / 16P
   PWM Current Control Stepping Motor Driver
June, 2013
More results


Html Pages

1 2 3 4 5 6 7 8 9


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com