전자부품 데이터시트 검색엔진 |
|
74458133 데이터시트(PDF) 1 Page - Wurth Elektronik GmbH & Co. KG, Germany. |
|
74458133 데이터시트(HTML) 1 Page - Wurth Elektronik GmbH & Co. KG, Germany. |
1 / 3 page Bezeichnung : description : Amm Bmm Cmm Dmm Emm Fmm Gmm @@FRM 1@@ = Start of winding Marking = Inductance code Eigenschaften / properties Wert / value Einheit / unit tol. Induktivität / inductance DC-Widerstand / DC-resistance DC-Widerstand / DC-resistance Nennstrom / rated current Sättigungsstrom/ saturation current Eigenres.-Frequenz / self-res.-fequency 33% Umgebungstemperatur / temperature: +20°C Ferrit/ ferrite MST 04-10-11 Name Datum / date Typ X Änderung / modification Version 1 12,7 ± 0,3 7,11 max. 15,24 max. 18,54 max. 2,54 ref. 2,54 ref. 13,15 ± 0,3 typ. @ 20°C Luftfeuchtigkeit / humidity: typ. HP 34401 A für/for IDC und/and RDC ∆T= 40 K |∆L/L|< 10% RDC typ Ω HP 4274 A für/for L und/and Q Isat MHz Ω A IDC A Mechanische Abmessungen / dimensions: 100 kHz / 0,1V @ 20°C L 33,0 0,066 0,060 µH RDC max Kunde / customer : SPEICHERDROSSEL WE-PD 4 POWER-CHOKE WE-PD 4 Artikelnummer / part number : 74458133 Sockel / Base Anbindung an Elektrode / Sn/Cu - 99.3/0.7% UL94-V0 Endoberfläche / finishing electrode 100% Sn Spezifikation für Freigabe / specification for release DATUM / DATE : 2004-10-11 max. A Testbedingungen / test conditions 5,50 typ. 3,00 ± 20% http://www.we-online.de Datum / date ............................................................................. Unterschrift / signature Kontrolliert / approved Würth Elektronik eiSos GmbH & Co. KG D-74638 Waldenburg · Max-Eyth-Strasse 1 · Germany · Telefon (+49) (0) 7942 - 945 - 0 · Telefax (+49) (0) 7942 - 945 - 400 Geprüft / checked ................................................... ............................................. It is recommended that the temperature of the part does not exceed 125°C under worst case operating conditions. C Lötpad / soldering spec.: B Elektrische Eigenschaften / electrical properties: Umgebungstemp. / ambient temperature: -40°C - + 85°C 10,00 SRF Basismaterial / base material: Draht / wire: 2UEWF 155°C F Werkstoffe & Zulassungen / material & approvals: G Eigenschaften / general specifications: D Prüfgeräte / test equipment: E Testbedingungen / test conditions: Betriebstemp. / operating temperature: -40°C - + 125°C max. soldering wire to plating Freigabe erteilt / general release: Kunde / customer Würth Elektronik .................................................................................. A B F G E G C D [mm] 2,79 2,92 2,92 12,45 RoHS compliant LF SEITE 1 VON 3 |
유사한 부품 번호 - 74458133 |
|
유사한 설명 - 74458133 |
|
|
링크 URL |
개인정보취급방침 |
ALLDATASHEET.CO.KR |
ALLDATASHEET 가 귀하에 도움이 되셨나요? [ DONATE ] |
Alldatasheet는? | 광고문의 | 운영자에게 연락하기 | 개인정보취급방침 | 링크교환 | 제조사별 검색 All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |