전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STK672-442B-E 데이터시트(PDF) 6 Page - Sanyo Semicon Device

부품명 STK672-442B-E
상세설명  Thick-Film Hybrid IC 2-phase Stepping Motor Driver
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SANYO [Sanyo Semicon Device]
홈페이지  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

STK672-442B-E 데이터시트(HTML) 6 Page - Sanyo Semicon Device

Back Button STK672-442B-E Datasheet HTML 2Page - Sanyo Semicon Device STK672-442B-E Datasheet HTML 3Page - Sanyo Semicon Device STK672-442B-E Datasheet HTML 4Page - Sanyo Semicon Device STK672-442B-E Datasheet HTML 5Page - Sanyo Semicon Device STK672-442B-E Datasheet HTML 6Page - Sanyo Semicon Device STK672-442B-E Datasheet HTML 7Page - Sanyo Semicon Device STK672-442B-E Datasheet HTML 8Page - Sanyo Semicon Device STK672-442B-E Datasheet HTML 9Page - Sanyo Semicon Device STK672-442B-E Datasheet HTML 10Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 26 page
background image
STK672-442B-E
No.A1735-6/24
Precautions
[GND wiring]
• To reduce noise on the 5V/24V system, be sure to place the GND of C01 in the circuit given above as close as
possible to Pin 2 and Pin 6 of the hybrid IC.
In addition, in order to set the current accurately, the GND side of RO2 of Vref must be connected to the shared
ground terminal used by the Pin 18 (S.G) GND, P.G1 and P.G2.
[Input pins]
• If VDD is being applied, use care that each input pin does not apply a negative voltage less than -0.3V to S. GND,
Pin 18. Measures must also be taken so that a voltage equal to or greater than VDD is not input.
• High voltage input other than VDD, MOI, FAULT1, and FAULT2 is 2.5V.
• Pull-up resistors are not connected to input pins. Pull-down resistors are attached. When controlling the input to the
hybrid IC with the open collector type, be sure to connect a pull-up resistor (1 to 20k
Ω).
Be sure to use a device (0.8V or less, low level, when IOL=5mA) for the open collector driver at this time that has an
output voltage specification such that voltage is pulled to less than 0.8V at low level.
• When using the power on reset function built into the hybrid IC, be sure to directly connect Pin 14 to VDD.
• We recommend attaching a 1,000pF capacitor to each input to prevent malfunction during high-impedance input. Be
sure to connect the capacitor near the hybrid IC, between Pin 18 (S, G).
When input is fixed low, directly connect to Pin 18. When input is fixed high, directly connect to VDD.
[Current setting Vref]
If the motor current is temporarily reduced, the circuit given below is recommended.
The variable voltage range of Vref input is 0.2 to 1.8V.
[Setting the motor current]
The motor current, IOH, is set using the Pin 19 voltage, Vref, of the hybrid IC. Equations related to IOH and Vref are
given below.
Vref
≈ (RO2 ÷ (RO2+RO1))×VDD(5V) ························································· (1)
IOH ≈ (Vref ÷ 4.9) ÷ Rs ·················································································· (2)
The value of 4.9 in Equation (2) above represents the Vref voltage as divided by a circuit inside the control IC.
Rs: 0.122
Ω (Current detection resistor inside the hybrid IC)
5V
RO1
RO2
R3
5V
RO1
RO2
R3
Vref
Vref


유사한 부품 번호 - STK672-442B-E

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
STK672-442B-E ONSEMI-STK672-442B-E Datasheet
238Kb / 26P
   2-phase Stepping Motor Driver
June, 2013
More results

유사한 설명 - STK672-442B-E

제조업체부품명데이터시트상세설명
logo
Sanyo Semicon Device
STK672-540 SANYO-STK672-540 Datasheet
157Kb / 22P
   Thick-Film Hybrid IC 2-phase Stepping Motor Driver
STK672-610 SANYO-STK672-610 Datasheet
158Kb / 19P
   Thick-Film Hybrid IC 2-phase Stepping Motor Driver
STK672-640C-E SANYO-STK672-640C-E Datasheet
248Kb / 27P
   Thick-Film Hybrid IC 2-phase Stepping Motor Driver
STK672-440B-E SANYO-STK672-440B-E Datasheet
252Kb / 26P
   Thick-Film Hybrid IC 2-phase Stepping Motor Driver
STK672-730A-E SANYO-STK672-730A-E Datasheet
141Kb / 19P
   Thick-Film Hybrid IC 2-phase Stepping Motor Driver
STK672-432A-E SANYO-STK672-432A-E Datasheet
135Kb / 21P
   Thick-Film Hybrid IC 2-phase Stepping Motor Driver
STK672-630A-E SANYO-STK672-630A-E Datasheet
149Kb / 21P
   Thick-Film Hybrid IC 2-phase Stepping Motor Driver
STK672-732A-E SANYO-STK672-732A-E Datasheet
129Kb / 19P
   Thick-Film Hybrid IC 2-phase Stepping Motor Driver
STK672-630C-E SANYO-STK672-630C-E Datasheet
246Kb / 26P
   Thick-Film Hybrid IC 2-phase Stepping Motor Driver
STK672-432B-E SANYO-STK672-432B-E Datasheet
252Kb / 26P
   Thick-Film Hybrid IC 2-phase Stepping Motor Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com