전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FAN21SV06 데이터시트(PDF) 2 Page - Fairchild Semiconductor

부품명 FAN21SV06
상세설명  TinyBuck??6 A, 24V Single-Input Integrated Synchronous Buck Regulator with Synchronization Capability
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN21SV06 데이터시트(HTML) 2 Page - Fairchild Semiconductor

  FAN21SV06_12 Datasheet HTML 1Page - Fairchild Semiconductor FAN21SV06_12 Datasheet HTML 2Page - Fairchild Semiconductor FAN21SV06_12 Datasheet HTML 3Page - Fairchild Semiconductor FAN21SV06_12 Datasheet HTML 4Page - Fairchild Semiconductor FAN21SV06_12 Datasheet HTML 5Page - Fairchild Semiconductor FAN21SV06_12 Datasheet HTML 6Page - Fairchild Semiconductor FAN21SV06_12 Datasheet HTML 7Page - Fairchild Semiconductor FAN21SV06_12 Datasheet HTML 8Page - Fairchild Semiconductor FAN21SV06_12 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
© 2006 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FAN21SV06 Rev. 1.0.3
2
Typical Application Diagram
Q1
Q2
SW
FB
PGND
COUT
OUT
L
BOOT
R1
RT
RT
ILIM
RILIM
CBOOT
R3
C3
RBIAS
RRAMP
IN
CIN
CHF
C4
Power
Good
Enable
Boot
Diode
POWER
MOSFETS
CLK
AGND
COMP
C1
C2
C5
VIN
VIN_Reg
PWM
+
DRIVER
R2
EN
R5
RAMP
5V_Reg
Figure 1. Typical Application, Master, VIN=6.5 V to 24 V
Block Diagram
IILIM
Current Limit
Comparator
EN
Boot
Diode
Error
Amplifier
PWM
Comparator
Summing
Amplifier
SW
OSC
SS
VREF
R
S
Q
BOOT
VIN
PGND
VOUT
CBOOT
L
COUT
ILIM
COMP
FB
RAMP
5V_Reg
RAMP
GEN
Current
Sense
CLK
Reg
VIN_Reg
5V
Gate
Drive
Circuit
Int ref
AGND
Figure 2. Block Diagram


유사한 부품 번호 - FAN21SV06_12

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
FAN21SV06EMPX FAIRCHILD-FAN21SV06EMPX Datasheet
1Mb / 17P
   TinyBuck??6A, 24V Single-Input Integrated Synchronous Buck Regulator, Synchronization Capability
FAN21SV06MPX FAIRCHILD-FAN21SV06MPX Datasheet
1Mb / 17P
   TinyBuck??6A, 24V Single-Input Integrated Synchronous Buck Regulator, Synchronization Capability
More results

유사한 설명 - FAN21SV06_12

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
FAN21SV06 FAIRCHILD-FAN21SV06 Datasheet
1Mb / 17P
   TinyBuck??6A, 24V Single-Input Integrated Synchronous Buck Regulator, Synchronization Capability
FAN21SV04 FAIRCHILD-FAN21SV04 Datasheet
793Kb / 18P
   TinyBuck??4A, 24V Single-Input Integrated Synchronous Buck Regulator
FAN2106 FAIRCHILD-FAN2106 Datasheet
437Kb / 14P
   TinyBuck 6A, 24V Input Integrated Synchronous Buck Regulator
FAN2106 FAIRCHILD-FAN2106_08 Datasheet
770Kb / 14P
   TinyBuck?? 6A, 24V Input, Integrated Synchronous Buck Regulator
FAN2103 FAIRCHILD-FAN2103_08 Datasheet
964Kb / 14P
   TinyBuck??3A, 24V Input, Integrated Synchronous Buck Regulator
FAN2108 FAIRCHILD-FAN2108 Datasheet
509Kb / 14P
   TinyBuck??3-24V Input, 8A, High-Efficiency, Integrated Synchronous Buck Regulator
FAN2110 FAIRCHILD-FAN2110 Datasheet
1Mb / 17P
   TinyBuck?? 3-24V Input, 10A, High-Efficiency, Integrated Synchronous Buck Regulator
FAN21SV04 FAIRCHILD-FAN21SV04_12 Datasheet
863Kb / 18P
   TinyBuck??4 A, 24 V Single-Input Integrated Synchronous Buck Regulator
FAN2106 FAIRCHILD-FAN2106_12 Datasheet
811Kb / 15P
   TinyBuck??3-24 V Input, 6 A, High-Efficiency, Integrated Synchronous Buck Regulator
FAN2315MPX FAIRCHILD-FAN2315MPX Datasheet
1Mb / 19P
   FAN2315 TinyBuck 15 A Integrated Synchronous Buck Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com