전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FAN53611AUC11X 데이터시트(PDF) 7 Page - Fairchild Semiconductor

부품명 FAN53611AUC11X
상세설명  6 MHz 600 mA / 1 A Synchronous Buck Regulator
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN53611AUC11X 데이터시트(HTML) 7 Page - Fairchild Semiconductor

Back Button FAN53611AUC11X Datasheet HTML 3Page - Fairchild Semiconductor FAN53611AUC11X Datasheet HTML 4Page - Fairchild Semiconductor FAN53611AUC11X Datasheet HTML 5Page - Fairchild Semiconductor FAN53611AUC11X Datasheet HTML 6Page - Fairchild Semiconductor FAN53611AUC11X Datasheet HTML 7Page - Fairchild Semiconductor FAN53611AUC11X Datasheet HTML 8Page - Fairchild Semiconductor FAN53611AUC11X Datasheet HTML 9Page - Fairchild Semiconductor FAN53611AUC11X Datasheet HTML 10Page - Fairchild Semiconductor FAN53611AUC11X Datasheet HTML 11Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
© 2010 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FAN53601 / FAN53611 • Rev. 1.0.1
7
Typical Performance Characteristics (Continued)
Unless otherwise noted, VIN = VEN = 3.6 V, VMODE = 0 V (AUTO Mode), VOUT = 1.82 V, and TA = 25°C.
Figure 16. Load Transient, 10-200-10 mA, 100 ns Edge
Figure 17. Load Transient, 200-800-200 mA, 100 ns Edge
Figure 18. Line Transient, 3.3-3.9-3.3 VIN, 10 µs Edge,
36 mA Load
Figure 19. Line Transient, 3.3-3.9-3.3 VIN, 10 µs Edge,
600 mA Load
Figure 20. Combined Line / Load Transient, 3.9-3.3 VIN,
10 µs Edge, 36-400 mA Load, 100 ns Edge
Figure 21. Combined Line / Load Transient, 3.3-3.9 VIN,
10 µs Edge, 400-36 mA Load, 100 ns Edge 3.9-3.3 VIN,
10 µs Edge
Figure 22. Startup, 50 Ω Load
Figure 23. Startup, 3 Ω Load


유사한 부품 번호 - FAN53611AUC11X

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
FAN53611AUC11X ONSEMI-FAN53611AUC11X Datasheet
763Kb / 16P
   6 MHz, 600mA / 1 A Synchronous Buck Regulator
December-2017, Rev. 2
More results

유사한 설명 - FAN53611AUC11X

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
FAN5361 ONSEMI-FAN5361 Datasheet
1Mb / 18P
   6 MHz, 600 mA / 750 mA Synchronous Buck Regulator
October-2017, Rev. 2
FAN53601 ONSEMI-FAN53601 Datasheet
763Kb / 16P
   6 MHz, 600mA / 1 A Synchronous Buck Regulator
December-2017, Rev. 2
logo
Fairchild Semiconductor
FAN53600 FAIRCHILD-FAN53600 Datasheet
1Mb / 16P
   3 MHz, 600 mA / 1A Synchronous Buck Regulator
logo
ON Semiconductor
FAN53600 ONSEMI-FAN53600 Datasheet
1Mb / 16P
   3 MHz, 600 mA / 1A Synchronous Buck Regulator
March 2016 Rev. 1.4
NCP1599 ONSEMI-NCP1599 Datasheet
183Kb / 10P
   1 MHz, 3 A Synchronous Buck Regulator
May, 2010 ??Rev. P0
NCP1593A ONSEMI-NCP1593A Datasheet
377Kb / 13P
   1 MHz, 3 A Synchronous Buck Regulator
July, 2012 ??Rev. 2
NCP1599MNTWG ONSEMI-NCP1599MNTWG Datasheet
370Kb / 15P
   1 MHz, 3 A Synchronous Buck Regulator
August, 2010 ??Rev. 0
NCP1597B ONSEMI-NCP1597B_13 Datasheet
349Kb / 13P
   1 MHz, 2 A Synchronous Buck Regulator
April, 2013 ??Rev. 2
NCP1595AMNTWG ONSEMI-NCP1595AMNTWG Datasheet
347Kb / 13P
   1 MHz, 1.5 A Synchronous Buck Regulator
April, 2013 ??Rev. 10
NCP1593 ONSEMI-NCP1593_12 Datasheet
377Kb / 13P
   1 MHz, 3 A Synchronous Buck Regulator
July, 2012 ??Rev. 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com