전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CXA1507-0000-000N00G40E5 데이터시트(PDF) 9 Page - Cree, Inc

부품명 CXA1507-0000-000N00G40E5
상세설명  Cree짰 XLamp짰 CXA1507 LED
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  CREE [Cree, Inc]
홈페이지  http://www.cree.com/
Logo CREE - Cree, Inc

CXA1507-0000-000N00G40E5 데이터시트(HTML) 9 Page - Cree, Inc

Back Button CXA1507-0000-000N00G40E5 Datasheet HTML 5Page - Cree, Inc CXA1507-0000-000N00G40E5 Datasheet HTML 6Page - Cree, Inc CXA1507-0000-000N00G40E5 Datasheet HTML 7Page - Cree, Inc CXA1507-0000-000N00G40E5 Datasheet HTML 8Page - Cree, Inc CXA1507-0000-000N00G40E5 Datasheet HTML 9Page - Cree, Inc CXA1507-0000-000N00G40E5 Datasheet HTML 10Page - Cree, Inc CXA1507-0000-000N00G40E5 Datasheet HTML 11Page - Cree, Inc CXA1507-0000-000N00G40E5 Datasheet HTML 12Page - Cree, Inc CXA1507-0000-000N00G40E5 Datasheet HTML 13Page - Cree, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
Copyright © 2012 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree®, the Cree logo and XLamp® are registered trademarks
of Cree, Inc.
9
XLamp CXa1507 LED
tyPical sPatial distribution
Performance GrouPs - briGhtness (i
f = 200 ma, tJ = 85 °c)
XLamp CXA1507 LEDs are tested for luminous flux and placed into one of the following bins.
Group code
min. luminous flux
@ 200 ma
max. luminous flux
@ 200 ma
C4
475
510
D2
510
550
D4
550
590
e2
590
635
e4
635
680
F2
680
730
F4
730
780
G2
780
840
G4
840
900
Far Field
0%
20%
40%
60%
80%
100%
-90
-70
-50
-30
-10
10
30
50
70
90
Angle (º)


유사한 부품 번호 - CXA1507-0000-000N00G40E5

제조업체부품명데이터시트상세설명
logo
Cree, Inc
CXA1507-0000-000N00G40E5 CREE-CXA1507-0000-000N00G40E5 Datasheet
1Mb / 15P
   Cree짰 XLamp짰 CXA1507 LED
CXA1507-0000-000N00G40E5 CREE-CXA1507-0000-000N00G40E5 Datasheet
1Mb / 17P
   LED array expands Crees family of high flux, multi die arrays in a smaller
More results

유사한 설명 - CXA1507-0000-000N00G40E5

제조업체부품명데이터시트상세설명
logo
Cree, Inc
CXA1507 CREE-CXA1507 Datasheet
1Mb / 15P
   Cree짰 XLamp짰 CXA1507 LED
CXA2011 CREE-CXA2011 Datasheet
1Mb / 12P
   Cree짰 XLamp짰 CXA2011 LED
CMT1925 CREE-CMT1925 Datasheet
2Mb / 21P
   Cree짰 XLamp짰 CMT1925 LED
CMA1306 CREE-CMA1306 Datasheet
2Mb / 35P
   Cree짰 XLamp짰 CMA1306 LED
CMT1412 CREE-CMT1412 Datasheet
2Mb / 21P
   Cree짰 XLamp짰 CMT1412 LED
CMT1420 CREE-CMT1420 Datasheet
2Mb / 21P
   Cree짰 XLamp짰 CMT1420 LED
CXA1512 CREE-CXA1512 Datasheet
1Mb / 15P
   Cree짰 XLamp짰 CXA1512 LED
CXA2011_V1A CREE-CXA2011_V1A Datasheet
920Kb / 12P
   Cree짰 XLamp짰 CXA2011 LED
CMT2850 CREE-CMT2850 Datasheet
2Mb / 21P
   Cree짰 XLamp짰 CMT2850 LED
CMT2870 CREE-CMT2870 Datasheet
2Mb / 21P
   Cree짰 XLamp짰 CMT2870 LED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com