전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

02333.70.01 데이터시트(PDF) 1 Page - General Cable Technologies Corporation

부품명 02333.70.01
상세설명  Pro Flex짰 Rubber Extension Cords 3-Conductor Grounded . Type SJ . 60?C . 300 Volts
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  GENERAL [General Cable Technologies Corporation]
홈페이지  http://www.generalcable.com
Logo GENERAL - General Cable Technologies Corporation

02333.70.01 데이터시트(HTML) 1 Page - General Cable Technologies Corporation

  02333.70.01 Datasheet HTML 1Page - General Cable Technologies Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
54
Application-Specific Extension Cords
Cord & Cordset
Coiled Power Tool Extension Cords and Power Supply Cords
2 and 3 Conductor • Type SJT • 60˚C • 300 Volts
Power Supply Replacement Cords with Switch
3-Conductor Grounded • Type SJ • 60˚C • 300 Volts
CATALOG
NUMBER
NO.
OF
COND.
AWG
SIZE
LENGTH
OF CORD
(FT)
COLOR
OF
JACKET
POWER RATING
NEMA
CONFIG.
PKG.
PER
CTN.
WT./
UNIT
LBS
WT./
CTN.
LBS
UPC
CODE
VOLTS AMPS WATTS
06610.63.01
3
16
10
Black
125
13
1625
5-15P/5-15R
24
0.7
17
079407066100
06625.63.01
3
16
25
Black
125
13
1625
5-15P/5-15R
24
1.7
40
079407066254
06911.63.01
3
14
25
Black
125
15
1875
5-15P/5-15R
6
2.3
14
079407069118
CATALOG
NUMBER
NO.
OF
COND.
AWG
SIZE
LENGTH
OF CORD
(FT)
COLOR
OF
JACKET
POWER RATING
NEMA
CONFIG.
PKG.
PER
CTN.
WT./
UNIT
LBS
WT./
CTN.
LBS
UPC
CODE
VOLTS AMPS WATTS
06014.60.04
3
16
10
Orange
125
13
1625
5-15P/5-15R
10
1.1
11
079407060146
02551.70.01
3
16
12
Black
125
15
1875
5-15P
10
1.1
11
079407025510
CATALOG
NUMBER
NO.
OF
COND.
AWG
SIZE
LENGTH
OF CORD
(FT)
COLOR
OF
JACKET
POWER RATING
NEMA
CONFIG.
SWITCH
SPEED
PKG.
PER
CTN.
WT./
UNIT
LBS
WT./
CTN.
LBS
UPC
CODE
VOLTS AMPS WATTS
02332.70.01
3
16
10
Black
125
10
1250
5-15P
1 Speed (On/Off)
25
0.9
22
079407023325
02333.70.01
4
16
10
Black
125
10
1250
5-15P
2 Speed (On/High/Low)
25
0.9
22
079407023332
Product Construction:
Conductor:
• 16 AWG stranded bare copper per
ASTM B-174
Insulation:
• Premium-grade, color-coded PVC
Jacket:
• PVC; orange or black
• Voltage rating: 300 volts
Product Construction:
Conductor:
• 16 AWG through 14 AWG stranded
bare copper per ASTM B-174
Insulation:
• Premium-grade, color-coded EPDM
Product Construction:
Conductor:
• 16 AWG stranded bare copper per
ASTM B-174
Insulation:
• Premium-grade, color-coded EPDM
Applications:
• Workshop and tool bench use
Features:
• Coiled cord expands from 3’ to
10’ or 12’
• Right-angle plug helps prevent
the cord from being pulled from
the socket
Jacket:
• CPE; black
• Temperature: 60˚C
• Voltage rating: 300 volts
Applications:
• Floor polishers
• Sanders
Jacket:
• CPE; black
Applications:
• For replacement use
• For fan replacements
Features (cont’d.):
• 06014.60.04 and 02551.70.01
are 3-conductor grounded
Industry Approvals:
• UL Listed
• OSHA Acceptable
Features:
• General use indoor cord
• 3-conductor grounded
Industry Approvals:
• UL Listed
• OSHA Acceptable for
indoor use
Features:
• Switch
• Straight plug
• Conductor stripped 5/8”
• Jacket removed 2”
Industry Approvals:
• UL Listed
• CSA
Pro Flex® Rubber Extension Cords
3-Conductor Grounded • Type SJ • 60˚C • 300 Volts


유사한 부품 번호 - 02333.70.01

제조업체부품명데이터시트상세설명
logo
Littelfuse
02333.15 LITTELFUSE-02333.15 Datasheet
135Kb / 2P
   Axial Lead and Cartridge Fuses - Designed to UL/CSA Standards
02333.15 LITTELFUSE-02333.15 Datasheet
97Kb / 1P
   5 x 20 mm Medium Acting Fuse 233/234 Series
02333.15M LITTELFUSE-02333.15M Datasheet
135Kb / 2P
   Axial Lead and Cartridge Fuses - Designed to UL/CSA Standards
02333.15M- LITTELFUSE-02333.15M- Datasheet
135Kb / 2P
   Axial Lead and Cartridge Fuses - Designed to UL/CSA Standards
02333.15M-ND LITTELFUSE-02333.15M-ND Datasheet
135Kb / 2P
   Axial Lead and Cartridge Fuses - Designed to UL/CSA Standards
More results

유사한 설명 - 02333.70.01

제조업체부품명데이터시트상세설명
logo
General Cable Technolog...
03390.63.05 GENERAL-03390.63.05 Datasheet
64Kb / 1P
   Lifetime Plus짰 Super Flex짰 Lighted Extension Cords 3-Conductor Grounded . Type SJTW . -50쨘C to 60?C . 300 Volts
03302.63.04 GENERAL-03302.63.04 Datasheet
71Kb / 1P
   Safety Orange Extension Cords 3-Conductor Grounded . Type SJTW . -40쨘C to 60?C . 300 Volts
01278.70.01 GENERAL-01278.70.01 Datasheet
79Kb / 1P
   3-Conductor Grounded . Type SJ, SJOW and SJOOW . 60?C . 300 Volts
00436.63.17 GENERAL-00436.63.17 Datasheet
80Kb / 1P
   3-Conductor Grounded . Type SPT-3 . 15 and 20 Amps . 60?C . 300 Volts
logo
List of Unclassifed Man...
06425.63.06 ETC2-06425.63.06 Datasheet
119Kb / 2P
   FrogHide짰 Ultra Flex짰 Extension Cords
logo
General Cable Technolog...
00594.63.04 GENERAL-00594.63.04 Datasheet
64Kb / 1P
   3-Conductor Grounded . Type STW, SJEOOW and SJTW . -40쨘C to 60?C . 300 and 600 Volts
04457.60.05 GENERAL-04457.60.05 Datasheet
105Kb / 2P
   3-Conductor Grounded
04497.60.05 GENERAL-04497.60.05 Datasheet
105Kb / 2P
   3-Conductor Grounded
00604.63.01 GENERAL-00604.63.01 Datasheet
73Kb / 1P
   Type SRDT . 50 Amps . 60?C . 300 Volts
logo
Belden Inc.
8479 BELDEN-8479 Datasheet
148Kb / 2P
   Portable Cordage, 3 C #14 Str BC, EPDM Ins, Rubber Jkt, UL Type SJ
12-19-2023
More results


Html Pages

1


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com