전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LCX007 데이터시트(PDF) 6 Page - Sony Corporation

부품명 LCX007
상세설명  3.4cm (1.35-inch) Black-and-White LCD Panel
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SONY [Sony Corporation]
홈페이지  http://www.sony.co.jp
Logo SONY - Sony Corporation

LCX007 데이터시트(HTML) 6 Page - Sony Corporation

Back Button LCX007 Datasheet HTML 2Page - Sony Corporation LCX007 Datasheet HTML 3Page - Sony Corporation LCX007 Datasheet HTML 4Page - Sony Corporation LCX007 Datasheet HTML 5Page - Sony Corporation LCX007 Datasheet HTML 6Page - Sony Corporation LCX007 Datasheet HTML 7Page - Sony Corporation LCX007 Datasheet HTML 8Page - Sony Corporation LCX007 Datasheet HTML 9Page - Sony Corporation LCX007 Datasheet HTML 10Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
– 6 –
LCX007BNB
2. Clock timing conditions (Ta = 25°C) (fHCKn = 7.5MHz, fVCK = 15.7kHz)
Hst rise time
Hst fall time
Hst data set-up time
Hst data hold time
Hckn∗3 rise time
Hckn∗3 fall time
Hck1 fall to Hck2 rise time
Hck1 rise to Hck2 fall time
Clr rise time
Clr fall time
Clr pulse width
Vck rise/fall to Clr fall time
Vst rise time
Vst fall time
Vst data set-up time
Vst data hold time
Vck rise time
Vck fall time
Enb rise time
Enb fall time
Vck rise/fall to Enb rise time
Enb pulse width
Pcg rise time
Pcg fall time
Pcg fall to Vck rise/fall time
Pcg pulse width
trHst
tfHst
tdHst
thHst
trHckn
tfHckn
to1Hck
to2Hck
trClr
tfClr
twClr
tdClr
trVst
tfVst
tdVst
thVst
trVck
tfVck
trEnb
tfEnb
tdEnb
twEnb
trPcg
tfPcg
toVck
twPcg
20
–40
–15
–15
3000
–50
–25
5
350
3450
650
1150
67
0
0
0
3100
0
15
15
400
3500
700
1200
30
30
100
40
30
30
15
15
100
100
3200
50
100
100
25
25
100
100
100
100
450
3550
20
20
750
1250
ns
µs
ns
Item
Symbol
Min.
Typ.
Max.
Unit
HST
HCK
CLR
VST
VCK
ENB
PCG
3 Hckn means Hck1 and Hck2.


유사한 부품 번호 - LCX007

제조업체부품명데이터시트상세설명
logo
Sony Corporation
LCX007 SONY-LCX007 Datasheet
622Kb / 25P
   3.4cm (1.35-inch) Color LCD Panel
LCX007 SONY-LCX007 Datasheet
624Kb / 25P
   3.4cm (1.35-inch) Color LCD Panel
LCX007BK SONY-LCX007BK Datasheet
622Kb / 25P
   3.4cm (1.35-inch) Color LCD Panel
LCX007BKA SONY-LCX007BKA Datasheet
624Kb / 25P
   3.4cm (1.35-inch) Color LCD Panel
LCX007CL SONY-LCX007CL Datasheet
610Kb / 24P
   3.4cm (1.35-inch) Black-and-White LCD Panel
More results

유사한 설명 - LCX007

제조업체부품명데이터시트상세설명
logo
Sony Corporation
LCX007CN SONY-LCX007CN Datasheet
611Kb / 24P
   3.4cm (1.35-inch) Black-and-White LCD Panel
LCX007CL SONY-LCX007CL Datasheet
610Kb / 24P
   3.4cm (1.35-inch) Black-and-White LCD Panel
LCX037BLT SONY-LCX037BLT Datasheet
390Kb / 25P
   3.4cm (1.35 Type) Black-and-White LCD Panel
LCX007BK SONY-LCX007BK Datasheet
622Kb / 25P
   3.4cm (1.35-inch) Color LCD Panel
LCX007BKA SONY-LCX007BKA Datasheet
624Kb / 25P
   3.4cm (1.35-inch) Color LCD Panel
LCX019AM SONY-LCX019AM Datasheet
304Kb / 22P
   3.4cm (1.32-inch) LCD Panel (with microlens)
LCX028AMT SONY-LCX028AMT Datasheet
365Kb / 25P
   4.6cm (1.8-inch) Black-and-White LCD Panel
LCX016AM SONY-LCX016AM Datasheet
419Kb / 22P
   3.3cm (1.3-inch) Black-and-White LCD Panel
LCX026ALF SONY-LCX026ALF Datasheet
346Kb / 24P
   2.3cm (0.9-inch) Black-and-White LCD Panel
LCX026ALG SONY-LCX026ALG Datasheet
346Kb / 24P
   2.3cm (0.9-inch) Black-and-White LCD Panel
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com