전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LCX007CL 데이터시트(PDF) 9 Page - Sony Corporation

부품명 LCX007CL
상세설명  3.4cm (1.35-inch) Black-and-White LCD Panel
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SONY [Sony Corporation]
홈페이지  http://www.sony.co.jp
Logo SONY - Sony Corporation

LCX007CL 데이터시트(HTML) 9 Page - Sony Corporation

Back Button LCX007CL Datasheet HTML 5Page - Sony Corporation LCX007CL Datasheet HTML 6Page - Sony Corporation LCX007CL Datasheet HTML 7Page - Sony Corporation LCX007CL Datasheet HTML 8Page - Sony Corporation LCX007CL Datasheet HTML 9Page - Sony Corporation LCX007CL Datasheet HTML 10Page - Sony Corporation LCX007CL Datasheet HTML 11Page - Sony Corporation LCX007CL Datasheet HTML 12Page - Sony Corporation LCX007CL Datasheet HTML 13Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
– 9 –
LCX007CL
Electrical Characteristics (Ta = 25°C, HVDD = 15.7V, VVDD = 15.7V)
1. Horizontal drivers
Item
Input pin capacitance
HCKn
HST
Input pin current
HCK1
HCK2
HST
WID, RGT
Video signal input pin capacitance
Current consumption
CHckn
CHst
Csig
IH
HCK1 = GND
HCK2 = GND
HST = GND
WID, RGT = GND
HCKn: HCK1, HCK2 (7.5MHz)
–500
–1000
–500
–150
7
7
–120
–450
–160
–30
250
7.5
10
10
10
pF
pF
µA
µA
µA
µA
pF
mA
Symbol
Min.
Typ.
Max.
Unit
Condition
2. Vertical drivers
Item
Input pin capacitance VCK
VST
Input pin current
VCK
PCG, VST, EN, CLR, DWN
Current consumption
CVck
CVst
IV
–1000
–150
7
7
–160
–30
1.5
10
10
4
pF
pF
µA
µA
mA
Symbol
Min.
Typ.
Max.
Unit
Condition
3. Total power consumption of the panel
Item
Total power consumption of
the panel (NTSC)
PWR
150
250
mW
Symbol
Min.
Typ.
Max.
Unit
4. Pin input resistance
Item
Pin-VSS input resistance
Rpin
0.4
1
M
Symbol
Min.
Typ.
Max.
Unit
VCK = GND
PCG, VST, EN, CLR, DWN = GND
VCK: (15.7kHz)
5. Side signal input pin capacitance
Item
Side signal input pin
capacitance
CSIDon
810
12
nF
Symbol
Min.
Typ.
Max.
Unit


유사한 부품 번호 - LCX007CL

제조업체부품명데이터시트상세설명
logo
Sony Corporation
LCX007CN SONY-LCX007CN Datasheet
611Kb / 24P
   3.4cm (1.35-inch) Black-and-White LCD Panel
More results

유사한 설명 - LCX007CL

제조업체부품명데이터시트상세설명
logo
Sony Corporation
LCX007CN SONY-LCX007CN Datasheet
611Kb / 24P
   3.4cm (1.35-inch) Black-and-White LCD Panel
LCX007BNB SONY-LCX007BNB Datasheet
661Kb / 24P
   3.4cm (1.35-inch) Black-and-White LCD Panel
LCX037BLT SONY-LCX037BLT Datasheet
390Kb / 25P
   3.4cm (1.35 Type) Black-and-White LCD Panel
LCX007BK SONY-LCX007BK Datasheet
622Kb / 25P
   3.4cm (1.35-inch) Color LCD Panel
LCX007BKA SONY-LCX007BKA Datasheet
624Kb / 25P
   3.4cm (1.35-inch) Color LCD Panel
LCX019AM SONY-LCX019AM Datasheet
304Kb / 22P
   3.4cm (1.32-inch) LCD Panel (with microlens)
LCX028AMT SONY-LCX028AMT Datasheet
365Kb / 25P
   4.6cm (1.8-inch) Black-and-White LCD Panel
LCX016AM SONY-LCX016AM Datasheet
419Kb / 22P
   3.3cm (1.3-inch) Black-and-White LCD Panel
LCX026ALF SONY-LCX026ALF Datasheet
346Kb / 24P
   2.3cm (0.9-inch) Black-and-White LCD Panel
LCX026ALG SONY-LCX026ALG Datasheet
346Kb / 24P
   2.3cm (0.9-inch) Black-and-White LCD Panel
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com