전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FDS86540 데이터시트(PDF) 4 Page - Fairchild Semiconductor

부품명 FDS86540
상세설명  N-Channel PowerTrench짰 MOSFET 60 V, 18 A, 4.5 m廓
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDS86540 데이터시트(HTML) 4 Page - Fairchild Semiconductor

  FDS86540 Datasheet HTML 1Page - Fairchild Semiconductor FDS86540 Datasheet HTML 2Page - Fairchild Semiconductor FDS86540 Datasheet HTML 3Page - Fairchild Semiconductor FDS86540 Datasheet HTML 4Page - Fairchild Semiconductor FDS86540 Datasheet HTML 5Page - Fairchild Semiconductor FDS86540 Datasheet HTML 6Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
www.fairchildsemi.com
4
©2012 Fairchild Semiconductor Corporation
FDS86540 Rev. C
Figure 7.
0
1020
304050
6070
0
2
4
6
8
10
ID = 18 A
VDD = 20 V
VDD = 30 V
Qg, GATE CHARGE (nC)
VDD = 40 V
Gate Charge Characteristics
Figure 8.
0.1
1
10
60
10
100
1000
10000
f = 1 MHz
VGS = 0 V
VDS, DRAIN TO SOURCE VOLTAGE (V)
Crss
Coss
Ciss
Capacitance vs Drain
to Source Voltage
Figure9.
0.01
0.1
1
10
100 300
1
10
30
TJ = 100 oC
TJ = 25 oC
TJ = 125 oC
t
AV, TIME IN AVALANCHE (ms)
Unclamped Inductive
Switching Capability
Figure 10.
25
50
75
100
125
150
0
5
10
15
20
VGS = 8 V
RθJA = 50
o
C/W
VGS = 10 V
T
A
, AMBIENT TEMPERATURE (
o
C
)
Maximum Continuous Drain
Current vs Ambient Temperature
Figure 11.
0.01
0.1
1
10
100 300
0.01
0.1
1
10
100
200
100 μs
10 s
10 ms
DC
1 s
100 ms
1 ms
VDS, DRAIN to SOURCE VOLTAGE (V)
THIS AREA IS
LIMITED BY r
DS(on)
SINGLE PULSE
TJ = MAX RATED
RθJA = 125
oC/W
TA = 25
oC
Forward Bias Safe
Operating Area
Figure 12. Single Pulse Maximum
Power Dissipation
10
-4
10
-3
10
-2
10
-1
110
100
1000
0.5
1
10
100
1000
2000
SINGLE PULSE
RθJA = 125
oC/W
TA = 25
oC
t, PULSE WIDTH (sec)
Typical Characteristics T
J = 25 °C unless otherwise noted


유사한 부품 번호 - FDS86540

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
FDS86106 FAIRCHILD-FDS86106 Datasheet
262Kb / 6P
   N-Channel Power Trench짰 MOSFET 100 V, 3.4 A, 105 m廓
FDS86140 FAIRCHILD-FDS86140 Datasheet
255Kb / 6P
   N-Channel PowerTrench짰 MOSFET 100 V, 11.2 A, 9.8 m廓
FDS86141 FAIRCHILD-FDS86141 Datasheet
239Kb / 7P
   N-Channel PowerTrench짰 MOSFET 100 V, 7 A, 23 m?
FDS86240 FAIRCHILD-FDS86240 Datasheet
244Kb / 6P
   N-Channel PowerTrench짰 MOSFET 150 V, 7.5 A, 19.8 m廓
FDS86242 FAIRCHILD-FDS86242 Datasheet
257Kb / 6P
   N-Channel PowerTrench짰 MOSFET
More results

유사한 설명 - FDS86540

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
FDI045N10A FAIRCHILD-FDI045N10A Datasheet
317Kb / 10P
   N-Channel PowerTrench짰 MOSFET 100 V, 164 A, 4.5 m廓
FDS8840NZ FAIRCHILD-FDS8840NZ Datasheet
291Kb / 6P
   N-Channel PowerTrench짰 MOSFET 40 V, 18.6 A, 4.5 m廓
FDMQ86530L FAIRCHILD-FDMQ86530L Datasheet
261Kb / 6P
   N-Channel PowerTrench짰 MOSFET 60 V, 8 A, 17.5 m廓
FDMS86520 FAIRCHILD-FDMS86520 Datasheet
258Kb / 7P
   N-Channel PowerTrench짰 MOSFET 60 V, 42 A, 7.4 m廓
logo
ON Semiconductor
FDMS86568-F085 ONSEMI-FDMS86568-F085 Datasheet
487Kb / 6P
   N-Channel PowerTrench짰 MOSFET 60 V, 80 A, 3.5 m廓
August-2017, Rev 3
logo
Fairchild Semiconductor
FDMS86150 FAIRCHILD-FDMS86150 Datasheet
324Kb / 7P
   N-Channel PowerTrench짰 MOSFET 100 V, 60 A, 4.85 m廓
FDMS86500L FAIRCHILD-FDMS86500L Datasheet
283Kb / 7P
   N-Channel PowerTrench짰 MOSFET 60 V, 80 A, 2.5 m廓
FDMS86540 FAIRCHILD-FDMS86540 Datasheet
274Kb / 7P
   N-Channel PowerTrench짰 MOSFET 60 V, 50 A, 3.4 m廓
logo
ON Semiconductor
FDBL86566-F085 ONSEMI-FDBL86566-F085 Datasheet
505Kb / 7P
   N-Channel PowerTrench짰 MOSFET 60 V, 240 A, 2.4 m廓
August-2017, Rev. 2
logo
Fairchild Semiconductor
FDD86540 FAIRCHILD-FDD86540 Datasheet
247Kb / 6P
   N-Channel PowerTrench짰 MOSFET 60 V, 50 A, 4.1 m廓
More results


Html Pages

1 2 3 4 5 6


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com