전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FFPF20UA60DN 데이터시트(PDF) 4 Page - Fairchild Semiconductor

부품명 FFPF20UA60DN
상세설명  20A, 600V Ultra Fast II Rectifier
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FFPF20UA60DN 데이터시트(HTML) 4 Page - Fairchild Semiconductor

  FFPF20UA60DN Datasheet HTML 1Page - Fairchild Semiconductor FFPF20UA60DN Datasheet HTML 2Page - Fairchild Semiconductor FFPF20UA60DN Datasheet HTML 3Page - Fairchild Semiconductor FFPF20UA60DN Datasheet HTML 4Page - Fairchild Semiconductor FFPF20UA60DN Datasheet HTML 5Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
FFPF20UA60DN Rev. A
www.fairchildsemi.com
4
Mechanical Dimensions
TO220F
(7.00)
(0.70)
MAX1.47
#1
10.16
±0.20
(1.00x45
°)
2.54
±0.20
0.80
±0.10
9.40
±0.20
2.76
±0.20
0.35
±0.10
ø3.18
±0.10
2.54TYP
[2.54
±0.20]
2.54TYP
[2.54
±0.20]
0.50
+0.10
–0.05
Dimensions in Millimeters


유사한 부품 번호 - FFPF20UA60DN

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
FFPF20U20S FAIRCHILD-FFPF20U20S Datasheet
74Kb / 4P
   ULTRA FAST RECOVERY POWER RECTIFIER
FFPF20U40S FAIRCHILD-FFPF20U40S Datasheet
77Kb / 4P
   ULTRA FAST RECOVERY RECTIFIER
logo
Inchange Semiconductor ...
FFPF20U40S ISC-FFPF20U40S Datasheet
242Kb / 2P
   Ultrafast Rectifier
logo
Fairchild Semiconductor
FFPF20U60DN FAIRCHILD-FFPF20U60DN Datasheet
74Kb / 4P
   ULTRA FAST RECOVERY POWER RECTIFIER
FFPF20U60S FAIRCHILD-FFPF20U60S Datasheet
73Kb / 4P
   ULTRA FAST RECOVERY POWER RECTIFIER
More results

유사한 설명 - FFPF20UA60DN

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
FFPF10UA60ST FAIRCHILD-FFPF10UA60ST Datasheet
351Kb / 5P
   10A, 600V Ultra Fast II Rectifier
logo
Frontier Electronics.
UF200-005 FRONTIER-UF200-005 Datasheet
132Kb / 2P
   20A ULTRA FAST RECOVERY RECTIFIER
UFF200-005 FRONTIER-UFF200-005 Datasheet
131Kb / 2P
   20A ULTRA FAST RECOVERY RECTIFIER
logo
Formosa MS
UFF200-005 FORMOSA-UFF200-005 Datasheet
264Kb / 2P
   20A ULTRA FAST RECOVERY RECTIFIER
logo
Frontier Electronics.
SF2005FCT FRONTIER-SF2005FCT Datasheet
1Mb / 2P
   20A SUPER FAST RECOVERY RECTIFIER 50V-600V
UFF200-005CT FRONTIER-UFF200-005CT Datasheet
131Kb / 2P
   20A DUAL ULTRA FAST RECOVERY RECTIFIER
UFF200-005CT-LFR FRONTIER-UFF200-005CT-LFR Datasheet
131Kb / 2P
   20A DUAL ULTRA FAST RECOVERY RECTIFIER
logo
Fairchild Semiconductor
FFPF20UP60DN FAIRCHILD-FFPF20UP60DN Datasheet
241Kb / 5P
   20A, 600V Ultrafast Rectifier
logo
Taiwan Semiconductor Co...
UGF10L08G TSC-UGF10L08G Datasheet
212Kb / 4P
   10A, 600V Isolated Ultra Fast Rectifier
MUR4L20 TSC-MUR4L20 Datasheet
384Kb / 5P
   4A, 200V - 600V Ultra Fast Rectifier
More results


Html Pages

1 2 3 4 5


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com