전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LCX028 데이터시트(PDF) 7 Page - Sony Corporation

부품명 LCX028
상세설명  4.6cm (1.8-inch) Black-and-White LCD Panel
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SONY [Sony Corporation]
홈페이지  http://www.sony.co.jp
Logo SONY - Sony Corporation

LCX028 데이터시트(HTML) 7 Page - Sony Corporation

Back Button LCX028 Datasheet HTML 3Page - Sony Corporation LCX028 Datasheet HTML 4Page - Sony Corporation LCX028 Datasheet HTML 5Page - Sony Corporation LCX028 Datasheet HTML 6Page - Sony Corporation LCX028 Datasheet HTML 7Page - Sony Corporation LCX028 Datasheet HTML 8Page - Sony Corporation LCX028 Datasheet HTML 9Page - Sony Corporation LCX028 Datasheet HTML 10Page - Sony Corporation LCX028 Datasheet HTML 11Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 25 page
background image
– 7 –
LCX028AMT
2. Clock timing conditions (Ta = 25°C)
(SXGA mode: fHckn = 4.5MHz, fVck = 32.0kHz, fv = 60Hz)
∗5 Hckn means Hck1 and Hck2.
∗6 The minimum value of tdEnb is 450ns. When H-BLK has a long cycle and has some time to spare, take
more time prior to other value.
∗7 Blk is the timing during 4:3 and 16:9 aspect-ratio mode, which keeps "H" level in other modes.
Hst rise time
Hst fall time
Hst data set-up time
Hst data hold time
Hckn rise time∗5
Hckn fall time∗5
Hck1 fall to Hck2 rise time
Hck1 rise to Hck2 fall time
Vst rise time
Vst fall time
Vst data set-up time
Vst data hold time
Vck rise time
Vck fall time
Enb rise time
Enb fall time
Horizontal video period completed to Enb fall time
Enb rise to horizontal video period started
Enb fall to Pcg rise time
Enb pulse width
Pcg rise time
Pcg fall time
Pcg rise to Vck rise/fall time
Pcg fall to horizontal video period start time
Pcg pulse width
PRG∗4 rise to Pcg rise time
PRG∗4 fall to Pcg fall time
PRG∗4 pulse width
Blk rise time
Blk fall time
Blk rise to Enb fall time
Blk fall to Pcg rise time
trHst
tfHst
tdHst
thHst
trHckn
tfHckn
to1Hck
to2Hck
trVst
tfVst
tdVst
thVst
trVck
tfVck
trEnb
tfEnb
tdEnb
toPRG∗4
toPcg
twEnb
trPcg
tfPcg
toVck
toVideo
twPcg
toPcgr
toPcgf
twPRG∗4
trBlk
tfBlk
toEnb
toPcg
35
35
–15
–15
2
2
450∗6
800
750
1800
–100
200
1600
–10
400
1100
2
–1
45
45
0
0
6
6
700
1100
1000
0
270
1800
0
600
1200
1
0
30
30
55
55
30
30
15
15
100
100
10
10
100
100
100
100
30
30
100
10
100
100
0
1
ns
µs
ns
Item
Symbol
Min.
Typ.
Max.
Unit
HST
HCK
VST
VCK
ENB
PCG
BLK∗5
PRG∗4
µs


유사한 부품 번호 - LCX028

제조업체부품명데이터시트상세설명
logo
Sony Corporation
LCX028 SONY-LCX028 Datasheet
365Kb / 25P
   4.6cm (1.8-inch) Black-and-White LCD Panel
LCX028ALT SONY-LCX028ALT Datasheet
365Kb / 25P
   4.6cm (1.8-inch) Black-and-White LCD Panel
LCX028BMT SONY-LCX028BMT Datasheet
328Kb / 26P
   4.6cm (1.8-inch) Black-and-White LCD Panel
More results

유사한 설명 - LCX028

제조업체부품명데이터시트상세설명
logo
Sony Corporation
LCX028BMT SONY-LCX028BMT Datasheet
328Kb / 26P
   4.6cm (1.8-inch) Black-and-White LCD Panel
LCX028ALT SONY-LCX028ALT Datasheet
365Kb / 25P
   4.6cm (1.8-inch) Black-and-White LCD Panel
LCX017DLT SONY-LCX017DLT Datasheet
311Kb / 26P
   4.6cm (1.8 Type) Black-and-White LCD Panel
LCX036AMT SONY-LCX036AMT Datasheet
72Kb / 2P
   4.6cm (1.8-type) Black-and-White LCD Panel
LCX016AM SONY-LCX016AM Datasheet
419Kb / 22P
   3.3cm (1.3-inch) Black-and-White LCD Panel
LCX026ALF SONY-LCX026ALF Datasheet
346Kb / 24P
   2.3cm (0.9-inch) Black-and-White LCD Panel
LCX026ALG SONY-LCX026ALG Datasheet
346Kb / 24P
   2.3cm (0.9-inch) Black-and-White LCD Panel
LCX007CN SONY-LCX007CN Datasheet
611Kb / 24P
   3.4cm (1.35-inch) Black-and-White LCD Panel
LCX016AL SONY-LCX016AL Datasheet
486Kb / 24P
   3.3cm (1.3-inch) Black-and-White LCD Panel
LCX007CL SONY-LCX007CL Datasheet
610Kb / 24P
   3.4cm (1.35-inch) Black-and-White LCD Panel
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com