전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LCX028 데이터시트(PDF) 1 Page - Sony Corporation

부품명 LCX028
상세설명  4.6cm (1.8-inch) Black-and-White LCD Panel
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SONY [Sony Corporation]
홈페이지  http://www.sony.co.jp
Logo SONY - Sony Corporation

LCX028 데이터시트(HTML) 1 Page - Sony Corporation

  LCX028 Datasheet HTML 1Page - Sony Corporation LCX028 Datasheet HTML 2Page - Sony Corporation LCX028 Datasheet HTML 3Page - Sony Corporation LCX028 Datasheet HTML 4Page - Sony Corporation LCX028 Datasheet HTML 5Page - Sony Corporation LCX028 Datasheet HTML 6Page - Sony Corporation LCX028 Datasheet HTML 7Page - Sony Corporation LCX028 Datasheet HTML 8Page - Sony Corporation LCX028 Datasheet HTML 9Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 25 page
background image
LCX028AMT
4.6cm (1.8-inch) Black-and-White LCD Panel
Description
The LCX028AMT is a 4.6cm diagonal active matrix
TFT-LCD panel addressed by polycrystalline silicon
super thin film transistors with a built-in peripheral
driving circuit. Use of three LCX028AMT panels
provides a full-color representation. The striped
arrangement suitable for data projectors is capable
of displaying fine text and vertical lines.
The adoption of an advanced on-chip black matrix
realizes a high luminance screen. And cross talk free
circuit and
ghost free circuit contribute to high
picture quality.
This panel has a polysilicon TFT high-speed
scanner and built-in function to display images
up/down and/or right/left inverse. The built-in 5V
interface circuit leads to lower voltage of timing and
control signals.
The panel contains an active area variable circuit
which supports 4:3 and 16:9 data signals by changing
the active area according to the type of input signal.
Features
• Number of active dots: 1,310,720 (1.8-inch, 4.6cm in diagonal)
• 4:3 and 16:9 aspect-ratio switching function
4:3 (1280 (H)
× 960 (V))
16:9 (1280 (H)
× 720 (V))
• High optical transmittance: 27% (typ.)
• Built-in cross talk free circuit and ghost free circuit
• High contrast ratio with normally white mode: 250 (typ.)
• Built-in H and V drivers (built-in input level conversion circuit, 5V driving possible)
• Up/down and/or right/left inverse display function
• Antidust glass package
• Microlens used
Element Structure
• Dots: 1280 (H)
× 1024 (V) = 1,310,720
• Built-in peripheral driver using polycrystalline silicon super thin film transistors
Applications
• Liquid crystal data projectors
• Liquid crystal multimedia projectors
• Liquid crystal rear-projector TVs, etc.
– 1 –
E99230-PS
Sony reserves the right to change products and specifications without prior notice. This information does not convey any license by
any implication or otherwise under any patents or other right. Application circuits shown, if any, are typical examples illustrating the
operation of the devices. Sony cannot assume responsibility for any problems arising out of the use of these circuits.
∗ The company's name and product's name in this data sheet is a trademark or a registered trademark of each company.


유사한 부품 번호 - LCX028

제조업체부품명데이터시트상세설명
logo
Sony Corporation
LCX028 SONY-LCX028 Datasheet
365Kb / 25P
   4.6cm (1.8-inch) Black-and-White LCD Panel
LCX028ALT SONY-LCX028ALT Datasheet
365Kb / 25P
   4.6cm (1.8-inch) Black-and-White LCD Panel
LCX028BMT SONY-LCX028BMT Datasheet
328Kb / 26P
   4.6cm (1.8-inch) Black-and-White LCD Panel
More results

유사한 설명 - LCX028

제조업체부품명데이터시트상세설명
logo
Sony Corporation
LCX028BMT SONY-LCX028BMT Datasheet
328Kb / 26P
   4.6cm (1.8-inch) Black-and-White LCD Panel
LCX028ALT SONY-LCX028ALT Datasheet
365Kb / 25P
   4.6cm (1.8-inch) Black-and-White LCD Panel
LCX017DLT SONY-LCX017DLT Datasheet
311Kb / 26P
   4.6cm (1.8 Type) Black-and-White LCD Panel
LCX036AMT SONY-LCX036AMT Datasheet
72Kb / 2P
   4.6cm (1.8-type) Black-and-White LCD Panel
LCX016AM SONY-LCX016AM Datasheet
419Kb / 22P
   3.3cm (1.3-inch) Black-and-White LCD Panel
LCX026ALF SONY-LCX026ALF Datasheet
346Kb / 24P
   2.3cm (0.9-inch) Black-and-White LCD Panel
LCX026ALG SONY-LCX026ALG Datasheet
346Kb / 24P
   2.3cm (0.9-inch) Black-and-White LCD Panel
LCX007CN SONY-LCX007CN Datasheet
611Kb / 24P
   3.4cm (1.35-inch) Black-and-White LCD Panel
LCX016AL SONY-LCX016AL Datasheet
486Kb / 24P
   3.3cm (1.3-inch) Black-and-White LCD Panel
LCX007CL SONY-LCX007CL Datasheet
610Kb / 24P
   3.4cm (1.35-inch) Black-and-White LCD Panel
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com