전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FQD4P25TM 데이터시트(PDF) 4 Page - Fairchild Semiconductor

부품명 FQD4P25TM
상세설명  250V P-Channel MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FQD4P25TM 데이터시트(HTML) 4 Page - Fairchild Semiconductor

  FQD4P25TM Datasheet HTML 1Page - Fairchild Semiconductor FQD4P25TM Datasheet HTML 2Page - Fairchild Semiconductor FQD4P25TM Datasheet HTML 3Page - Fairchild Semiconductor FQD4P25TM Datasheet HTML 4Page - Fairchild Semiconductor FQD4P25TM Datasheet HTML 5Page - Fairchild Semiconductor FQD4P25TM Datasheet HTML 6Page - Fairchild Semiconductor FQD4P25TM Datasheet HTML 7Page - Fairchild Semiconductor FQD4P25TM Datasheet HTML 8Page - Fairchild Semiconductor FQD4P25TM Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
©2011 Fairchild Semiconductor International
Rev. A4, Oct 2011
1 0
-5
1 0
-4
1 0
-3
1 0
-2
1 0
-1
1 0
0
1 0
1
1 0
-1
1 0
0
N o te s :
1 . Z
θ J C( t ) =
2 . 7 8
/W M a x .
2 . D u ty F a c t o r , D = t
1 / t 2
3 . T
J M - T C =
P
D M * Z θ J C( t )
s in g le p u l s e
D = 0 .5
0 .0 2
0 .2
0 .0 5
0 .1
0 .0 1
t
1 , S q u a r e
W a v e P u ls e D u r a t io n [ s e c ]
25
50
75
100
125
150
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
T
C, Case Temperature [
]
10
0
10
1
10
2
10
-1
10
0
10
1
DC
10 ms
1 ms
100 µs
Operation in This Area
is Limited by R
DS(on)
Notes :
1. T
C = 25
oC
2. T
J = 150
oC
3. Single Pulse
-V
DS, Drain-Source Voltage [V]
-100
-50
0
50
100
150
200
0.0
0.5
1.0
1.5
2.0
2.5
3.0
Notes :
1. V
GS = -10 V
2. I
D = -2.0 A
T
J, Junction Temperature [
oC]
-100
-50
0
50
100
150
200
0.8
0.9
1.0
1.1
1.2
Note :
1. V
GS = 0 V
2. I
D = -250 µ A
T
J, Junction Temperature [
oC]
Typical Characteristics (Continued)
Figure 9. Maximum Safe Operating Area
Figure 10. Maximum Drain Current
vs. Case Temperature
Figure 7. Breakdown Voltage Variation
vs. Temperature
Figure 8. On-Resistance Variation
vs. Temperature
Figure 11. Transient Thermal Response Curve
t1
PDM
t2


유사한 부품 번호 - FQD4P25TM

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
FQD4P25 FAIRCHILD-FQD4P25 Datasheet
585Kb / 9P
   250V P-Channel MOSFET
More results

유사한 설명 - FQD4P25TM

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
FQPF6P25 FAIRCHILD-FQPF6P25 Datasheet
534Kb / 8P
   250V P-Channel MOSFET
FQP2P25 FAIRCHILD-FQP2P25 Datasheet
549Kb / 8P
   250V P-Channel MOSFET
FQP4P25 FAIRCHILD-FQP4P25 Datasheet
568Kb / 8P
   250V P-Channel MOSFET
FQD2P25 FAIRCHILD-FQD2P25 Datasheet
535Kb / 9P
   250V P-Channel MOSFET
FQP6P25 FAIRCHILD-FQP6P25 Datasheet
508Kb / 8P
   250V P-Channel MOSFET
logo
Kersemi Electronic Co.,...
KSMD2P25 KERSEMI-KSMD2P25 Datasheet
1Mb / 8P
   250V P-Channel MOSFET
KSMD4P25 KERSEMI-KSMD4P25 Datasheet
1Mb / 8P
   250V P-Channel MOSFET
logo
Fairchild Semiconductor
FQD6P25TM FAIRCHILD-FQD6P25TM Datasheet
640Kb / 9P
   250V P-Channel MOSFET
FQD6P25 FAIRCHILD-FQD6P25 Datasheet
511Kb / 9P
   250V P-Channel MOSFET
FQPF4P25 FAIRCHILD-FQPF4P25 Datasheet
573Kb / 8P
   250V P-Channel MOSFET
FQB9P25 FAIRCHILD-FQB9P25 Datasheet
573Kb / 9P
   250V P-Channel MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com