전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FQD5P20 데이터시트(PDF) 6 Page - Fairchild Semiconductor

부품명 FQD5P20
상세설명  200V P-Channel MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FQD5P20 데이터시트(HTML) 6 Page - Fairchild Semiconductor

  FQD5P20_08 Datasheet HTML 1Page - Fairchild Semiconductor FQD5P20_08 Datasheet HTML 2Page - Fairchild Semiconductor FQD5P20_08 Datasheet HTML 3Page - Fairchild Semiconductor FQD5P20_08 Datasheet HTML 4Page - Fairchild Semiconductor FQD5P20_08 Datasheet HTML 5Page - Fairchild Semiconductor FQD5P20_08 Datasheet HTML 6Page - Fairchild Semiconductor FQD5P20_08 Datasheet HTML 7Page - Fairchild Semiconductor FQD5P20_08 Datasheet HTML 8Page - Fairchild Semiconductor FQD5P20_08 Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
Peak Diode Recovery dv/dt Test Circuit & Waveforms
DUT
V
DS
+
_
Driver
RG
Compliment of DUT
(N-Channel)
V
GS
• dv/dt controlled by R
G
•I
SD controlled by pulse period
V
DD
L
I
SD
10V
VGS
( Driver )
I SD
( DUT )
VDS
( DUT )
V
DD
Body Diode
Forward Voltage Drop
V
SD
I
FM , Body Diode Forward Current
Body Diode Reverse Current
I
RM
Body Diode Recovery dv/dt
di/dt
D =
Gate Pulse Width
Gate Pulse Period
--------------------------
DUT
V
DS
+
_
Driver
RG
Compliment of DUT
(N-Channel)
V
GS
• dv/dt controlled by R
G
•I
SD controlled by pulse period
V
DD
L
L
I
SD
10V
VGS
( Driver )
I SD
( DUT )
VDS
( DUT )
V
DD
Body Diode
Forward Voltage Drop
V
SD
I
FM , Body Diode Forward Current
Body Diode Reverse Current
I
RM
Body Diode Recovery dv/dt
di/dt
D =
Gate Pulse Width
Gate Pulse Period
--------------------------
D =
Gate Pulse Width
Gate Pulse Period
--------------------------
©2008 Fairchild Semiconductor Internationa
Rev. A1, October 2008


유사한 부품 번호 - FQD5P20_08

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
FQD5P20TM FAIRCHILD-FQD5P20TM Datasheet
663Kb / 9P
   200V P-Channel MOSFET
More results

유사한 설명 - FQD5P20_08

제조업체부품명데이터시트상세설명
logo
Kersemi Electronic Co.,...
KSMD5P20 KERSEMI-KSMD5P20 Datasheet
1Mb / 8P
   200V P-Channel MOSFET
logo
Fairchild Semiconductor
FQAF12P20 FAIRCHILD-FQAF12P20 Datasheet
615Kb / 8P
   200V P-Channel MOSFET
FQB3P20 FAIRCHILD-FQB3P20 Datasheet
560Kb / 9P
   200V P-Channel MOSFET
logo
Unisonic Technologies
7P20 UTC-7P20_11 Datasheet
213Kb / 5P
   200V P-CHANNEL MOSFET
logo
Fairchild Semiconductor
FQPF5P20 FAIRCHILD-FQPF5P20 Datasheet
610Kb / 8P
   200V P-Channel MOSFET
FQP5P20 FAIRCHILD-FQP5P20 Datasheet
624Kb / 8P
   200V P-Channel MOSFET
FQA12P20 FAIRCHILD-FQA12P20 Datasheet
628Kb / 8P
   200V P-Channel MOSFET
FQP3P20 FAIRCHILD-FQP3P20 Datasheet
549Kb / 8P
   200V P-Channel MOSFET
logo
Kersemi Electronic Co.,...
KSM12P20 KERSEMI-KSM12P20 Datasheet
1Mb / 7P
   200V P-Channel MOSFET
logo
Unisonic Technologies
7P20 UTC-7P20 Datasheet
213Kb / 6P
   200V P-CHANNEL MOSFET
logo
Guangdong Kexin Industr...
KQB12P20 KEXIN-KQB12P20 Datasheet
63Kb / 2P
   200V P-Channel MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com