전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FSB50450A 데이터시트(PDF) 4 Page - Fairchild Semiconductor

부품명 FSB50450A
상세설명  Smart Power Module (SPM짰)
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FSB50450A 데이터시트(HTML) 4 Page - Fairchild Semiconductor

  FSB50450A Datasheet HTML 1Page - Fairchild Semiconductor FSB50450A Datasheet HTML 2Page - Fairchild Semiconductor FSB50450A Datasheet HTML 3Page - Fairchild Semiconductor FSB50450A Datasheet HTML 4Page - Fairchild Semiconductor FSB50450A Datasheet HTML 5Page - Fairchild Semiconductor FSB50450A Datasheet HTML 6Page - Fairchild Semiconductor FSB50450A Datasheet HTML 7Page - Fairchild Semiconductor FSB50450A Datasheet HTML 8Page - Fairchild Semiconductor FSB50450A Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
4
www.fairchildsemi.com
FSB50450A Rev. A
Electrical Characteristics (T
J = 25°C, VCC=VBS=15V Unless Otherwise Specified)
Inverter Part (Each FRFET Unless Otherwise Specified)
Control Part (Each HVIC Unless Otherwise Specified)
Bootstrap Diode Part (Each Bootstrap diode Unless Otherwise Specified)
Note:
1. BVDSS is the absolute maximum voltage rating between drain and source terminal of each FRFET inside SPM
®. V
PN should be sufficiently less than this value considering the
effect of the stray inductance so that VDS should not exceed BVDSS in any case.
2. tON and tOFF include the propagation delay time of the internal drive IC. Listed values are measured at the laboratory test condition, and they can be different according to the
field applcations due to the effect of different printed circuit boards and wirings. Please see Figure 6 for the switching time definition with the switching test circuit of Figure 7.
3. The peak current and voltage of each FRFET during the switching operation should be included in the safe operating area (SOA). Please see Figure 7 for the RBSOA test cir-
cuit that is same as the switching test circuit.
4. Vts is only for sensing temperature of module and cannot shutdown MOSFETs automatically.
5. Built in bootstrap diode includes around 15 Ω resistance characteristic. Please refer to Figure 2.
Symbol
Parameter
Conditions
Min
Typ Max
Units
BVDSS
Drain-Source Breakdown
Voltage
VIN= 0V, ID = 1mA (Note 1)
500
-
-
V
IDSS
Zero Gate Voltage
Drain Current
VIN= 0V, VDS = 500V
-
-
1
mA
RDS(on)
Static Drain-Source
On-Resistance
VCC = VBS = 15V, VIN = 5V, ID = 1.0A
-
1.9
2.4
W
VSD
Drain-Source Diode
Forward Voltage
VCC = VBS = 15V, VIN = 0V, ID = -1.0A
-
-
1.2
V
tON
Switching Times
VPN = 300V, VCC = VBS = 15V, ID = 1.0A
VIN = 0V « 5V, Inductive load L=3mH
High- and low-side FRFET switching
(Note 2)
-
1250
-
ns
tOFF
-
680
-
ns
trr
-
200
-
ns
EON
-
80
-
mJ
EOFF
-
10
-
mJ
RBSOA
Reverse-bias Safe Oper-
ating Area
VPN = 400V, VCC = VBS = 15V, ID = IDP, VDS=BVDSS,
TJ = 150°C
High- and low-side FRFET switching (Note 3)
Full Square
Symbol
Parameter
Conditions
Min
Typ Max
Units
IQCC
Quiescent VCC Current
VCC=15V, VIN=0V Applied between VCC and COM
-
-
200
mA
IQBS
Quiescent VBS Current
VBS=15V, VIN=0V
Applied between VB(U)-U,
VB(V)-V, VB(W)-W
-
-
100
mA
UVCCD
Low-side Undervoltage
Protection (Figure 8)
VCC Undervoltage Protection Detection Level
7.4
8.0
9.4
V
UVCCR
VCC Undervoltage Protection Reset Level
8.0
8.9
9.8
V
UVBSD
High-side Undervoltage
Protection (Figure 9)
VBS Undervoltage Protection Detection Level
7.4
8.0
9.4
V
UVBSR
VBS Undervoltage Protection Reset Level
8.0
8.9
9.8
V
Vts
HVIC Temperature sens-
ing voltage output
VCC=15V, THVIC=25°C(Note 4)
600
790
980
mV
VIH
ON Threshold Voltage
Logic High Level
Applied between IN and COM
2.9
-
-
V
VIL
OFF Threshold Voltage
Logic Low Level
-
-
0.8
V
Symbol
Parameter
Conditions
Min
Typ Max
Units
VFB
Forward Voltage
IF = 0.1A, TC = 25°C(Note 5)
-
2.5
-
V
trrB
Reverse Recovery Time
IF = 0.1A, TC = 25°C
-
80
-
ns


유사한 부품 번호 - FSB50450A

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
FSB50450A FAIRCHILD-FSB50450A Datasheet
4Mb / 28P
   Motion SPM 5 Series Version 2 User?셲 Guide
logo
ON Semiconductor
FSB50450A ONSEMI-FSB50450A Datasheet
882Kb / 14P
   Motion SPM 5 Series
July 2016 Rev. 1.7
logo
Fairchild Semiconductor
FSB50450AS FAIRCHILD-FSB50450AS Datasheet
611Kb / 10P
   FSB50450AS Motion SPM짰 5 Series
logo
ON Semiconductor
FSB50450AS ONSEMI-FSB50450AS Datasheet
882Kb / 14P
   Motion SPM 5 Series
July 2016 Rev. 1.7
FSB50450AT ONSEMI-FSB50450AT Datasheet
882Kb / 14P
   Motion SPM 5 Series
July 2016 Rev. 1.7
More results

유사한 설명 - FSB50450A

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
FSB50250 FAIRCHILD-FSB50250_07 Datasheet
317Kb / 8P
   Smart Power Module (SPM짰)
FSB50325S FAIRCHILD-FSB50325S_07 Datasheet
297Kb / 8P
   Smart Power Module (SPM짰)
FSB50250AB FAIRCHILD-FSB50250AB Datasheet
1Mb / 10P
   Smart Power Module (SPM짰)
FSB50250A FAIRCHILD-FSB50250A Datasheet
1Mb / 10P
   Smart Power Module(SPM짰)
FSB50450UD FAIRCHILD-FSB50450UD Datasheet
864Kb / 9P
   Smart Power Module (SPM짰)
FSB50325T FAIRCHILD-FSB50325T_07 Datasheet
283Kb / 8P
   Smart Power Module (SPM짰)
FSB50550U FAIRCHILD-FSB50550U Datasheet
349Kb / 8P
   Smart Power Module (SPM짰)
FSB50450S_0705 FAIRCHILD-FSB50450S_0705 Datasheet
297Kb / 8P
   Smart Power Module (SPM짰)
FSB50550US FAIRCHILD-FSB50550US Datasheet
304Kb / 8P
   Smart Power Module (SPM짰)
FSB50325A FAIRCHILD-FSB50325A Datasheet
1Mb / 10P
   Smart Power Module (SPM짰)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com