전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FSBH0170W 데이터시트(PDF) 4 Page - Fairchild Semiconductor

부품명 FSBH0170W
상세설명  Green Mode Fairchild Power Switch (FPS??
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FSBH0170W 데이터시트(HTML) 4 Page - Fairchild Semiconductor

  FSBH0170W Datasheet HTML 1Page - Fairchild Semiconductor FSBH0170W Datasheet HTML 2Page - Fairchild Semiconductor FSBH0170W Datasheet HTML 3Page - Fairchild Semiconductor FSBH0170W Datasheet HTML 4Page - Fairchild Semiconductor FSBH0170W Datasheet HTML 5Page - Fairchild Semiconductor FSBH0170W Datasheet HTML 6Page - Fairchild Semiconductor FSBH0170W Datasheet HTML 7Page - Fairchild Semiconductor FSBH0170W Datasheet HTML 8Page - Fairchild Semiconductor FSBH0170W Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
© 2011 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FSBH0F70WA/0170W/0270W • Rev. 1.0.2
4
Pin Configuration
Figure 4.
Pin Configuration and Top Mark Information
Pin Definitions
Pin #
Name
Description
1
GND
Ground
. SenseFET source terminal on primary side and internal controller ground.
2
VDD
Power Supply
. The internal protection circuit disables PWM output as long as VDD exceeds the
OVP trigger point.
3
FB
Feedback
. The signal from the external compensation circuit is fed into this pin. The PWM duty
cycle is determined in response to the signal on this pin and the internal current-sense signal.
4
VIN
Line-Voltage Detection
. The line-voltage detection is used for brownout protection with
hysteresis and constant output power limit over universal AC input range.
NC
No Connection for FSBH0F70WA
5
HV
Startup
. For startup, this pin is pulled HIGH to the line input or bulk capacitor via resistors.
6
Drain
SenseFET Drain
. High-voltage power SenseFET drain connection.
7
Drain
SenseFET Drain
. High-voltage power SenseFET drain connection.
8
Drain
SenseFET Drain
. High-voltage power SenseFET drain connection.
F
– Fairchild Logo
Z – Plant Code
X – 1-Digit Year Code
Y – 1-Digit Week Code
TT – 2-Digit Die-Run Code
T – Package Type (N:DIP)
P – Y: Green Package
M – Manufacture Flow Code


유사한 부품 번호 - FSBH0170W

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
FSBH0170 FAIRCHILD-FSBH0170 Datasheet
708Kb / 16P
   Green Mode Fairchild Power Switch (FPS??
FSBH0170 FAIRCHILD-FSBH0170 Datasheet
944Kb / 16P
   Green Mode Fairchild Power Switch
FSBH0170/A FAIRCHILD-FSBH0170/A Datasheet
708Kb / 16P
   Green Mode Fairchild Power Switch (FPS??
FSBH0170A FAIRCHILD-FSBH0170A Datasheet
708Kb / 16P
   Green Mode Fairchild Power Switch (FPS??
FSBH0170A FAIRCHILD-FSBH0170A Datasheet
801Kb / 16P
   Green Mode Fairchild Power Switch
More results

유사한 설명 - FSBH0170W

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
FSDM0265RNB FAIRCHILD-FSDM0265RNB Datasheet
904Kb / 20P
   Green Mode Fairchild Power Switch (FPS)
FSDM1265RB FAIRCHILD-FSDM1265RB Datasheet
380Kb / 20P
   Green Mode Fairchild Power Switch (FPS)
FSDM0465RE FAIRCHILD-FSDM0465RE_07 Datasheet
405Kb / 20P
   Green Mode Fairchild Power Switch (FPS??
FSL106HR FAIRCHILD-FSL106HR Datasheet
942Kb / 13P
   Green Mode Fairchild Power Switch (FPS??
FSL116LR FAIRCHILD-FSL116LR Datasheet
934Kb / 13P
   Green Mode Fairchild Power Switch (FPS??
FSL136HR FAIRCHILD-FSL136HR Datasheet
1,004Kb / 13P
   Green Mode Fairchild Power Switch (FPS??
FSL136MR FAIRCHILD-FSL136MR Datasheet
903Kb / 13P
   Green Mode Fairchild Power Switch (FPS??
FSD210B FAIRCHILD-FSD210B Datasheet
853Kb / 18P
   Green Mode Fairchild Power Switch (FPS)
FSL137MRIN FAIRCHILD-FSL137MRIN Datasheet
1Mb / 15P
   Green-Mode Fairchild Power Switch (FPS??
FSL117MRIN FAIRCHILD-FSL117MRIN Datasheet
1Mb / 15P
   Green-Mode Fairchild Power Switch (FPS??
FSL126MRT FAIRCHILD-FSL126MRT Datasheet
873Kb / 13P
   Green-Mode Fairchild Power Switch (FPS??
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com