전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SLD104AU 데이터시트(PDF) 2 Page - Sony Corporation

부품명 SLD104AU
상세설명  AlGaAs Laser Diode
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SONY [Sony Corporation]
홈페이지  http://www.sony.co.jp
Logo SONY - Sony Corporation

SLD104AU 데이터시트(HTML) 2 Page - Sony Corporation

  SLD104AU Datasheet HTML 1Page - Sony Corporation SLD104AU Datasheet HTML 2Page - Sony Corporation SLD104AU Datasheet HTML 3Page - Sony Corporation SLD104AU Datasheet HTML 4Page - Sony Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
– 2 –
SLD104AU
Electrical and Optical Characteristics (Tc = 25°C)
Tc: Case temperature
Unit
Max.
Typ.
Min.
Condition
Symbol
Ith
Iop
Vop
λ
Im
θ⊥
θ//
∆SR 1
∆X, ∆Y, ∆Z
∆φ⊥
ηD
AS
S/N
ID
CT
Item
1.7
760
0.08
20
9
0.2
45
52
1.9
780
0.15
32
17
0.45
88
Perpendicular
Parallel
Asymmetry
Position
Angle
Threshold current
Operating current
Operating voltage
Wavelength
Monitor current
Radiation angle
(F. W. H. M.∗)
Differential efficiency
Astigmatism
Signal to noise ratio
Dark current of PD
Capacitance of PD
60
70
2.5
800
0.4
45
25
20
±150
±3
0.7
15
150
30
mA
mA
V
nm
mA
degree
degree
%
µm
degree
mW/mA
µm
dB
nA
pF
PO = 3mW
PO = 3mW
PO = 3mW
PO = 3mW,
VR = 5V
PO = 3mW
PO = 3mW
PO = 3mW
| Z// – Z
⊥ |
fC = 7.5MHz
∆f = 30kHz
PO = 4mW
VR = 5V
VR = 5V, f = 1MHz
PO = 3mW
Positional
accuracy
Power
SL SR
0
θ//
–7
°
7
°
∗1
∆SR =
| SL – SR |
SL + SR
∗ F. W. H. M. : Full Width at Half Maximum


유사한 부품 번호 - SLD104AU

제조업체부품명데이터시트상세설명
logo
Sony Corporation
SLD104AV SONY-SLD104AV Datasheet
93Kb / 4P
   GaAlAs Laser Diode
More results

유사한 설명 - SLD104AU

제조업체부품명데이터시트상세설명
logo
Rohm
RLD78PPY4 ROHM-RLD78PPY4 Datasheet
120Kb / 3P
   AlGaAs laser diode
logo
Roithner LaserTechnik G...
QL78F6S-A ROITHNER-QL78F6S-A Datasheet
154Kb / 3P
   AlGaAs Laser Diode
logo
Rohm
RLD-78MD ROHM-RLD-78MD Datasheet
55Kb / 3P
   AlGaAs laser diode
logo
Roithner LaserTechnik G...
QL78D6S-A ROITHNER-QL78D6S-A Datasheet
211Kb / 3P
   AlGaAs Laser Diode
logo
Rohm
RLD78PZW4 ROHM-RLD78PZW4 Datasheet
67Kb / 3P
   AlGaAs laser diode
logo
Sony Corporation
SLD114VS SONY-SLD114VS Datasheet
94Kb / 6P
   Index-Guided AlGaAs Laser Diode
logo
Rohm
RLD78NZH2 ROHM-RLD78NZH2 Datasheet
89Kb / 3P
   AlGaAs laser diodes
RLD-78MAT1 ROHM-RLD-78MAT1 Datasheet
65Kb / 3P
   AlGaAs laser diodes
RLD-78NP10-B ROHM-RLD-78NP10-B Datasheet
64Kb / 3P
   AlGaAs laser diodes
RLD78NZH1 ROHM-RLD78NZH1 Datasheet
84Kb / 3P
   AlGaAs laser diodes
More results


Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com