전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TIP121 데이터시트(PDF) 1 Page - Fairchild Semiconductor

부품명 TIP121
상세설명  NPN Epitaxial Darlington Transistor
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

TIP121 데이터시트(HTML) 1 Page - Fairchild Semiconductor

  TIP121_08 Datasheet HTML 1Page - Fairchild Semiconductor TIP121_08 Datasheet HTML 2Page - Fairchild Semiconductor TIP121_08 Datasheet HTML 3Page - Fairchild Semiconductor TIP121_08 Datasheet HTML 4Page - Fairchild Semiconductor TIP121_08 Datasheet HTML 5Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
© 2007 Fairchild Semiconductor Corporation
www.fairchildsemi.com
TIP120/TIP121/TIP122 Rev. 1.0.0
1
October 2008
TIP120/TIP121/TIP122
NPN Epitaxial Darlington Transistor
• Medium Power Linear Switching Applications
• Complementary to TIP125/126/127
Absolute Maximum Ratings* T
a = 25°C unless otherwise noted
* These ratings are limiting values above which the serviceability of any semiconductor device may be impaired.
Symbol
Parameter
Ratings
Units
VCBO
Collector-Base Voltage
: TIP120
: TIP121
: TIP122
60
80
100
V
V
V
VCEO
Collector-Emitter Voltage : TIP120
: TIP121
: TIP122
60
80
100
V
V
V
VEBO
Emitter-Base Voltage
5
V
IC
Collector Current (DC)
5
A
ICP
Collector Current (Pulse)
8
A
IB
Base Current (DC)
120
mA
PC
Collector Dissipation (Ta=25°C)
2
W
Collector Dissipation (TC=25°C)
65
W
TJ
Junction Temperature
150
°C
TSTG
Storage Temperature
- 65 ~ 150
°C
1.Base
2.Collector
3.Emitter
1
TO-220
Equivalent Circuit
B
E
C
R1
R2
R1
8k
W
@
R2
0.12k
W
@


유사한 부품 번호 - TIP121_08

제조업체부품명데이터시트상세설명
logo
Bourns Electronic Solut...
TIP121-S BOURNS-TIP121-S Datasheet
97Kb / 4P
   NPN SILICON POWER DARLINGTONS
logo
Jiangsu Changjiang Elec...
TIP121F JIANGSU-TIP121F Datasheet
1Mb / 3P
   DARLINGTON TRANSISTOR (NPN)
logo
First Silicon Co., Ltd
TIP121F FS-TIP121F Datasheet
188Kb / 2P
   Darlington TRANSISTOR (NPN)
logo
ON Semiconductor
TIP121G ONSEMI-TIP121G Datasheet
91Kb / 7P
   Plastic Medium-Power Complementary Silicon Transistors
September, 2005 ??Rev. 6
TIP121G ONSEMI-TIP121G Datasheet
114Kb / 7P
   Plastic Medium-Power Complementary Silicon Transistors
November, 2007 - Rev. 7
More results

유사한 설명 - TIP121_08

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
TIP120TU FAIRCHILD-TIP120TU Datasheet
168Kb / 5P
   NPN Epitaxial Darlington Transistor
logo
List of Unclassifed Man...
2SD1210 ETC-2SD1210 Datasheet
41Kb / 1P
   NPN SILICON EPITAXIAL DARLINGTON TRANSISTOR
2SD1392 ETC-2SD1392 Datasheet
69Kb / 2P
   NPN SILICON EPITAXIAL DARLINGTON TRANSISTOR
logo
Fairchild Semiconductor
KSE800 FAIRCHILD-KSE800 Datasheet
73Kb / 3P
   NPN EPITAXIAL SILICON DARLINGTON TRANSISTOR
logo
List of Unclassifed Man...
2SD1672 ETC-2SD1672 Datasheet
34Kb / 1P
   NPN SILICON EPITAXIAL DARLINGTON TRANSISTOR
logo
Fairchild Semiconductor
TIP100 FAIRCHILD-TIP100_08 Datasheet
551Kb / 5P
   NPN Epitaxial Silicon Darlington Transistor
logo
New Jersey Semi-Conduct...
TIP140T NJSEMI-TIP140T Datasheet
69Kb / 2P
   NPN Epitaxial Silicon Darlington Transistor
logo
Fairchild Semiconductor
KSP13BU FAIRCHILD-KSP13BU Datasheet
39Kb / 4P
   NPN Epitaxial Silicon Darlington Transistor
495220TU FAIRCHILD-495220TU Datasheet
99Kb / 2P
   NPN Epitaxial Silicon Darlington Transistor
logo
Unisonic Technologies
MMBTA13 UTC-MMBTA13 Datasheet
92Kb / 3P
   DARLINGTON TRANSISTOR NPN EPITAXIAL SILICON TRANSISTOR
More results


Html Pages

1 2 3 4 5


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com