전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SLD1137VS 데이터시트(PDF) 3 Page - Sony Corporation

부품명 SLD1137VS
상세설명  650nm Index-Guided Red Laser Diode
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SONY [Sony Corporation]
홈페이지  http://www.sony.co.jp
Logo SONY - Sony Corporation

SLD1137VS 데이터시트(HTML) 3 Page - Sony Corporation

  SLD1137VS Datasheet HTML 1Page - Sony Corporation SLD1137VS Datasheet HTML 2Page - Sony Corporation SLD1137VS Datasheet HTML 3Page - Sony Corporation SLD1137VS Datasheet HTML 4Page - Sony Corporation SLD1137VS Datasheet HTML 5Page - Sony Corporation SLD1137VS Datasheet HTML 6Page - Sony Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
– 3 –
SLD1137VS
60
40
0
0
0.2
0.2
0
25°C
20
TC = 0°C
40°C
Imon
PO = 5mW
0.1
0
30
–20
60
200
100
10
1
2
3
4
5
6
7
60°C
25°C
TC = 0°C
40°C 60°C
20
0
–60
–40
–20
40
60
θ ⊥
Po = 5mW
Tc = 25°C
70
IF – Forward current [mA]
Imon – Monitor current [mA]
Optical power output vs. Forward current characteristics
Optical power output vs. Monitor current characteristics
Angle [degree]
Far field pattern (FFP)
Monitor current vs. Temperature characteristics
Tc – Case temperature [°C]
Threshold current vs. Temperature characteristics
–10
0
20
10
50
40
30
–20
60
70
Tc – Case temperature [°C]
–10
0
20
10
50
40
θ //
Example of Representative Characteristics


유사한 부품 번호 - SLD1137VS

제조업체부품명데이터시트상세설명
logo
Sony Corporation
SLD1131VS SONY-SLD1131VS Datasheet
81Kb / 6P
   Index-Guided Red Laser Diode
SLD1132VS SONY-SLD1132VS Datasheet
86Kb / 6P
   635nm Red Laser Diode
SLD1133VL SONY-SLD1133VL Datasheet
113Kb / 6P
   650nm Index-Guided Red Laser Diode
SLD1133VL-53 SONY-SLD1133VL-53 Datasheet
91Kb / 6P
   650nm Index-Guided Red Laser Diode
SLD1133VS SONY-SLD1133VS Datasheet
91Kb / 6P
   650nm Index-Guided Red Laser Diode
More results

유사한 설명 - SLD1137VS

제조업체부품명데이터시트상세설명
logo
Sony Corporation
SLD1133VL-53 SONY-SLD1133VL-53 Datasheet
91Kb / 6P
   650nm Index-Guided Red Laser Diode
SLD1133VL SONY-SLD1133VL Datasheet
113Kb / 6P
   650nm Index-Guided Red Laser Diode
SLD1133VS SONY-SLD1133VS Datasheet
91Kb / 6P
   650nm Index-Guided Red Laser Diode
SLD1135VS SONY-SLD1135VS Datasheet
60Kb / 3P
   650nm Index-Guided Red Laser Diode
SLD1131VS SONY-SLD1131VS Datasheet
81Kb / 6P
   Index-Guided Red Laser Diode
logo
Sanyo Semicon Device
DL-3038-033 SANYO-DL-3038-033 Datasheet
80Kb / 3P
   Index Guided AlGalnP Laser Diode?
DL-3149-070 SANYO-DL-3149-070 Datasheet
76Kb / 3P
   Index Guided AlGalnP Laser Diode?
DL-3038-011 SANYO-DL-3038-011 Datasheet
77Kb / 3P
   Index Guided AlGalnP Laser Diode
DL-3038-041 SANYO-DL-3038-041 Datasheet
80Kb / 3P
   Index Guided AlGalnP Laser Diode?
logo
Sony Corporation
SLD114VS SONY-SLD114VS Datasheet
94Kb / 6P
   Index-Guided AlGaAs Laser Diode
More results


Html Pages

1 2 3 4 5 6


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com