전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BF-AF10B-DA 데이터시트(PDF) 2 Page - Panasonic Semiconductor

부품명 BF-AF10B-DA
상세설명  A hands-free, weatherproof solution
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PANASONIC [Panasonic Semiconductor]
홈페이지  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

BF-AF10B-DA 데이터시트(HTML) 2 Page - Panasonic Semiconductor

  BF-AF10B-DA Datasheet HTML 1Page - Panasonic Semiconductor BF-AF10B-DA Datasheet HTML 2Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
LED NECK LIGHT
New
Master Shipper Specifications
Length (")
Width (")
Height (")
Cube (CF)
Weight (lbs)
Layers per
pallet (hi)
Cases per
Layer (ti)
Cases per
Pallet
10.6
10.5
4
0.3
0.2
8
12
96
Ordering Specifications
Order Number
Description
Packs per
Carton
Carton UPC
Pack UPC
BF-AF10B-KA
FG NECK LIGHT BLACK (12)
12
300-73096-80097-8
0-73096-80097-7
BF-AF10B-PA
FG NECK LIGHT VIVID PINK (12)
12
300-73096-80098-5
0-73096-80098-4
BF-AF10B-DA
FG NECK LIGHT ORANGE (12)
12
300-73096-80101-5
0-73096-80101-4
Panasonic Batteries | 5201 Tollview Drive | Rolling Meadows | Illinois 60008 | 1-877-PANABAT (1-877-726-2228)
Specifications
Light
Autonomy (20°C)
Dimensions
Standard white LED
+/- 15 hours
Body
(diameter 7.5mm)
(Panasonic lithium coin
W: +/- 30mm
x 1pc
CR2032)
H: +/- 50mm
D: +/- 26mm
Battery Type
Weight
Length of
CR2032 (Lithium
+/- 40g
neck holder)
coin)x 2pcs
(incl. 2 x Panasonic lithium
Dia. +/- 215mm
coin CR2032)


유사한 부품 번호 - BF-AF10B-DA

제조업체부품명데이터시트상세설명
logo
Yellow Stone Corp
BF-A321RD YSTONE-BF-A321RD Datasheet
187Kb / 2P
   SINGLE DIGIT LED DISPLAYS
BF-A322RD YSTONE-BF-A322RD Datasheet
187Kb / 2P
   SINGLE DIGIT LED DISPLAYS
BF-A323RD YSTONE-BF-A323RD Datasheet
187Kb / 2P
   SINGLE DIGIT LED DISPLAYS
BF-A324RD YSTONE-BF-A324RD Datasheet
187Kb / 2P
   SINGLE DIGIT LED DISPLAYS
BF-A325RD YSTONE-BF-A325RD Datasheet
187Kb / 2P
   SINGLE DIGIT LED DISPLAYS
More results

유사한 설명 - BF-AF10B-DA

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
TEA1094 PHILIPS-TEA1094 Datasheet
221Kb / 28P
   Hands free IC
1996 Jul 15
TEA1093 PHILIPS-TEA1093 Datasheet
208Kb / 28P
   Hands-free IC
1996 Feb 09
logo
Panasonic Semiconductor
AN6426NK PANASONIC-AN6426NK Datasheet
127Kb / 9P
   Hands-free Speech Network IC
logo
SHENZHEN FUMAN ELECTRON...
TC34018 FUMAN-TC34018 Datasheet
1Mb / 6P
   Hands-free calling integrated circuit
logo
Zarlink Semiconductor I...
ZL38001 ZARLINK-ZL38001_06 Datasheet
543Kb / 49P
   AEC for Analog Hands-Free Communication
logo
Panasonic Semiconductor
AN6175K PANASONIC-AN6175K Datasheet
210Kb / 21P
   Hands-free Speech Network IC
logo
Asahi Kasei Microsystem...
AK7752 AKM-AK7752 Datasheet
645Kb / 23P
   Audio/Hands Free DSP with Stereo CODEC
logo
Zarlink Semiconductor I...
ZL38002 ZARLINK-ZL38002_07 Datasheet
578Kb / 51P
   Digital Echo Canceller for Hands Free Communication
logo
ATMEL Corporation
U4082B ATMEL-U4082B Datasheet
557Kb / 30P
   Low-voltage Voice-switched IC for Hands-free Operation
logo
Asahi Kasei Microsystem...
AK7750 AKM-AK7750 Datasheet
804Kb / 77P
   Audio DSP with Built-in Hands-Free Phone Features
More results


Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com