전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SLD327YT 데이터시트(PDF) 1 Page - Sony Corporation

부품명 SLD327YT
상세설명  3W High Power Laser Diode
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SONY [Sony Corporation]
홈페이지  http://www.sony.co.jp
Logo SONY - Sony Corporation

SLD327YT 데이터시트(HTML) 1 Page - Sony Corporation

  SLD327YT Datasheet HTML 1Page - Sony Corporation SLD327YT Datasheet HTML 2Page - Sony Corporation SLD327YT Datasheet HTML 3Page - Sony Corporation SLD327YT Datasheet HTML 4Page - Sony Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
– 1 –
SLD327YT
E95Z13B01-PS
3W High Power Laser Diode
Description
The SLD327YT has a compatible package, and
allows independent thermal and electric design.
It is a high power laser diode that affords easy
optical design.
Features
• High-optical power output
Recommended optical power output: PO = 3.0W
• High-optical power density: 3W/200µm
(Emitting line width)
Applications
• Solid state laser excitation
• Medical use
• Material processing
• Measurement
Structure
AlGaAs quantum well structure laser diode
Operating Lifetime
MTTF 10,000H (effective value) at Po = 3.0W, Tth = 25°C
Absolute Maximum Ratings (Tth = 25°C)
• Optical power output
PO
3.3
W
• Reverse voltage
VRLD
2
V
PD
15
V
• Operating temperature (Tth)
Topr
–10 to +30
°C
• Storage temperature
Tstg
–40 to +85
°C
Sony reserves the right to change products and specifications without prior notice. This information does not convey any license by
any implication or otherwise under any patents or other right. Application circuits shown, if any, are typical examples illustrating the
operation of the devices. Sony cannot assume responsibility for any problems arising out of the use of these circuits.
M-288
No.
Function
1
2
3
4
5
TE cooler (negative)
Case
Laser diode (anode)
Thermistor
6
7
8
9
10
Thermistor
Laser diode (cathode)
Photo diode (anode)
Photo diode (cathode)
TE cooler (positive)
TE Cooler
Case
LD
PD
TH
13
4
5
6
7
8
9
10
Pin Configuration (Top View)
Warranty
This warranty period shall be 90 days after receipt of the product or
1,000 hours operation time whichever is shorter.
Sony Quality Assurance Department shall analyze any product that
fails during said warranty period, and if the analysis results show that
the product failed due to material or manufacturing defects on the
part of Sony, the product shall be replaced free of charge.
Laser diodes naturally have differing lifetimes which follow a Weibull
distribution.
Special warranties are also available.
Equivalent Circuit


유사한 부품 번호 - SLD327YT

제조업체부품명데이터시트상세설명
logo
Sony Corporation
SLD322V SONY-SLD322V Datasheet
68Kb / 7P
   High Power Density 0.5W Laser Diode
SLD322V-1 SONY-SLD322V-1 Datasheet
68Kb / 7P
   High Power Density 0.5W Laser Diode
SLD322V-2 SONY-SLD322V-2 Datasheet
68Kb / 7P
   High Power Density 0.5W Laser Diode
SLD322V-21 SONY-SLD322V-21 Datasheet
68Kb / 7P
   High Power Density 0.5W Laser Diode
SLD322V-24 SONY-SLD322V-24 Datasheet
68Kb / 7P
   High Power Density 0.5W Laser Diode
More results

유사한 설명 - SLD327YT

제조업체부품명데이터시트상세설명
logo
Bookham, Inc.
MU3-808-01 BOOKHAM-MU3-808-01 Datasheet
394Kb / 4P
   3W 808nm Uncooled Multimode Laser Diode Module
logo
Sanyo Semicon Device
DL-6140-201 SANYO-DL-6140-201 Datasheet
74Kb / 3P
   High Power Laser Diode
DL-7140-201 SANYO-DL-7140-201 Datasheet
73Kb / 3P
   High Power Laser Diode
logo
Lumics GmbH
LU1030T030 LUMICS-LU1030T030 Datasheet
259Kb / 2P
   Industrial Laser Diode Up to 3w Operation Power @ 1030nm / 50um fiber
2018-06-14
logo
Sony Corporation
SLD302XT SONY-SLD302XT Datasheet
98Kb / 8P
   200mW High Power Laser Diode
SLD301XT SONY-SLD301XT Datasheet
98Kb / 8P
   100mW High Power Laser Diode
logo
Roithner LaserTechnik G...
RLT9830MG ROITHNER-RLT9830MG Datasheet
294Kb / 1P
   high power infrared laser diode
RLT1300-20G ROITHNER-RLT1300-20G Datasheet
107Kb / 2P
   high power infrared laser diode
RLT1550-30G ROITHNER-RLT1550-30G Datasheet
54Kb / 1P
   high power infrared laser diode
ADL-63V0BTP ROITHNER-ADL-63V0BTP Datasheet
248Kb / 1P
   high power red laser diode
More results


Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com