전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SLD324ZT-25 데이터시트(PDF) 4 Page - Sony Corporation

부품명 SLD324ZT-25
상세설명  High-Power Density 2W Laser Diode
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SONY [Sony Corporation]
홈페이지  http://www.sony.co.jp
Logo SONY - Sony Corporation

SLD324ZT-25 데이터시트(HTML) 4 Page - Sony Corporation

  SLD324ZT-25 Datasheet HTML 1Page - Sony Corporation SLD324ZT-25 Datasheet HTML 2Page - Sony Corporation SLD324ZT-25 Datasheet HTML 3Page - Sony Corporation SLD324ZT-25 Datasheet HTML 4Page - Sony Corporation SLD324ZT-25 Datasheet HTML 5Page - Sony Corporation SLD324ZT-25 Datasheet HTML 6Page - Sony Corporation SLD324ZT-25 Datasheet HTML 7Page - Sony Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
– 4 –
SLD324ZT
0
0.5
1.5
1
Differential efficiency vs. Temperature characteristics
Tth – Termistor temperature [
°C]
–10
0
10
20
30
0
0
5
10
15
10
20
40
30
TE cooler characteristics 1
∆T – Temperature difference [°C]
∆T: Tc – Tth
Tth: Thermistor temperature
Tc: Case temperature
0
20
40
60
80
100
0
0
5
10
15
10
20
40
30
TE cooler characteristics 2
∆T – Temperature difference [°C]
0
20
40
60
80
100
1
5
10
50
Termistor chacteristics
Tth – Termistor temperature [
°C]
–10 0
10 20 30 40 50 60 70
Tc = 32
°C
IT = 4A
3A
2A
∆T vs V
Tth = 25
°C
IT
= 4
A
3A
3A
2A
2A
∆T
vs
V
T
vs
Q
4A
TE cooler characteristics


유사한 부품 번호 - SLD324ZT-25

제조업체부품명데이터시트상세설명
logo
Sony Corporation
SLD322V SONY-SLD322V Datasheet
68Kb / 7P
   High Power Density 0.5W Laser Diode
SLD322V-1 SONY-SLD322V-1 Datasheet
68Kb / 7P
   High Power Density 0.5W Laser Diode
SLD322V-2 SONY-SLD322V-2 Datasheet
68Kb / 7P
   High Power Density 0.5W Laser Diode
SLD322V-21 SONY-SLD322V-21 Datasheet
68Kb / 7P
   High Power Density 0.5W Laser Diode
SLD322V-24 SONY-SLD322V-24 Datasheet
68Kb / 7P
   High Power Density 0.5W Laser Diode
More results

유사한 설명 - SLD324ZT-25

제조업체부품명데이터시트상세설명
logo
Sony Corporation
SLD334YT SONY-SLD334YT Datasheet
61Kb / 4P
   2W High Power Laser Diode
SLD342YT SONY-SLD342YT Datasheet
75Kb / 3P
   2W High Power Laser Diode
SLD322V SONY-SLD322V Datasheet
68Kb / 7P
   High Power Density 0.5W Laser Diode
SLD1324ZT SONY-SLD1324ZT Datasheet
175Kb / 7P
   High-Power Density 1W Laser Diode
SLD323V SONY-SLD323V Datasheet
68Kb / 7P
   High Power Density 1W Laser Diode
logo
Lumics GmbH
LU0808T020-RI LUMICS-LU0808T020-RI Datasheet
261Kb / 2P
   Industrial Laser Diode Up to 2w Operation Power @ 808nm
2018-06-14
LU0808T020 LUMICS-LU0808T020 Datasheet
264Kb / 2P
   Industrial Laser Diode Up to 2w Operation Power @ 808nm
2018-06-14
logo
Sanyo Semicon Device
DL-6140-201 SANYO-DL-6140-201 Datasheet
74Kb / 3P
   High Power Laser Diode
DL-7140-201 SANYO-DL-7140-201 Datasheet
73Kb / 3P
   High Power Laser Diode
logo
Sony Corporation
SLD302XT SONY-SLD302XT Datasheet
98Kb / 8P
   200mW High Power Laser Diode
More results


Html Pages

1 2 3 4 5 6 7


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com