전자부품 데이터시트 검색엔진 |
|
SD2065-E00-4CF01N 데이터시트(PDF) 1 Page - Winchester Electronics Corporation |
|
SD2065-E00-4CF01N 데이터시트(HTML) 1 Page - Winchester Electronics Corporation |
|
1 / 1 page .299 7.59 .262 6.65 .591 15.01 ( 1.372 ) 34.85 WHEN ASSEMBLED .210 5.33 .150 3.81 SEE NOTE 8 MRKING: KINGS + 2065 + CABLE CODE + DATE CODE + LOCATION CODE .354 8.99 .138 3.51 .748 19.00 CATALOG P/N:2065-E00-4CF01N NOTES: UNLESS OTHERWISE SPECIFIED 1. FOR GENERAL SERIES SPECIFICATIONS, SEE SDPRF-206. 2. MATERIAL SPECIFICATIONS: BAYONET SLEEVE, BODY, CONTACT, FERRULE: BRASS PER ASTM B16 INSULATOR: TEFLON PER ASTM D1710 SPRING WASHER, OUTER CONTACT: BERYLLIUM COPPER, ASTM-B-194 GASKET: SILICONE RUBBER 3. FINISH SPECIFICATIONS: BAYONET SLEEVE, BODY, FERRULE: .000100MIN NICKEL PER AMS-QQ-N-290 OVER COPPER FLASH PER ASTM B734 (ROHS) CONTACT: .000030 MIN. GOLD PER ASTM B488, OVER NICKEL PER AMS-QQ-N-290 (ROHS) ALL OTHER METAL PARTS: .000050 MIN NICKEL PER AMS-QQ-N290 OVER .000050 MIN COPPER PER ASTM B734 (ROHS) 4. CONTACT AND FERRULE SHIPPED LOOSE. 5. FOR USE WITH TACHII CABLE TCX-4CFB OR EQUIVALENT . 6. FOR CRIMPING USE KTH-5000 AND KTH-5016 (.255 HEX, .054 SQUARE FLAT ). 7. ASSEMBLE TO CABLE USING CAP-E01. 8. THESE AREA HAVE WHITE MARKING. 9. ELECTRIC SPECIFICATIONS: IMPEDANCE: 75 OHMS FREQUENCY RANGE: DC TO 3 GHz RETURN LOSS: 26.5 dB MIN (DC TO 2.4 GHz) 21 dB MIN (DC TO 3 GHz) RECOMMENDED CABLE TRIMMING DIMENSIONS A BNC 75 OHM PLUG FOR TCX-4CFB OR EQUIVALENT (ROHS COMPLIANT) BY DATE APPD REVISED PER ECR-ER21004 DESCRIPTION D REV XX/XX/XX XXX DATE APPROVED XX/XX/XX XXX DATE APPROVED 09/26/08 Dcam DATE APPROVED 09/23/08 CY DATE DRAWN CUSTOMER SALES DRAWING PER ASME Y14.5M-1994 UNLESS OTHERWISE SPECIFIED: DIMENSIONS ARE IN INCHES [MM] TOLERANCES: DECIMAL: .XX [X.X] ± .01 [0.3] .XXX [X.XX] ± .005 [0.13] .XXXX [X.XXX] ± .XXXX ANGLES: ± 2° SCALE: 2:1 SHT REV OF D 1 1 SD2065-E00-4CF01N Winchester Electronics Corporation 62 Barnes Industrial Road North Wallingford, Connecticut 06492 THIRD ANGLE DMF026 B |
유사한 부품 번호 - SD2065-E00-4CF01N |
|
유사한 설명 - SD2065-E00-4CF01N |