전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TP4A60S 데이터시트(PDF) 4 Page - Apollo Electron Co., Ltd.

부품명 TP4A60S
상세설명  Sensitive Gate Triac
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  APOLLOELECTRON [Apollo Electron Co., Ltd.]
홈페이지  http://www.aelectron.com
Logo APOLLOELECTRON - Apollo Electron Co., Ltd.

TP4A60S 데이터시트(HTML) 4 Page - Apollo Electron Co., Ltd.

  TP4A60S Datasheet HTML 1Page - Apollo Electron Co., Ltd. TP4A60S Datasheet HTML 2Page - Apollo Electron Co., Ltd. TP4A60S Datasheet HTML 3Page - Apollo Electron Co., Ltd. TP4A60S Datasheet HTML 4Page - Apollo Electron Co., Ltd. TP4A60S Datasheet HTML 5Page - Apollo Electron Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
4/5
TP4A60S
Fig 8. Transient Thermal Impedance
Fig 7. Gate Trigger Current vs.
Junction Temperature
-50
0
50
100
150
0.1
1
10
I
+
GT3
I
+
GT1
I
-
GT1
I
-
GT3
Junction Temperature [
oC]
10
-3
10
-2
10
-1
10
0
10
1
10
2
10
-1
10
0
10
1
Time (sec)


유사한 부품 번호 - TP4A60S

제조업체부품명데이터시트상세설명
logo
GREATECS
TP4 GREATECS-TP4 Datasheet
149Kb / 1P
   Standard 12 x 12 mm Tactile Switches
logo
List of Unclassifed Man...
TP4 ETC2-TP4 Datasheet
219Kb / 2P
   Industrial Test Leads, Probes & Clips
TP4 ETC2-TP4 Datasheet
219Kb / 2P
   Industrial Test Leads, Probes & Clips
logo
TiMOTION Technology Co....
TP4 TIMOTION-TP4 Datasheet
241Kb / 4P
   Operational temperature range 5°C~45°C
20220207-I
logo
List of Unclassifed Man...
TP40 ETC2-TP40 Datasheet
245Kb / 2P
   78 and 88V Automotive Meters
More results

유사한 설명 - TP4A60S

제조업체부품명데이터시트상세설명
logo
New Jersey Semi-Conduct...
T2322B NJSEMI-T2322B Datasheet
103Kb / 2P
   Sensitive Gate Triac
logo
Apollo Electron Co., Lt...
TD4A60S APOLLOELECTRON-TD4A60S Datasheet
1Mb / 5P
   Sensitive Gate Triac
logo
Unisonic Technologies
BTA04 UTC-BTA04_15 Datasheet
189Kb / 5P
   SENSITIVE GATE TRIAC
logo
Apollo Electron Co., Lt...
TR4A60S APOLLOELECTRON-TR4A60S Datasheet
4Mb / 6P
   Sensitive Gate Triac
logo
Shenzhen Winsemi Microe...
STU4A60S WINSEMI-STU4A60S Datasheet
483Kb / 5P
   Sensitive Gate Triac
WTD4A60S WINSEMI-WTD4A60S Datasheet
445Kb / 5P
   Sensitive Gate Triac
logo
NTE Electronics
NTE56045 NTE-NTE56045 Datasheet
21Kb / 2P
   TRIAC, 16A, Sensitive Gate
NTE56039 NTE-NTE56039 Datasheet
20Kb / 2P
   TRIAC, 4A Sensitive Gate
NTE56040 NTE-NTE56040 Datasheet
20Kb / 2P
   TRIAC, 4A Sensitive Gate
NTE5655 NTE-NTE5655 Datasheet
19Kb / 2P
   TRIAC - 800mA Sensitive Gate
More results


Html Pages

1 2 3 4 5


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com