전자부품 데이터시트 검색엔진 |
|
STD02Y0 데이터시트(PDF) 46 Page - Tyco Electronics |
|
STD02Y0 데이터시트(HTML) 46 Page - Tyco Electronics |
46 / 85 page HPK Thermal transfer printable panel labels 46 Catalog 1654227 Dimensions not italicized are Dimensions are shown for USA: 1-800-522-6752 South America: 55-11-3611-1514 Revised 04-07 in millimeters while dimensions reference purposes only. Canada: 1-905-470-4425 Hong Kong: 852-2735-1628 in inches are italicized. Specifications subject Mexico: 01-800-733-8926 Japan: 81-44-844-8013 www.tycoelectronics.com to change. C. America: 52-55-5-729-0425 UK: 44-141-810-8967 Performance Labels 46 Tyco Electronics HPK is a semi-rigid, heavy gauge polypropylene film with a permanent acrylic adhesive, designed to permanently identify control panel components and racks, as well as general labeling applications that require a high performance heavy gauge material. They offer excellent abrasion resistance, and adhere to most smooth surfaces including bare and painted metal. For reliable print performance and durability, use with Tyco Electronics 1330-0607 ribbon. Features and benefits I Self-adhesive backing for quick and easy fixing I Thermal transfer printable I Recommended for indoor use I Resistant to common fluids, lubricants and solvents Temperature rating Operating temperature range –29°C to +80°C –20°F to +176°F Minimum recovery temperature 10°C +50°F Specifications/approvals Tyco Electronics TTDS- 008 Printer information Tyco Electronics printer T308S (thermal transfer) Tyco Electronics ribbon 1330-0607-10 (thermal transfer) HPK 02 WE 1 050 Part numbering system Label width (mm) Scoring (optional) Color Label height Product family |
유사한 부품 번호 - STD02Y0 |
|
유사한 설명 - STD02Y0 |
|
|
링크 URL |
개인정보취급방침 |
ALLDATASHEET.CO.KR |
ALLDATASHEET 가 귀하에 도움이 되셨나요? [ DONATE ] |
Alldatasheet는? | 광고문의 | 운영자에게 연락하기 | 개인정보취급방침 | 링크교환 | 제조사별 검색 All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |