전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FM23MLD16 데이터시트(PDF) 7 Page - Cypress Semiconductor

부품명 FM23MLD16
상세설명  8Mbit F-RAM Memory
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  CYPRESS [Cypress Semiconductor]
홈페이지  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

FM23MLD16 데이터시트(HTML) 7 Page - Cypress Semiconductor

Back Button FM23MLD16 Datasheet HTML 3Page - Cypress Semiconductor FM23MLD16 Datasheet HTML 4Page - Cypress Semiconductor FM23MLD16 Datasheet HTML 5Page - Cypress Semiconductor FM23MLD16 Datasheet HTML 6Page - Cypress Semiconductor FM23MLD16 Datasheet HTML 7Page - Cypress Semiconductor FM23MLD16 Datasheet HTML 8Page - Cypress Semiconductor FM23MLD16 Datasheet HTML 9Page - Cypress Semiconductor FM23MLD16 Datasheet HTML 10Page - Cypress Semiconductor FM23MLD16 Datasheet HTML 11Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
FM23MLD16 - 512Kx16 FRAM (multi die)
Rev. 2.0
June 2012
Page 7 of 13
Electrical Specifications
Absolute Maximum Ratings
Symbol
Description
Ratings
VDD
Power Supply Voltage with respect to VSS
-1.0V to +4.5V
VIN
Voltage on any signal pin with respect to VSS
-1.0V to +4.5V and
VIN < VDD+1V
TSTG
Storage Temperature
-55
°C to +125°C
TLEAD
Lead Temperature (Soldering, 10 seconds)
300
° C
VESD
Electrostatic Discharge Voltage
- Human Body Model (JEDEC Std JESD22-A114-D)
- Charged Device Model (JEDEC Std JESD22-C101-C)
- Machine Model (JEDEC Std JESD22-A115-A)
1.5kV
1.2kV
170V
Package Moisture Sensitivity Level
MSL-3
Stresses above those listed under Absolute Maximum Ratings may cause permanent damage to the device. This is a stress rating
only, and the functional operation of the device at these or any other conditions above those listed in the operational section of this
specification is not implied. Exposure to absolute maximum ratings conditions for extended periods may affect device reliability.
DC Operating Conditions (TA = -40° C to + 85° C, VDD = 2.7V to 3.6V unless otherwise specified)
Symbol
Parameter
Min
Typ
Max
Units
Notes
VDD
Power Supply
2.7
3.3
3.6
V
IDD
Power Supply Current
9
14
mA
1
ISB
Standby Current
@ TA = 25°C
@ TA = 85°C
180
-
300
540
μA
μA
2
VTP
VDD Trip Point to Block Accesses
2.2
-
2.6
V
3
ILI
Input Leakage Current
±1
μA
ILO
Output Leakage Current
±1
μA
VIH
Input High Voltage
2.2
VDD + 0.3
V
VIL
Input Low Voltage
-0.3
0.6
V
VOH1
Output High Voltage (IOH = -1.0 mA)
2.4
V
VOH2
Output High Voltage (IOH = -100 μA)
VDD-0.2
V
VOL1
Output Low Voltage (IOL = 2.1 mA)
0.4
V
VOL2
Output Low Voltage (IOL = 100 μA)
0.2
V
Notes
1.
VDD = 3.6V, CE pin(s) cycling at min. cycle time. All inputs toggling at CMOS levels (0.2V or VDD-0.2V), all DQ pins
unloaded.
2.
VDD = 3.6V, /CE1 at VDD or CE2 at VSS, all other pins are static and at CMOS levels (0.2V or VDD-0.2V).
3.
If VDD < VTP, all memory accesses are blocked regardless of input pin conditions.


유사한 부품 번호 - FM23MLD16

제조업체부품명데이터시트상세설명
logo
Ramtron International C...
FM23MLD16 RAMTRON-FM23MLD16 Datasheet
173Kb / 13P
   8Mbit F-RAM Memory
FM23MLD16-60-BG RAMTRON-FM23MLD16-60-BG Datasheet
173Kb / 13P
   8Mbit F-RAM Memory
More results

유사한 설명 - FM23MLD16

제조업체부품명데이터시트상세설명
logo
Ramtron International C...
FM23MLD16 RAMTRON-FM23MLD16 Datasheet
173Kb / 13P
   8Mbit F-RAM Memory
FM22LD16 RAMTRON-FM22LD16_09 Datasheet
215Kb / 14P
   4Mbit F-RAM Memory
FM21LD16 RAMTRON-FM21LD16 Datasheet
217Kb / 14P
   2Mbit F-RAM Memory
logo
Cypress Semiconductor
FM21LD16 CYPRESS-FM21LD16 Datasheet
438Kb / 15P
   2Mbit F-RAM Memory
FM22LD16 CYPRESS-FM22LD16 Datasheet
434Kb / 14P
   4Mbit F-RAM Memory
logo
Ramtron International C...
FM21LD16 RAMTRON-FM21LD16_11 Datasheet
277Kb / 15P
   2Mbit F-RAM Memory
logo
Cypress Semiconductor
FM22LD16 CYPRESS-FM22LD16_13 Datasheet
424Kb / 15P
   4Mbit F-RAM Memory
logo
Ramtron International C...
FM22LD16 RAMTRON-FM22LD16 Datasheet
211Kb / 14P
   4Mbit F-RAM Memory
FM21L16 RAMTRON-FM21L16_11 Datasheet
292Kb / 15P
   2Mbit F-RAM Memory
logo
Cypress Semiconductor
FM28V202 CYPRESS-FM28V202 Datasheet
479Kb / 18P
   2Mbit (128Kx16)F-RAM Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com