전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FM24V01 데이터시트(PDF) 2 Page - Cypress Semiconductor

부품명 FM24V01
상세설명  128Kb Serial 3V F-RAM Memory
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  CYPRESS [Cypress Semiconductor]
홈페이지  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

FM24V01 데이터시트(HTML) 2 Page - Cypress Semiconductor

  FM24V01 Datasheet HTML 1Page - Cypress Semiconductor FM24V01 Datasheet HTML 2Page - Cypress Semiconductor FM24V01 Datasheet HTML 3Page - Cypress Semiconductor FM24V01 Datasheet HTML 4Page - Cypress Semiconductor FM24V01 Datasheet HTML 5Page - Cypress Semiconductor FM24V01 Datasheet HTML 6Page - Cypress Semiconductor FM24V01 Datasheet HTML 7Page - Cypress Semiconductor FM24V01 Datasheet HTML 8Page - Cypress Semiconductor FM24V01 Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
FM24V01 - 128Kb I2C FRAM
Rev. 3.0
Jan. 2012
Page 2 of 14
Address
Latch
2K x 64
FRAM Array
Data Latch
8
SDA
Counter
Serial to Parallel
Converter
Control Logic
SCL
WP
A0-A2
Device ID and
Serial Number
8
Figure 1. FM24V01 Block Diagram
Pin Description
Pin Name
Type
Pin Description
A0-A2
Input
Device Select Address 0-2: These pins are used to select one of up to 8 devices of
the same type on the same two-wire bus. To select the device, the address value on
the two pins must match the corresponding bits contained in the slave address. The
address pins are pulled down internally.
SDA
I/O
Serial Data/Address: This is a bi-directional pin for the two-wire interface. It is
open-drain and is intended to be wire-OR’d with other devices on the two-wire bus.
The input buffer incorporates a Schmitt trigger for noise immunity and the output
driver includes slope control for falling edges. An external pull-up resistor is
required.
SCL
Input
Serial Clock: The serial clock pin for the two-wire interface. Data is clocked out of
the part on the falling edge, and into the device on the rising edge. The SCL input
also incorporates a Schmitt trigger input for noise immunity.
WP
Input
Write Protect: When tied to VDD, addresses in the entire memory map will be write-
protected. When WP is connected to ground, all addresses may be written. This pin
is pulled down internally.
VDD
Supply
Supply Voltage
VSS
Supply
Ground


유사한 부품 번호 - FM24V01

제조업체부품명데이터시트상세설명
logo
Ramtron International C...
FM24V01 RAMTRON-FM24V01 Datasheet
317Kb / 14P
   128Kb Serial 3V F-RAM Memory
logo
Cypress Semiconductor
FM24V01-G CYPRESS-FM24V01-G Datasheet
389Kb / 15P
   128Kb Serial 3V F-RAM Memory
FM24V01-GTR CYPRESS-FM24V01-GTR Datasheet
389Kb / 15P
   128Kb Serial 3V F-RAM Memory
FM24V01A CYPRESS-FM24V01A Datasheet
1Mb / 19P
   128-Kbit (16K 횞 8) Serial (I2C) F-RAM
FM24V01A-G CYPRESS-FM24V01A-G Datasheet
1Mb / 19P
   128-Kbit (16K 횞 8) Serial (I2C) F-RAM
More results

유사한 설명 - FM24V01

제조업체부품명데이터시트상세설명
logo
Cypress Semiconductor
FM25V01 CYPRESS-FM25V01 Datasheet
471Kb / 18P
   128Kb Serial 3V F-RAM Memory
FM24V01 CYPRESS-FM24V01_13 Datasheet
389Kb / 15P
   128Kb Serial 3V F-RAM Memory
FM25V01 CYPRESS-FM25V01 Datasheet
508Kb / 15P
   128Kb Serial 3V F-RAM Memory
logo
Ramtron International C...
FM24V01 RAMTRON-FM24V01 Datasheet
317Kb / 14P
   128Kb Serial 3V F-RAM Memory
FM25V01 RAMTRON-FM25V01 Datasheet
407Kb / 15P
   128Kb Serial 3V F-RAM Memory
FM25V02 RAMTRON-FM25V02 Datasheet
343Kb / 17P
   256Kb Serial 3V F-RAM Memory
FM25V10 RAMTRON-FM25V10 Datasheet
333Kb / 16P
   1Mb Serial 3V F-RAM Memory
logo
Cypress Semiconductor
FM24CL64B CYPRESS-FM24CL64B Datasheet
354Kb / 13P
   64Kb Serial 3V F-RAM Memory
FM24V02 CYPRESS-FM24V02 Datasheet
401Kb / 16P
   256Kb Serial 3V F-RAM Memory
FM25L16B CYPRESS-FM25L16B Datasheet
473Kb / 14P
   16Kb Serial 3V F-RAM Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com