전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FM24V10-G 데이터시트(PDF) 3 Page - Cypress Semiconductor

부품명 FM24V10-G
상세설명  1Mb Serial 3V F-RAM Memory
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  CYPRESS [Cypress Semiconductor]
홈페이지  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

FM24V10-G 데이터시트(HTML) 3 Page - Cypress Semiconductor

  FM24V10-G Datasheet HTML 1Page - Cypress Semiconductor FM24V10-G Datasheet HTML 2Page - Cypress Semiconductor FM24V10-G Datasheet HTML 3Page - Cypress Semiconductor FM24V10-G Datasheet HTML 4Page - Cypress Semiconductor FM24V10-G Datasheet HTML 5Page - Cypress Semiconductor FM24V10-G Datasheet HTML 6Page - Cypress Semiconductor FM24V10-G Datasheet HTML 7Page - Cypress Semiconductor FM24V10-G Datasheet HTML 8Page - Cypress Semiconductor FM24V10-G Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
FM24V10 - 1Mb I2C FRAM
Rev. 3.0
Jan. 2012
Page 3 of 16
Overview
The FM24V10 is a family of serial F-RAM memory
devices. The memory array is logically organized as a
131,072 x 8 bit memory array and is accessed using
an
industry
standard
two-wire
(I
2C) interface.
Functional operation of the F-RAM is similar to
serial EEPROM. The major difference between the
FM24V10 and serial EEPROM is F-RAM’s superior
write performance.
Memory Architecture
When accessing the FM24V10, the user addresses
131,072 locations each with 8 data bits. These data
bits are shifted serially. The 131,072 addresses are
accessed using the two-wire protocol, which includes
a slave address (to distinguish other non-memory
devices), a page select bit, and a 2-byte address. The
17-bit address consists of a page select bit followed
by 16-bits. The complete address of 17 bits specifies
each byte address uniquely.
The access time for memory operation is essentially
zero beyond the time needed for the serial protocol.
That is, the memory is read or written at the speed of
the two-wire bus. Unlike an EEPROM, it is not
necessary to poll the device for a ready condition
since writes occur at bus speed. That is, by the time a
new bus transaction can be shifted into the part, a
write operation will be complete. This is explained in
more detail in the interface section below.
Users expect several obvious system benefits from
the FM24V10 due to its fast write cycle and high
endurance as compared with EEPROM. However
there are less obvious benefits as well. For example
in a high noise environment, the fast-write operation
is less susceptible to corruption than an EEPROM
since it is completed quickly. By contrast, an
EEPROM
requiring
milliseconds
to
write
is
vulnerable to noise during much of the cycle.
Note that it is the user’s responsibility to ensure that
VDD is within datasheet tolerances to prevent
incorrect operation.
Two-wire Interface
The FM24V10 employs a bi-directional two-wire bus
protocol using few pins or board space. Figure 2
illustrates a typical system configuration using the
FM24V10 in a microcontroller-based system. The
industry standard two-wire bus is familiar to many
users but is described in this section.
By convention, any device that is sending data onto
the bus is the transmitter while the target device for
this data is the receiver. The device that is controlling
the bus is the master. The master is responsible for
generating the clock signal for all operations. Any
device on the bus that is being controlled is a slave.
The FM24V10 always is a slave device.
The bus protocol is controlled by transition states in
the SDA and SCL signals. There are four conditions
including start, stop, data bit, or acknowledge. Figure
3 illustrates the signal conditions that specify the four
states. Detailed timing diagrams are shown in the
electrical specifications section.
Microcontroller
SDA
SCL
FM24V10
A1 A2
SDA
SCL
FM24V10
A1 A2
VDD
Rmin = 1.1 Kohm
Rmax = tR/Cbus
Figure 2. Typical System Configuration


유사한 부품 번호 - FM24V10-G

제조업체부품명데이터시트상세설명
logo
Ramtron International C...
FM24V10-G RAMTRON-FM24V10-G Datasheet
206Kb / 15P
   1Mb Serial 3V F-RAM Memory
FM24V10-G RAMTRON-FM24V10-G Datasheet
347Kb / 16P
   1Mb Serial 3V F-RAM Memory
logo
Cypress Semiconductor
FM24V10-G CYPRESS-FM24V10-G Datasheet
417Kb / 17P
   1Mb Serial 3V F-RAM Memory
logo
Ramtron International C...
FM24V10-GTR RAMTRON-FM24V10-GTR Datasheet
206Kb / 15P
   1Mb Serial 3V F-RAM Memory
FM24V10-GTR RAMTRON-FM24V10-GTR Datasheet
347Kb / 16P
   1Mb Serial 3V F-RAM Memory
More results

유사한 설명 - FM24V10-G

제조업체부품명데이터시트상세설명
logo
Cypress Semiconductor
FM25V10 CYPRESS-FM25V10_13 Datasheet
484Kb / 17P
   1Mb Serial 3V F-RAM Memory
logo
Ramtron International C...
FM24V10 RAMTRON-FM24V10_10 Datasheet
347Kb / 16P
   1Mb Serial 3V F-RAM Memory
logo
Cypress Semiconductor
FM24V10 CYPRESS-FM24V10_13 Datasheet
417Kb / 17P
   1Mb Serial 3V F-RAM Memory
logo
Ramtron International C...
FM25V10 RAMTRON-FM25V10 Datasheet
333Kb / 16P
   1Mb Serial 3V F-RAM Memory
FM24V10 RAMTRON-FM24V10 Datasheet
206Kb / 15P
   1Mb Serial 3V F-RAM Memory
logo
Cypress Semiconductor
FM25V10 CYPRESS-FM25V10 Datasheet
531Kb / 16P
   1Mb Serial 3V F-RAM Memory
logo
Ramtron International C...
FM25V02 RAMTRON-FM25V02 Datasheet
343Kb / 17P
   256Kb Serial 3V F-RAM Memory
logo
Cypress Semiconductor
FM24CL64B CYPRESS-FM24CL64B Datasheet
354Kb / 13P
   64Kb Serial 3V F-RAM Memory
FM24V01 CYPRESS-FM24V01 Datasheet
378Kb / 14P
   128Kb Serial 3V F-RAM Memory
FM24V02 CYPRESS-FM24V02 Datasheet
401Kb / 16P
   256Kb Serial 3V F-RAM Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com